công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC0X11S-Q1 bảng dữ liệu (PDF) - Texas Instruments

AMC0X11S-Q1 Datasheet PDF - Texas Instruments
tên linh kiện AMC0X11S-Q1
tải về  AMC0X11S-Q1 tải về
kích thước tập tin   1584.74 Kbytes
Page   39 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện AMC0x11S-Q1 Automotive, Precision, 2.25V Input, Basic and Reinforced Isolated Amplifiers With Fixed-Gain and Single-Ended Output

AMC0X11S-Q1 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
AMC0X11S-Q1 Datasheet PDF - Texas Instruments

tên linh kiện AMC0X11S-Q1
tải về  AMC0X11S-Q1 Click to download

kích thước tập tin   1584.74 Kbytes
Page   39 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện AMC0x11S-Q1 Automotive, Precision, 2.25V Input, Basic and Reinforced Isolated Amplifiers With Fixed-Gain and Single-Ended Output

AMC0X11S-Q1 bảng dữ liệu (HTML) - Texas Instruments


AMC0X11S-Q1 Thông tin chi tiết sản phẩm

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Linear input voltage range: 0V to 2.25V
• High input impedance: 2.4GΩ (typical)
• Supply voltage range:
– High-side (VDD1): 3.0V to 5.5V
– Low-side (VDD2): 3.0V to 5.5V
• Fixed gain: 1V/V
• Single-ended output
• Low DC errors:
– Offset error: ±1mV (maximum)
– Offset drift: ±30μV/°C (maximum)
– Gain error: ±0.25% (maximum)
– Gain drift: ±50ppm/°C (maximum)
– Nonlinearity: ±0.08% (maximum)
• High CMTI: 150V/ns (minimum)
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Isolation ratings:
– AMC0211S-Q1: Basic isolation
– AMC0311S-Q1: Reinforced isolation
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL1577

2 Applications
• Traction inverters
• Onboard chargers
• DC/DC converters

3 Description
The AMC0x11S-Q1 is a precision, galvanically
isolated amplifier with a 2.25V, high-impedance
input, fixed-gain, and single-ended output. The highimpedance
input is optimized for connection to a highimpedance
resistive divider or other voltage signal
source with high output resistance.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced isolation up to 5kVRMS (DWV
package) and basic isolation up to 3kVRMS (D
package) (60s).
The AMC0x11S-Q1 outputs a single-ended signal
proportional to the input voltage with a fixed gain of
1V/V. The output is designed to connect directly to the
input of an ADC. The voltage applied to the REFIN pin
sets the output voltage at 0V input.
The AMC0x11S-Q1 devices come in 8-pin, wide- and
narrow-body SOIC packages, and are fully specified
over the temperature range from –40°C to +125°C.




Số phần tương tự - AMC0X11S-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AMC0X11S-Q1 TI-AMC0X11S-Q1 Datasheet
889Kb / 25P
AMC0x11S-Q1 Automotive, Precision, 2.25V Input, Basic and Reinforced Isolated Amplifiers With Fixed-Gain, Single-Ended Output
OCTOBER 2024
AMC0X11S-Q1 TI2-AMC0X11S-Q1 Datasheet
1,012Kb / 27P
AMC0x11S-Q1 Automotive, Precision, 2.25V Input, Basic and Reinforced Isolated Amplifiers With Fixed-Gain and Single-Ended Output
REVISED MAY 2025
AMC0X11S-Q1 TI2-AMC0X11S-Q1 Datasheet
1Mb / 34P
AMC0x11S-Q1 Automotive, Precision, 2.25V Input, Basic and Reinforced Isolated Amplifiers With Fixed-Gain and Single-Ended Output
REVISED MAY 2025
More results


Mô tả tương tự - AMC0X11S-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ISO224 TI1-ISO224 Datasheet
568Kb / 25P
Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC1350-Q1 TI-AMC1350-Q1 Datasheet
2Mb / 37P
AMC1350-Q1 Automotive, Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1351-Q1 TI-AMC1351-Q1 Datasheet
2Mb / 36P
AMC1351-Q1 Automotive, Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1306M05-Q1 TI-AMC1306M05-Q1 Datasheet
2Mb / 36P
AMC1306M05-Q1 Automotive, High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC1306M25-Q1 TI-AMC1306M25-Q1 Datasheet
2Mb / 36P
AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
logo
Analog Devices
ADUM4195-1 AD-ADUM4195-1 Datasheet
634Kb / 16P
Isolated Amplifier with Fixed Gain and Single-Ended Output
Rev. 0
logo
Texas Instruments
AMC3311-Q1 TI-AMC3311-Q1 Datasheet
1Mb / 27P
AMC3311-Q1 Automotive, Precision, ±1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
JUNE 2023
logo
Analog Devices
ADUM3195 AD-ADUM3195 Datasheet
803Kb / 19P
Isolated Amplifier with Adjustable Gain and Single-Ended Output
Rev. 0
logo
Texas Instruments
AMC3311-Q1 TI-AMC3311-Q1_V01 Datasheet
1Mb / 36P
AMC3311-Q1 Automotive, Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com