công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD9833SDZ bảng dữ liệu (PDF) - Analog Devices

EVAL-AD9833SDZ Datasheet PDF - Analog Devices
tên linh kiện EVAL-AD9833SDZ
tải về  EVAL-AD9833SDZ tải về
kích thước tập tin   479.73 Kbytes
Page   21 Pages
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices
Giải thích chi tiết về linh kiện Low Power, 12.65 mW, 2.3 V to 5.5 V, Programmable Waveform Generator

EVAL-AD9833SDZ Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
EVAL-AD9833SDZ Datasheet PDF - Analog Devices

tên linh kiện EVAL-AD9833SDZ
tải về  EVAL-AD9833SDZ Click to download

kích thước tập tin   479.73 Kbytes
Page   21 Pages
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices
Giải thích chi tiết về linh kiện Low Power, 12.65 mW, 2.3 V to 5.5 V, Programmable Waveform Generator

EVAL-AD9833SDZ bảng dữ liệu (HTML) - Analog Devices


EVAL-AD9833SDZ Thông tin chi tiết sản phẩm

FEATURES
Digitally programmable frequency and phase
12.65 mW power consumption at 3 V
0 MHz to 12.5 MHz output frequency range
28-bit resolution: 0.1 Hz at 25 MHz reference clock
Sinusoidal, triangular, and square wave outputs
2.3 V to 5.5 V power supply
No external components required
3-wire SPI interface
Extended temperature range: −40°C to +105°C
Power-down option
10-lead MSOP package
AEC-Q100 qualified for automotive applications
APPLICATIONS
Frequency stimulus/waveform generation
Liquid and gas flow measurement
Sensory applications: proximity, motion,
and defect detection
Line loss/attenuation
Test and medical equipment
Sweep/clock generators
Time domain reflectometry (TDR) applications

GENERAL DESCRIPTION
The AD9833 is a low power, programmable waveform
generator capable of producing sine, triangular, and square
wave outputs. Waveform generation is required in various
types of sensing, actuation, and time domain reflectometry
(TDR) applications. The output frequency and phase are
software programmable, allowing easy tuning. No external
components are needed. The frequency registers are 28 bits
wide: with a 25 MHz clock rate, resolution of 0.1 Hz can be
achieved; with a 1 MHz clock rate, the AD9833 can be tuned to
0.004 Hz resolution.
The AD9833 is written to via a 3-wire serial interface. This serial
interface operates at clock rates up to 40 MHz and is
compatible with DSP and microcontroller standards. The
device operates with a power supply from 2.3 V to 5.5 V.
The AD9833 has a power-down function (SLEEP). This function
allows sections of the device that are not being used to be powered
down, thus minimizing the current consumption of the part. For
example, the DAC can be powered down when a clock output
is being generated.
The AD9833 is available in a 10-lead MSOP package.




Số phần tương tự - EVAL-AD9833SDZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
EVAL-AD9833SDZ AD-EVAL-AD9833SDZ Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
More results


Mô tả tương tự - EVAL-AD9833SDZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9834 AD-AD9834 Datasheet
236Kb / 20P
Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
AD9837 AD-AD9837 Datasheet
974Kb / 28P
Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
REV. 0
AD9838 AD-AD9838 Datasheet
620Kb / 32P
11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9834 AD-AD9834_10 Datasheet
394Kb / 32P
20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834CRUZ AD-AD9834CRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9833SRMZ-EP-RL7 AD-AD9833SRMZ-EP-RL7 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
AD9833 AD-AD9833_15 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V
Rev. E
AD9834 AD-AD9834_15 Datasheet
551Kb / 32P
20 mW Power, 2.3 V to 5.5 V
Rev. D
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
More results




Giới thiệu về Analog Devices


Analog Devices, Inc. (ADI) là một công ty giao dịch công khai, thiết kế, phát triển và sản xuất các mạch tích hợp tín hiệu tương tự, tín hiệu hỗn hợp và tín hiệu số (DSP) (ICS).
Công ty được thành lập vào năm 1965 và có trụ sở tại Norwood, Massachusetts.
ADI phục vụ một loạt các ngành công nghiệp, bao gồm hàng không vũ trụ và quốc phòng, ô tô, truyền thông, người tiêu dùng, công nghiệp, y tế, và kiểm tra và đo lường.
Danh mục sản phẩm của công ty bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, ICS quản lý năng lượng, bộ vi điều khiển, cảm biến và tần số vô tuyến (RF) và các thành phần vi sóng, trong số các thành phần khác.
ADI dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp chất lượng cao, đáng tin cậy để đáp ứng nhu cầu của họ.
Tập trung vào hiệu quả năng lượng và tính bền vững, ADI là một nhà lãnh đạo trong ngành công nghiệp IC tương tự và tương tự, thúc đẩy những tiến bộ công nghệ và cung cấp các giải pháp sáng tạo cho các vấn đề thách thức nhất thế giới.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com