công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1553BGY bảng dữ liệu (PDF) - Hammond Manufacturing Ltd.

1553BGY Datasheet PDF - Hammond Manufacturing Ltd.
tên linh kiện 1553BGY
tải về  1553BGY tải về
kích thước tập tin   844.41 Kbytes
Page   3 Pages
nhà sản xuất  HAMMOND [Hammond Manufacturing Ltd.]
Trang chủ  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Giải thích chi tiết về linh kiện ABS Plastic Hand Held Enclosures Soft Sided, Ergonomic Comfort, Battery Compartments

1553BGY Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
1553BGY Datasheet PDF - Hammond Manufacturing Ltd.

tên linh kiện 1553BGY
tải về  1553BGY Click to download

kích thước tập tin   844.41 Kbytes
Page   3 Pages
nhà sản xuất  HAMMOND [Hammond Manufacturing Ltd.]
Trang chủ  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Giải thích chi tiết về linh kiện ABS Plastic Hand Held Enclosures Soft Sided, Ergonomic Comfort, Battery Compartments

1553BGY bảng dữ liệu (HTML) - Hammond Manufacturing Ltd.


1553BGY Thông tin chi tiết sản phẩm

Key Features
Ergonomically designed for hand-held comfort.
Choice of five sizes and six color combinations.
Choice of two versions in the three larger sizes (ie...with or without battery door & compartment)
Molded in general purpose ABS plastic with an overmold, soft plastic grip.
Top cover is recessed for membrane display or keypad.
P.C. board standoffs are molded into case (see drawings or photos for more details).
Includes removable front panel (for easy modifications) and assembly hardware (except for smallest 1553A units).
Battery door & compartment version includes 4 battery clips (for 2 - AA batteries) and a 9 volt (PP3) battery clip.
Gray 1553 series enclosures include nickel plated screws. All other color use black screws. Refer to product datasheets for correct part numbers.
For similar enclosures designed for water-tight applications, try series 1553W

Photo Features
Perfect for handheld use.
Battery version comes with clips for AA for 9V.




Số phần tương tự - 1553BGY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hammond Manufacturing L...
1553BGY HAMMOND-1553BGY Datasheet
474Kb / 1P
Purchas ed as sembly includes top and bottom cover, and 4 cover screws .
1553BGY HAMMOND-1553BGY Datasheet
355Kb / 1P
Enclosure m olded from GP ABS (UL94-HB) plastic.
logo
BusBoard Prototype Syst...
1553BGY BUSBOARD-1553BGY Datasheet
1Mb / 5P
A Hammond 1553B soft-side plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
logo
Hammond Manufacturing L...
1553BGY HAMMOND-1553BGY Datasheet
853Kb / 4P
ABS Plastic Hand Held Enclosures 1553 Series Soft Sided, Ergonomic Comfort, Battery Compartments
9/6/2021
1553BGYBAT HAMMOND-1553BGYBAT Datasheet
355Kb / 1P
Enclosure m olded from GP ABS (UL94-HB) plastic.
More results


Mô tả tương tự - 1553BGY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bud Industries, Inc.
HP-3660-B BUD-HP-3660-B Datasheet
225Kb / 2P
HAND HELD PLASTIC STYLE 3
HP-3650-B BUD-HP-3650-B Datasheet
179Kb / 2P
HAND HELD PLASTIC STYLE 2
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
logo
Bud Industries, Inc.
HP-3649-B BUD-HP-3649-B Datasheet
47Kb / 1P
HAND-HELD PLASTIC BOX (STYLE 1)
logo
SICK AG
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
2017-05-12
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com