công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSN55LVRA4MDTSEP bảng dữ liệu (PDF) - Texas Instruments

PSN55LVRA4MDTSEP Datasheet PDF - Texas Instruments
tên linh kiện PSN55LVRA4MDTSEP
tải về  PSN55LVRA4MDTSEP tải về
kích thước tập tin   1116.87 Kbytes
Page   31 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện SN55LVRA4-SEP Radiation Tolerant Quad Channel High-Speed Differential Receiver

PSN55LVRA4MDTSEP Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
PSN55LVRA4MDTSEP Datasheet PDF - Texas Instruments

tên linh kiện PSN55LVRA4MDTSEP
tải về  PSN55LVRA4MDTSEP Click to download

kích thước tập tin   1116.87 Kbytes
Page   31 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện SN55LVRA4-SEP Radiation Tolerant Quad Channel High-Speed Differential Receiver

PSN55LVRA4MDTSEP bảng dữ liệu (HTML) - Texas Instruments


PSN55LVRA4MDTSEP Thông tin chi tiết sản phẩm

1 Features
• VID V62/25606-01XE
• Total ionizing dose characterized at 30krad (Si)
– Total ionizing dose radiation lot acceptance
testing (TID RLAT) for every wafer lot to 30krad
(Si)
• Single-event effects (SEE) characterized:
– Single event latch-up (SEL) immune to linear
energy transfer (LET) = 50MeV-cm2 /mg
– Single event transient (SET) characterization
report available
• 400Mbps signaling rate
• Operates with a single 3.3V supply
• –4V to 5V extended common-mode input voltage
range
• Differential input thresholds < ±50mV with 50mV of
hysteresis over entire common-mode input voltage
range
• Complies with TIA/EIA-644 (LVDS)
• Active fail-safe assures a high-level output with no
input and input remains high-impedance on power
down
• Bus-pin ESD protection exceeds 15kV HBM
• TTL control inputs are 5V tolerant
• Space enhanced plastic (SEP)
– Controlled baseline
– Gold wire, NiPdAu lead finish
– One assembly and test site, one fabrication site
– Extended product life cycle
– Military (–55°C to 125°C) temperature range
– Product traceability
– Meets NASA ASTM E595 outgassing
specification

2 Applications
• Low Earth orbit (LEO) satellite systems
• Command & data handling (C&DH)
• Communications payload
• Optical imaging payload
• Radar imaging payload

3 Description
The SN55LVRA4-SEP offers the widest commonmode
input voltage range in the industry. These
receivers provide an input voltage range specification
compatible with a 5V PECL signal as well as an
overall increased ground-noise tolerance.
The SN55LVRA4-SEP include a failsafe circuit that
provides a high-level output within 60ns after loss
of the input signal. The most common causes of
signal loss are disconnected cables, shorted lines,
or powered-down transmitters. The failsafe circuit
prevents noise from being received as valid data
under these fault conditions.
The intended application and signaling technique
of these devices is point-to-point baseband data
transmission over controlled impedance media of
approximately 100Ω. The transmission media can be
printed-circuit board traces, backplanes, or cables.
The ultimate rate and distance of data transfer is
dependent upon the attenuation characteristics of the
media and the noise coupling to the environment.
The SN55LVRA4-SEP is characterized for operation
from –55°C to 125°C.




Số phần tương tự - PSN55LVRA4MDTSEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
PSN55LVRA4MDTSEP TI1-PSN55LVRA4MDTSEP Datasheet
1Mb / 27P
SN55LVRA4-SEP Quad Channel High-Speed Differential Receiver
FEBRUARY 2025
More results


Mô tả tương tự - PSN55LVRA4MDTSEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HS-26CT32RH-T INTERSIL-HS-26CT32RH-T Datasheet
43Kb / 3P
Radiation Hardened Quad Differential Line Receiver
July 1999
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
Radiation Hardened Quad Differential Line Receiver
August 1, 2008
HS-26CT32RH INTERSIL-HS-26CT32RH Datasheet
146Kb / 3P
Radiation Hardened Quad Differential Line Receiver
August 7, 2008
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
May 28, 2009
logo
Texas Instruments
SN65LVDS349 TI1-SN65LVDS349 Datasheet
621Kb / 19P
QUAD HIGH-SPEED DIFFERENTIAL RECEIVER
logo
Intersil Corporation
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
Radiation Hardened Quad Differential Line Receiver
May 28, 2013
HS9-26C32RH-8 INTERSIL-HS9-26C32RH-8 Datasheet
227Kb / 4P
Radiation Hardened Quad Differential Line Receiver
May 28, 2013
logo
Texas Instruments
ISOS141-SEP TI-ISOS141-SEP Datasheet
1Mb / 40P
ISOS141-SEP Radiation Tolerant High-Speed Quad-Channel Digital Isolator
TPS7H2140-SEP TI1-TPS7H2140-SEP Datasheet
2Mb / 36P
TPS7H2140-SEP Radiation-Tolerant 32-V, 160-mΩ Quad-Channel eFuse
JULY 2023
TPS7H2140-SEP TI-TPS7H2140-SEP_V01 Datasheet
2Mb / 37P
TPS7H2140-SEP Radiation-Tolerant 32-V, 160-mΩ Quad-Channel eFuse
REVISED OCTOBER 2023
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com