công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2EDF7275F bảng dữ liệu (PDF) - Infineon Technologies AG

2EDF7275F Datasheet PDF - Infineon Technologies AG
tên linh kiện 2EDF7275F_V01
tải về  2EDF7275F tải về
kích thước tập tin   730.93 Kbytes
Page   37 Pages
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Giải thích chi tiết về linh kiện Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing

2EDF7275F Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
2EDF7275F Datasheet PDF - Infineon Technologies AG

tên linh kiện 2EDF7275F_V01
tải về  2EDF7275F Click to download

kích thước tập tin   730.93 Kbytes
Page   37 Pages
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Giải thích chi tiết về linh kiện Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing

2EDF7275F bảng dữ liệu (HTML) - Infineon Technologies AG


2EDF7275F Thông tin chi tiết sản phẩm

Description
The EiceDRIVER™ 2EDi is a family of fast dual-channel isolated MOSFET gate-driver ICs providing functional
(2EDFx) or reinforced (2EDSx) input-to-output isolation by means of coreless transformer (CT) technology. Due
to high driving current, excellent common-mode rejection and fast signal propagation, 2EDi is particularly well
suited for driving medium- to high-voltage MOSFETs (CoolMOS™, OptiMOS™, CoolSIC™, CoolGaN™) in fastswitching power systems.

Features
• 4 A/8 A or 1 A/2 A source/sink output current
• Up to 10 MHz PWM switching frequency
• PWM signal propagation delay typ. 37 ns with
– 3 ns channel-to-channel mismatch
– +7/-6 ns propagation delay variance
• Common Mode Transient Immunity CMTI >150 V/ns
• Fast safety turn-off in case of input side Undervoltage Lockout (UVLO)
• Output supply voltage from 4.5 V to 20 V with 4 V or 8 V UVLO threshold
• Wide temperature operating range TJ = -40°C to +150°C
• RoHS compliant wide /narrow-body (WB/NB) DSO16 and 5 mm × 5 mm LGA packages
• Fully qualified according to JEDEC for Industrial Applications




Số phần tương tự - 2EDF7275F_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
2EDF7275F INFINEON-2EDF7275F Datasheet
1Mb / 38P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
Rev. 2.5 2020-03-17
2EDF7275F INFINEON-2EDF7275F Datasheet
1Mb / 41P
EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
Rev. 2.7 2021-09-10
More results


Mô tả tương tự - 2EDF7275F_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
logo
Infineon Technologies A...
2EDF7275F INFINEON-2EDF7275F Datasheet
1Mb / 38P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
Rev. 2.5 2020-03-17
logo
Texas Instruments
ISO6720-Q1 TI-ISO6720-Q1_V02 Datasheet
4Mb / 54P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
logo
Infineon Technologies A...
2EDFX INFINEON-2EDFX Datasheet
1Mb / 41P
EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
Rev. 2.7 2021-09-10
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
logo
BASIC SEMICONDUCTOR
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
More results




Giới thiệu về Infineon Technologies AG


Infineon Technologies là nhà sản xuất chất bán dẫn hàng đầu toàn cầu, chuyên cung cấp các giải pháp quản lý năng lượng, bảo mật và kiểm soát cho nhiều ngành công nghiệp như ô tô, công nghiệp và hệ thống truyền thông.
Công ty được thành lập vào năm 1999 và có trụ sở tại Neubiberg, Đức.
Infineon cung cấp một loạt các sản phẩm bao gồm vi điều khiển, chất bán dẫn điện, cảm biến và các mạch tích hợp khác.
Công ty có sự hiện diện mạnh mẽ trên thị trường toàn cầu, với các hoạt động và cơ sở ở nhiều quốc gia trên thế giới.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com