công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SX1280 bảng dữ liệu (PDF) - Semtech Corporation

SX1280 Datasheet PDF - Semtech Corporation
tên linh kiện SX1280_V01
tải về  SX1280 tải về
kích thước tập tin   4094.55 Kbytes
Page   162 Pages
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Giải thích chi tiết về linh kiện Long Range, Low Power, 2.4GHz Transceiver with Ranging Capability

SX1280 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
SX1280 Datasheet PDF - Semtech Corporation

tên linh kiện SX1280_V01
tải về  SX1280 Click to download

kích thước tập tin   4094.55 Kbytes
Page   162 Pages
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Giải thích chi tiết về linh kiện Long Range, Low Power, 2.4GHz Transceiver with Ranging Capability

SX1280 bảng dữ liệu (HTML) - Semtech Corporation


SX1280 Thông tin chi tiết sản phẩm

General Description
The SX1280/1 transceiver family provides ultra long range
communication in the 2.4GHz band with the linearity to
withstand heavy interference. This makes them the ideal
solution for robust and reliable wireless solutions. They are
the first ISM band transceiver IC of their kind to integrate a
time-of-flight functionality, opening up application
solutions to track and localize assets in logistic chains and
people for safety. These long range 2.4GHz products
include multiple physical layers and modulations to
optimize long range communication at high data rate for
video and security applications. Very small products for
wearables can easily be designed thanks to the high level
of integration and the ultra-low current consumption
which allows the use of miniaturized batteries.
The radio is fully compliant with all worldwide 2.4GHz radio
regulations including EN 300 440, FCC CFR 47 Part 15 and
the Japanese ARIB STD-T66.
The level of integration, low consumption and ranging
functions within the long range 2.4GHz product line enable
enhanced connectivity and provide additional
functionality to a new generation of previously
unconnected devices and applications.

Key Features
• Long Range 2.4GHz transceiver
• High sensitivity, down to -132dBm
• +12.5dBm, high efficiency PA
• Low energy consumption, on-chip DC-DC
• LoRa®, FLRC, (G)FSK supported modulations
• Programmable bit rate
• Excellent blocking immunity
• Standard & Advanced Ranging Engine, Time-of-Flight
• Bluetooth® Low Energy PHY layer compatibility
• Low system cost

Applications
• Home automation & appliances
• IoT Asset Management and Safety
• Logistics Tracking applications
• Sports /Fitness sensors and smart watches
• Radio-controlled toys & drones
• Agriculture
• Healthcare




Số phần tương tự - SX1280_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SX1280IMLTRT SEMTECH-SX1280IMLTRT Datasheet
2Mb / 137P
Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
More results


Mô tả tương tự - SX1280_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
Low Power Long Range Transceiver
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Semtech Corporation
SX1280 SEMTECH-SX1280 Datasheet
2Mb / 137P
Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
logo
List of Unclassifed Man...
LT8920 ETC2-LT8920 Datasheet
1Mb / 51P
Long range 2.4GHz Radio Transceiver
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
Low Power Long Range Transceiver Module V2.0
More results




Giới thiệu về Semtech Corporation


Semtech Corporation là một công ty công nghệ Mỹ chuyên về thiết kế và sản xuất các chất bán dẫn tín hiệu tương tự và tín hiệu hỗn hợp hiệu suất cao. Công ty được thành lập vào năm 1960 và có trụ sở tại Camarillo, California. Semtech cung cấp một loạt các sản phẩm bao gồm bộ chuyển đổi dữ liệu, giải pháp quản lý năng lượng, các sản phẩm tần số cao và các thành phần tín hiệu tương tự và tương tự khác cho nhiều ứng dụng, bao gồm truyền thông không dây, ô tô, công nghiệp và điện tử tiêu dùng.

Semtech được biết đến với chuyên môn về công nghệ tín hiệu tương tự và hỗn hợp và khả năng cung cấp các sản phẩm sáng tạo và hiệu suất cao. Công ty tập trung mạnh vào nghiên cứu và phát triển và tích cực tham gia vào việc phát triển các công nghệ và giải pháp mới cho ngành công nghiệp bán dẫn. Các sản phẩm của Semtech được sử dụng rộng rãi trong nhiều ứng dụng và giúp hỗ trợ sự phát triển của ngành công nghiệp điện tử.

Trong những năm gần đây, SemTech đã mở rộng danh mục sản phẩm và các dịch vụ để bao gồm các giải pháp cho Internet of Things (IoT) và thị trường cảm biến không dây. Công ty cam kết giúp khách hàng thiết kế, phát triển và triển khai các sản phẩm sáng tạo đáp ứng nhu cầu thay đổi của ngành công nghiệp điện tử.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com