công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS610981 bảng dữ liệu (PDF) - Texas Instruments

TPS610981 Datasheet PDF - Texas Instruments
tên linh kiện TPS610981
tải về  TPS610981 tải về
kích thước tập tin   3645.09 Kbytes
Page   43 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/ Load Switch

TPS610981 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TPS610981 Datasheet PDF - Texas Instruments

tên linh kiện TPS610981
tải về  TPS610981 Click to download

kích thước tập tin   3645.09 Kbytes
Page   43 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/ Load Switch

TPS610981 bảng dữ liệu (HTML) - Texas Instruments


TPS610981 Thông tin chi tiết sản phẩm

1 Features
• 300-nA ultra-low IQ in low power mode
• Start-up into load at 0.7-V input voltage
• Operating input voltage from 0.7 V to 4.5 V
• Selectable output voltages up to 4.3 V
• Minimum 350-mA switch peak current limit
• Integrated LDO/load switch
• Two modes controlled by MODE pin
– Active mode: dual outputs at set values
– Low power mode: LDO/load switch off; boost
keeps on
• Automatic pass-through
• Up to 88% efficiency at 10-μA load from 2 V to 3.3
V conversion (low power mode)
• Up to 93% efficiency at 5-mA to 100-mA load from
2-V to 3.3-V conversion
• 1.5-mm × 1.5-mm WSON package

2 Applications
• Smart remote control
• BLE tag
• Wearable applications
• Low-power wireless applications
• Portable consumer or medical products
• Single-coin cell, single- or two-cell alkalinepowered
applications

3 Description
The TPS61098x is an ultra-low power solution for
products powered by either a one-cell or two-cell
alkaline, NiCd or NiMH, one-cell coin cell or one-cell
Li-Ion or Li-polymer battery. It integrates either a Lowdropout
Linear Regulator (LDO) or a load switch with
a boost converter and provides two output rails. The
boost output V(MAIN) is designed as an always-on
supply for a main system, and the LDO or load switch
output V(SUB) is to power peripheral devices.
The TPS61098x has two modes controlled by the
MODE pin: Active mode and Low Power mode. In
Active mode, both outputs are enabled with enhanced
response performance. In Low Power mode, the LDO
or load switch is disabled to disconnect peripherals.
The TPS61098x consumes only 300-nA quiescent
current and can achieve up to 88% efficiency at 10-μA
load in Low Power mode.
The TPS61098x supports automatic pass-through
function. When input voltage is higher than a passthrough
threshold, the boost converter stops switching
and passes the input voltage to the VMAIN rail; when
input voltage is lower than the threshold, the boost
works in Boost mode and regulates the output at
the target value. The TPS61098x provides different
versions for different output set values.
The TPS61098x can provide up to 50-mA total output
current at 0.7-V input to 3.3-V output conversion. The
boost is based on a hysteretic controller topology
using a synchronous rectifier to obtain maximum
efficiency at minimal quiescent current.
The TPS61098x is available in 1.5-mm × 1.5-mm
WSON package to enable small circuit layout size.




Số phần tương tự - TPS610981

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS610981 TI1-TPS610981 Datasheet
3Mb / 44P
TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS610981DSER TI1-TPS610981DSER Datasheet
2Mb / 42P
Ultra-Low Quiescent Current Synchronous Boost
TPS610981DSER TI1-TPS610981DSER Datasheet
3Mb / 44P
TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS610981DSET TI1-TPS610981DSET Datasheet
2Mb / 42P
Ultra-Low Quiescent Current Synchronous Boost
TPS610981DSET TI1-TPS610981DSET Datasheet
3Mb / 44P
TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
More results


Mô tả tương tự - TPS610981

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
Ultra-Low Quiescent Current Synchronous Boost
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com