công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS259250 bảng dữ liệu (PDF) - Texas Instruments

TPS259250 Datasheet PDF - Texas Instruments
tên linh kiện TPS259250
tải về  TPS259250 tải về
kích thước tập tin   1916.41 Kbytes
Page   36 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện TPS25925x, TPS25926x Simple 5-V/12-V eFuse Protection Switches

TPS259250 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TPS259250 Datasheet PDF - Texas Instruments

tên linh kiện TPS259250
tải về  TPS259250 Click to download

kích thước tập tin   1916.41 Kbytes
Page   36 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện TPS25925x, TPS25926x Simple 5-V/12-V eFuse Protection Switches

TPS259250 bảng dữ liệu (HTML) - Texas Instruments


TPS259250 Thông tin chi tiết sản phẩm

1 Features
• 12-V eFuse – TPS25926x
• 5-V eFuse – TPS25925x
• Integrated 30-mΩ Pass MOSFET
• Fixed Over-Voltage Clamp:
– 6.1-V Clamp - TPS25925x
– 15-V Clamp - TPS25926x
• 2-A to 5-A Adjustable ILIMIT (±15% Accuracy)
• Programmable VOUT Slew Rate, UVLO
• Built-in Thermal Shutdown
• UL 2367 Recognized – File No. E339631*
– *RILIM ≤ 130 kΩ (5 A maximum)
• Safe During Single Point Failure Test (UL60950)
• Small Foot Print – 10L (3 mm x 3 mm) VSON

2 Applications
• HDD and SSD Drives
• Set Top Boxes
• Servers and AUX Supplies
• PCI and PCIe Cards
• Adapter Powered Devices

3 Description
The TPS25925x/6x family of eFuses is a highly
integrated circuit protection and power management
solution in a tiny package. The devices use few
external components and provide multiple protection
modes. They are a robust defense against overloads,
shorts circuits, voltage surges, excessive inrush
current. Current limit level can be set with a single
external resistor and current limit set has a typical
accuracy of ±15%. Over voltage events are limited by
internal clamping circuits to a safe fixed maximum,
with no external components required. TPS25926x
devices provide over voltage protection (OVP) for 12-
V systems and TPS25925x devices for 5-V systems.
In cases with particular voltage ramp requirements, a
dV/dT pin is provided that can be programmed with a
single capacitor to ensure proper output ramp rates.




Số phần tương tự - TPS259250

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
Simple 5V/12V eFuse Protection Switches
TPS259250DRCR TI1-TPS259250DRCR Datasheet
1Mb / 35P
Simple 5V/12V eFuse Protection Switches
TPS259250DRCT TI1-TPS259250DRCT Datasheet
1Mb / 35P
Simple 5V/12V eFuse Protection Switches
More results


Mô tả tương tự - TPS259250

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
logo
Texas Instruments
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
Simple 5V/12V eFuse Protection Switches
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
12-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
5-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Vishay Siliconix
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
29-Feb-16
DG9422E VISHAY-DG9422E Datasheet
249Kb / 11P
1.7 Ω, Low On Resistance, 12 V, 5 V, 3 V, ± 5 V, SPST Switches
25-Jun-2018
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
6 Ω On-Resistance, 12 V, ± 5 V, 5 V, 3 V, SPST and SPDT Switches
11-Apr-2022
logo
Littelfuse
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
logo
STMicroelectronics
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
logo
Alpha & Omega Semicondu...
AOZ18101DI-03 AOSMD-AOZ18101DI-03 Datasheet
1Mb / 13P
14 V 20 mΩ Over-Voltage Protection Efuse
Rev. 1.0 December 2021
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com