công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W25D20 bảng dữ liệu (PDF) - Winbond

W25D20 Datasheet PDF - Winbond
tên linh kiện W25D20
tải về  W25D20 tải về
kích thước tập tin   1360.2 Kbytes
Page   45 Pages
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond
Giải thích chi tiết về linh kiện 1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI

W25D20 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
W25D20 Datasheet PDF - Winbond

tên linh kiện W25D20
tải về  W25D20 Click to download

kích thước tập tin   1360.2 Kbytes
Page   45 Pages
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond
Giải thích chi tiết về linh kiện 1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI

W25D20 bảng dữ liệu (HTML) - Winbond


W25D20 Thông tin chi tiết sản phẩm

GENERAL DESCRIPTION
The W25D10 (1M-bit), W25D20 (2M-bit), W25D40 (4M-bit) and W25D80 (8M-bit) Serial Flash
memories provide a storage solution for systems with limited space, pins and power. The 25X series
offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code
download applications as well as storing voice, text and data. The devices operate on a single 2.7V to
3.6V power supply with current consumption as low as 5mA active and 1µA for power-down. All
devices are offered in space-saving packages.
The W25D10/20/40/80 array is organized into 512/1024/2048/4096 programmable pages of 256-bytes
each. Up to 256 bytes can be programmed at a time using the Page Program instruction. Pages can
be erased in groups of 16 (sector erase), groups of 256 (block erase) or the entire chip (chip erase).
The W25D10/20/40/80 has 32/64/128/256 erasable sectors and 2/4/8/16 erasable blocks respectively.
The small 4KB sectors allow for greater flexibility in applications that require data and parameter
storage. (See figure 2.)
The W25D10/20/40/80 supports the standard Serial Peripheral Interface (SPI), and a high
performance dual output SPI using four pins: Serial Clock, Chip Select, Serial Data I/O and Serial
Data Out. SPI clock frequencies of up to 75MHz are supported allowing equivalent clock rates of
150MHz when using the Fast Read Dual Output instruction. These transfer rates are comparable to
those of 8 and 16-bit Parallel Flash memories.
A Hold pin, Write Protect pin and programmable write protect, with top or bottom array control
features, provide further control flexibility. Additionally, the device supports JEDEC standard
manufacturer and device identification.

FEATURES
• Family of Serial Flash Memories
– W25D10: 1M-bit / 128K-byte (131,072)
– W25D20: 2M-bit / 256K-byte (262,144)
– W25D40: 4M-bit / 512K-byte (524,288)
– W25D80: 8M-bit / 1M-byte (1,048,576)
– 256-bytes per programmable page
– Uniform 4K-byte Sectors / 64K-byte Blocks
• SPI with Single or Dual Outputs
– Clock, Chip Select, Data I/O, Data Out
– Optional Hold function for SPI flexibility
• Data Transfer up to 150M-bits / second
– Clock operation to 75MHz
– Fast Read Dual Output instruction
– Auto-increment Read capability
• Flexible Architecture with 4KB sectors
– Sector Erase (4K-bytes)
– Block Erase (64K-byte)
– Page program up to 256 bytes <2ms
– Up to 100,000 erase/write cycles
– 20-year retention
• Low Power Consumption, Wide
Temperature Range
– Single 2.7 to 3.6V supply
– 5mA active current, 1µA Power-down (typ)
– -40° to +85°C operating range
• Software and Hardware Write Protection
– Write-Protect all or portion of memory
– Enable/Disable protection with /WP pin
– Top or bottom array protection
• Space Efficient Packaging
– 8-pin SOIC 150-mil (W25D10/20/40)
– 8-pin SOIC 208-mil (W25D40/80)
– 8-pin PDIP 300-mil (W25D10/20/40/80)
– 8-pin WSON 6x5-mm (W25D10/20/40/80)




Số phần tương tự - W25D20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
W2500EP KEYSIGHT-W2500EP Datasheet
1Mb / 6P
Keysight EEsof EDA
W2500ET KEYSIGHT-W2500ET Datasheet
1Mb / 6P
Keysight EEsof EDA
logo
Intronics Power, Inc.
W2530-12D12 INTRONICS-W2530-12D12 Datasheet
190Kb / 1P
DC/DC MODULES
W2530-12D15 INTRONICS-W2530-12D15 Datasheet
190Kb / 1P
DC/DC MODULES
W2530-12D5 INTRONICS-W2530-12D5 Datasheet
190Kb / 1P
DC/DC MODULES
More results


Mô tả tương tự - W25D20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Winbond
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL_09 Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10L WINBOND-W25X10L Datasheet
1Mb / 46P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com