công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4104PAPTSEP bảng dữ liệu (PDF) - Texas Instruments

PTPS7H4104PAPTSEP Datasheet PDF - Texas Instruments
tên linh kiện PTPS7H4104PAPTSEP
tải về  PTPS7H4104PAPTSEP tải về
kích thước tập tin   4146.13 Kbytes
Page   76 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter

PTPS7H4104PAPTSEP Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
PTPS7H4104PAPTSEP Datasheet PDF - Texas Instruments

tên linh kiện PTPS7H4104PAPTSEP
tải về  PTPS7H4104PAPTSEP Click to download

kích thước tập tin   4146.13 Kbytes
Page   76 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter

PTPS7H4104PAPTSEP bảng dữ liệu (HTML) - Texas Instruments


PTPS7H4104PAPTSEP Thông tin chi tiết sản phẩm

1 Features
• Total ionizing dose (TID) characterized
– Radiation hardness assurance (RHA)
availability up to 100krad(Si)
• Single-event effects (SEE) characterized
– Single-event latchup (SEL), single-event
burnout (SEB), and single-event gate rupture
(SEGR) immune up to linear energy transfer
(LET) = 75MeV-cm2/mg
– Single-event functional interrupt (SEFI) and
single-event transient (SET) characterized up to
LET = 75MeV-cm2/mg
• Input voltage range from 3V to 7V
• Up to 3A of maximum output current per channel
or more when channels are paralleled
• Typical efficiency of 91.1% (typ.) at VIN = 5V, VOUT
= 1.8V, IOUT = 1A at fSW = 500kHz
• Integrated 62mΩ (HS) and 55mΩ (LS) MOSFETs
(typ. at VIN = 5V)
• Flexible switching frequency:
– 100kHz to 1MHz, internal oscillator
– External synchronization capability
• Accurate voltage reference of 599.48mV ± 1%
over line, temperature, and TID
• Monotonic start-up into pre-biased outputs
• Per channel (CHx)
– Adjustable slope compensation (RSCx)
– Adjustable soft-start (SS_TRx)
– Power-good output monitor for undervoltage
and overvoltage (PWRGDx)
– Input enable (ENx)
• Sequence up and reverse sequence down when
using EN_SEQ (only valid for TPS7H4104)
• Plastic packages outgas tested per ASTM E595
• Available in military (–55°C to 125°C) temp range

2 Applications
• Space satellite point of load supply
• Satellite electrical power systems (EPS)
• Radiation hardened power supplies

3 Description
The TPS7H4104 and TPS7H4102 are 7V, 3A
per channel, multichannel, peak-current mode,
synchronous buck converters optimized for use
in area sensitive, space environment applications.
The device incorporates four (TPS7H4104) or two
(TPS7H4102) identical channels that can be use to
step down the power input voltage into independent
voltages up to 3A per phase or interleaved to
increment the output current up to 12A (TPS7H4104)
or 6A (TPS7H4102).
Each channel incorporate the high and low side
power MOSFETs with programmable soft-start and
slope compensation. Additionally, per channel powergood
flags and enable signals are provided. The
TPS7H4104 also incorporates an input (EN_SEQ) to
create a sequential power up and reverse sequence
down.
Various current limit mechanisms are included
for robust current limiting during fault conditions.
Thermal shutdown disables the device when the die
temperature exceeds thermal limit.




Số phần tương tự - PTPS7H4104PAPTSEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
PTPS7H4104PAPTSEP TI1-PTPS7H4104PAPTSEP Datasheet
3Mb / 65P
TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
MARCH 2025
PTPS7H4104PAPTSEP.A TI2-PTPS7H4104PAPTSEP.A Datasheet
4Mb / 86P
TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
REVISED NOVEMBER 2025
More results


Mô tả tương tự - PTPS7H4104PAPTSEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Texas Instruments
TPS50601A-SP TI1-TPS50601A-SP Datasheet
85Kb / 4P
Radiation Hardened 3-V to 6.3-V Input, 6-A Synchronous Buck Converter
TPS50601A-SP TI-TPS50601A-SP_V01 Datasheet
1Mb / 36P
TPS50601A-SP Radiation Hardened 3-V to 7-V Input, 6-A Synchronous Buck Converter
OCTOBER 2019
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
logo
Texas Instruments
TPS7H3302-SP TI-TPS7H3302-SP Datasheet
1Mb / 37P
TPS7H3302-SP and TPS7H3302-SEP 3-A DDR Radiation Hardened Termination Regulator
REVISED MAY 2023
TPS7H2201-SP TI1-TPS7H2201-SP_V02 Datasheet
2Mb / 49P
TPS7H2201-SP and TPS7H2201-SEP Radiation Hardened 1.5-V to 7-V, 6-A eFuse
REVISED JUNE 2023
logo
List of Unclassifed Man...
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com