|
1 Features
• Available in the ultra-small 0.64 mm2 package
(DPW) with 0.5-mm pitch
• Low static-power consumption
(ICC = 0.9 μA Max)
• Low dynamic-power consumption
(Cpd = 4.3 pF Typ at 3.3 V)
• Low input capacitance (CI = 1.5 pF Typ)
• Low noise – overshoot and undershoot
<10% of VCC
• Ioff Supports live insertion, partial-power-down
mode, and back drive protection
• Input hysteresis allows slow input transition and
better switching noise immunity at the
input (Vhys = 250 mV typ at 3.3 V)
• Wide operating VCC range of 0.8 V to 3.6 V
• Optimized for 3.3-V operation
• 3.6-V I/O Tolerant to support mixed-mode signal
operation
• tpd = 4.6 ns Max at 3.3 V
• Suitable for point-to-point applications
• Latch-up performance exceeds 100 mA
Per JESD 78, Class II
• ESD performance tested Per JESD 22
– 2000-V Human-body model
(A114-B, Class II)
– 1000-V Charged-device model (C101)
2 Applications
• ATCA solutions
• Active noise cancellation (ANC)
• Barcode scanner the end of the datasheet.
• Blood pressure monitor
• CPAP machine
• Cable solutions
• DLP 3D machine vision, hyperspectral imaging,
optical networking, and spectroscopy
• E-Book
• Embedded PC
• Field transmitter: temperature or pressure sensor
• Fingerprint biometrics
• HVAC: heating, ventilating, and air conditioning
• Network-attached storage (NAS)
• Server motherboard and PSU
• Software defined radio (SDR)
• TV: high-definition (HDTV), LCD, and Digital
• Video communications system
• Wireless data access card, headset, keyboard,
mouse, and LAN card
• X-ray: baggage scanner, medical, and dental
3 Description
This single 2-input positive-OR gate performs the
Boolean function Y=A· B or Y= A +B in positive
logic.
|