công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMR50410XFDBVR bảng dữ liệu (PDF) - Texas Instruments

LMR50410XFDBVR Datasheet PDF - Texas Instruments
tên linh kiện LMR50410XFDBVR
tải về  LMR50410XFDBVR tải về
kích thước tập tin   1908.81 Kbytes
Page   35 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện LMR50410 SIMPLE SWITCHER® 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package

LMR50410XFDBVR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
LMR50410XFDBVR Datasheet PDF - Texas Instruments

tên linh kiện LMR50410XFDBVR
tải về  LMR50410XFDBVR Click to download

kích thước tập tin   1908.81 Kbytes
Page   35 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện LMR50410 SIMPLE SWITCHER® 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package

LMR50410XFDBVR bảng dữ liệu (HTML) - Texas Instruments


LMR50410XFDBVR Thông tin chi tiết sản phẩm

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Configured for rugged industrial applications
– Input voltage range: 4 V to 36 V
– 1-A continuous output current
– Minimum switching-on time: 60 ns
– 700-kHz fixed switching frequency
– Junction temperature range: –40°C to 150°C
– 98% maximum duty cycle
– Monotonic start-up with pre-biased output
– Internal short circuit protection with hiccup
mode
– ±1% tolerance voltage reference
– Precision enable
• Small solution size and ease of use
– Integrated synchronous rectification
– Internal compensation for ease of use
– SOT-23-6 package
• Pin-to-pin compatible with LMR14010Aand
TPS560430
• Various options in pin-to-pin compatible package
– PFM and forced PWM (FPWM) options
• Create a custom design using the LMR50410 with
the WEBENCH® Power Designer

2 Applications
• Major appliances
• PLC, DCS, and PAC
• Smart meters
• General purpose wide VIN power supplies

3 Description
The LMR50410 is a wide-VIN, easy-to-use
synchronous buck converter capable of driving up to
1-A load current. With a wide input range of 4 V
to 36 V, the device is suitable for a wide range of
industrial applications for power conditioning from an
unregulated source.
The LMR50410 operates at 700-kHz switching
frequency to support use of relatively small inductors
for an optimized solution size. It has an PFM version
to realize high efficiency at light load and FPWM
version to achieve constant frequency, and small
output voltage ripple over the full load range. Softstart
and compensation circuits are implemented
internally which allows the device to be used with
minimum external components.
The device has built-in protection features, such as
cycle-by-cycle current limit, hiccup mode short-circuit
protection, and thermal shutdown in case of excessive
power dissipation. The LMR50410 is available in
SOT-23-6 package.




Số phần tương tự - LMR50410XFDBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMR50410XFDBVR TI-LMR50410XFDBVR Datasheet
1Mb / 33P
LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
More results


Mô tả tương tự - LMR50410XFDBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR50410 TI1-LMR50410 Datasheet
1Mb / 31P
LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
LMR50410-Q1 TI-LMR50410-Q1 Datasheet
2Mb / 37P
LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
LMR50410 TI-LMR50410_V01 Datasheet
1Mb / 33P
LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410-Q1 TI-LMR50410-Q1_V01 Datasheet
2Mb / 38P
LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR51420 TI-LMR51420 Datasheet
2Mb / 33P
LMR51420 SIMPLE SWITCHER짰 Power Converter 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
SLUSEF6 ??OCTOBER 2021
LMR54410 TI-LMR54410 Datasheet
1Mb / 27P
LMR544xx SIMPLE SWITCHER짰 4-V to 36-V, 0.6-A/1-A Buck Converter in a SOT-23 Package
SLUSEG8 ??OCTOBER 2021
LMR51430 TI-LMR51430 Datasheet
1Mb / 34P
LMR51430 SIMPLE SWITCHER® 4.5-V to 36-V, 3-A, Synchronous Buck Converter in a SOT-23 Package
JUNE 2022
LMR51420 TI-LMR51420_V01 Datasheet
2Mb / 34P
LMR51420 SIMPLE SWITCHER® 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
REVISED AUGUST 2022
LMR51610 TI-LMR51610 Datasheet
2Mb / 36P
LMR516xx SIMPLE SWITCHER® Power Converter, 4-V to 65-V, 0.6-A/1-A, Buck Converter in a SOT-23 Package
JUNE 2023
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com