công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS32EV400 bảng dữ liệu (PDF) - Texas Instruments

DS32EV400 Datasheet PDF - Texas Instruments
tên linh kiện DS32EV400
tải về  DS32EV400 tải về
kích thước tập tin   1036.76 Kbytes
Page   23 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện DisplayPort™ Quad Equalizer

DS32EV400 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
DS32EV400 Datasheet PDF - Texas Instruments

tên linh kiện DS32EV400
tải về  DS32EV400 Click to download

kích thước tập tin   1036.76 Kbytes
Page   23 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện DisplayPort™ Quad Equalizer

DS32EV400 bảng dữ liệu (HTML) - Texas Instruments


DS32EV400 Thông tin chi tiết sản phẩm

1FEATURES
23• Equalizes up to 14 dB Loss at 3.2 Gbps
• 8 Levels of Programmable Equalization
• Settable Through Control Pins or SMBus
Interface
• Operates up to 3.2 Gbps With 40” FR4 Traces
• 0.12 UI Residual Deterministic Jitter at 3.2
Gbps With 40” FR4 Traces
• Single 2.5V or 3.3V Power Supply
• Signal Detect for Individual Channels
• Standby Mode for Individual Channels
• Supports AC or DC-Coupling With Wide Input
Common-Mode
• Low Power Consumption: 375 mW Typ at 2.5V
• Small 7 mm x 7 mm 48-pin WQFN Package
• 9 kV HBM ESD Rating
• -40 to 85°C Operating Temperature Range

APPLICATIONS
• DisplayPort
• XAUI
• InfiniBand
• Other 8b10b Applications

DESCRIPTION
The DS32EV400 programmable quad equalizer
provides compensation for transmission medium
losses and reduces the medium-induced deterministic
jitter for four NRZ data channels. The DS32EV400 is
optimized for operation up to 3.2 Gbps for both
cables and FR4 traces. Each equalizer channel has
eight levels of input equalization that can be
programmed by three control pins, or individually
through a Serial Management Bus (SMBus) interface.
The device equalizes up to 14 dB of loss at 3.2 Gbps.
The equalizer supports both AC and DC-coupled data
paths for long run length data patterns such as
PRBS-31, and balanced codes such as 8b/10b. The
device uses differential current-mode logic (CML)
inputs and outputs.
Each channel has an independent signal detect output and independent enable input. The SD output
maybe tied to the EN to automatically control the
power up and down of the channel.
The DS32EV400 can be used in a variety of
applications that include DisplayPort, XAUI,
InfiniBand and other high-speed data transmission
applications.
The DS32EV400 is available in a 7 mm x 7 mm 48-
pin leadless WQFN package. Power is supplied from
either a 2.5V or 3.3V supply.




Số phần tương tự - DS32EV400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400 Datasheet
963Kb / 18P
Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400 TI1-DS32EV400 Datasheet
1Mb / 23P
DisplayPort??Quad Equalizer
DS32EV400 TI1-DS32EV400 Datasheet
1Mb / 24P
DisplayPort??Quad Equalizer
logo
National Semiconductor ...
DS32EV400SQ NSC-DS32EV400SQ Datasheet
963Kb / 18P
Programmable Quad Equalizer
More results


Mô tả tương tự - DS32EV400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
Programmable Quad Equalizer
logo
Maxim Integrated Produc...
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
Programmable Quad Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
Programmable Quad Equalizer
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
logo
Texas Instruments
DS32EV400 TI1-DS32EV400_14 Datasheet
1Mb / 23P
DisplayPort??Quad Equalizer
DS32EV400 TI1-DS32EV400_15 Datasheet
1Mb / 24P
DisplayPort??Quad Equalizer
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
Programmable Quad Equalizer
logo
Maxim Integrated Produc...
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com