công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ27427 bảng dữ liệu (PDF) - Texas Instruments

BQ27427 Datasheet PDF - Texas Instruments
tên linh kiện BQ27427
tải về  BQ27427 tải về
kích thước tập tin   997.7 Kbytes
Page   24 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện BQ27427 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor

BQ27427 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
BQ27427 Datasheet PDF - Texas Instruments

tên linh kiện BQ27427
tải về  BQ27427 Click to download

kích thước tập tin   997.7 Kbytes
Page   24 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện BQ27427 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor

BQ27427 bảng dữ liệu (HTML) - Texas Instruments


BQ27427 Thông tin chi tiết sản phẩm

1 Features
• Single-cell Li-ion battery fuel gauge
– Resides on system board
– Supports embedded or removable batteries
– Powers directly from the battery with integrated
LDO
– Integrates low-value sense resistor (7 mΩ)
• Ultra low power consumption in NORMAL (50 μA)
and SLEEP (9 μA) modes
• Battery fuel gauging based on patented
Impedance Track™ technology
– Provides three selectable preprogrammed
profiles for 4.2-V, 4.35-V, and 4.4-V cells
– Reports remaining capacity and state-of-charge
(SOC) with smoothing filter
– Adjusts automatically for battery aging, selfdischarge,
temperature, and rate changes
– Estimates battery state-of-health (aging)
• Microcontroller peripheral interface supports:
– 400-kHz I2C serial interface
– Configurable SOC interrupt or
battery low digital output warning
– Internal temperature sensor or host reported
temperature or external thermistor

2 Applications
• Smartphones, feature phones, and tablets
• Wearables
• Building automation
• Portable medical/industrial handsets
• Portable audio
• Gaming

3 Description
The Texas Instruments BQ27427 battery fuel gauge
is a single-cell gauge that requires minimal userconfiguration
and system microcontroller firmware
development, leading to quick system bring-up.
Three chemistry profiles are preprogrammed to
enable minimal user-configuration, and to help
manage customer inventory across projects with
different battery chemistries. The BQ27427 battery
fuel gauge has very low sleep power consumption
leading to longer battery run time. Configurable
interrupts help save system power and free up the
host from continuous polling. Accurate temperature
sensing is supported with an external thermistor.
The BQ27427 battery fuel gauge uses the patented
Impedance Track™ algorithm for fuel gauging, and
provides information such as remaining battery
capacity (mAh), state-of-charge (%), and battery
voltage (mV).
Battery fuel gauging with the BQ27427 fuel gauge
requires connections only to PACK+ (P+) and PACK–
(P–) for a removable battery pack or embedded
battery circuit. The tiny, 9-ball, 1.62 mm × 1.58
mm, 0.5 mm pitch NanoFree™ chip scale package
(DSBGA) is ideal for space-constrained applications.




Số phần tương tự - BQ27427

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ27427 TI-BQ27427 Datasheet
929Kb / 24P
BQ27427 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor
DECEMBER 2022
BQ27427YZFR TI-BQ27427YZFR Datasheet
929Kb / 24P
BQ27427 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor
DECEMBER 2022
More results


Mô tả tương tự - BQ27427

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27425-G1 TI1-BQ27425-G1 Datasheet
875Kb / 32P
System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
System-Side Impedance Track??Fuel Gauge
BQ27421-G1 TI-BQ27421-G1 Datasheet
959Kb / 20P
System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27425-G2 TI1-BQ27425-G2_14 Datasheet
1Mb / 35P
System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27421-G1 TI1-BQ27421-G1_16 Datasheet
1Mb / 28P
System-Side Impedance Track Fuel Gauge With Integrated Sense Resistor
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27427 TI-BQ27427 Datasheet
929Kb / 24P
BQ27427 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor
DECEMBER 2022
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com