công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PX3AF1BS002BAACX bảng dữ liệu (PDF) - Honeywell Accelerometers

PX3AF1BS002BAACX Datasheet PDF - Honeywell Accelerometers
tên linh kiện PX3AF1BS002BAACX
tải về  PX3AF1BS002BAACX tải về
kích thước tập tin   1431.11 Kbytes
Page   8 Pages
nhà sản xuất  HONEYWELL-ACC [Honeywell Accelerometers]
Trang chủ  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers
Giải thích chi tiết về linh kiện Heavy Duty Pressure Transducers

PX3AF1BS002BAACX Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
PX3AF1BS002BAACX Datasheet PDF - Honeywell Accelerometers

tên linh kiện PX3AF1BS002BAACX
tải về  PX3AF1BS002BAACX Click to download

kích thước tập tin   1431.11 Kbytes
Page   8 Pages
nhà sản xuất  HONEYWELL-ACC [Honeywell Accelerometers]
Trang chủ  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers
Giải thích chi tiết về linh kiện Heavy Duty Pressure Transducers

PX3AF1BS002BAACX bảng dữ liệu (HTML) - Honeywell Accelerometers


PX3AF1BS002BAACX Thông tin chi tiết sản phẩm

DESCRIPTION
Honeywell’s PX3 Series Heavy Duty Pressure Transducers
use piezoresistive sensing technology with ASIC (Application
Specific Integrated Circuit) signal conditioning in a brass
housing and Metri-Pack 150 or cable harness electrical
connections. The PX3 Series are fully calibrated and
temperature compensated from -40°C to 125°C [-40°F to
257°F].

DIFFERENTIATION
• Optional diagnostics mode: Beneficial in applications where
the sensor functionality and the need to know internal or
external failure modes is critical.
• Great customer value: Multiple configuration possibilities
provide flexibility of use in the application with no upfront
NRE or tooling charges.
• Durable: Provides the tough environmental specifications
needed, including insulation resistance and dielectric
strength, external freeze-thaw resistance (see Figure 2),
and EMC performance.

FEATURES
• Pressure range: 1 bar to 50 bar | 15 psi to 700 psi (absolute
and sealed gage)
• Ratiometric output: 0.5 Vdc to 4.5 Vdc or 0.33 Vdc to 2.97 Vdc
• Fully calibrated and temperature compensated
• Total Error Band: ±1.0 %FSS from -20°C to 85°C [-4°F to 185°F]
• External freeze/thaw resistance: 6 cycles from -30°C to
50°C [-22°F to 122°F]
• Insulation resistance: >100 MOhm, 1500 Vdc (in dry, nonionized
air)
• Dielectric strength: AC1500V, 1 min. or AC1800V, 1 s (in dry, nonionized
air)
• Current consumption: 3.5 mA max.
• EMC (radiated immunity): 200 V/m per ISO 11452-2
• Ingress protection IP67 (Metri-Pack 150), IP69K (cable
harness)
• Response time: <2 ms
• RoHS, REACH, and CE compliant
• Six industry-standard pressure port types, including a
tube port which provides for hermetically-sealed process
connection

POTENTIAL APPLICATIONS
• Industrial: Refrigerant pressure monitoring in HVAC/R
systems; air compressor system pressure
• Transportation: Air system monitoring; hydraulic oil pressure
monitoring




Số phần tương tự - PX3AF1BS002BAACX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Honeywell Accelerometer...
PX3AF1BS002BAACX HONEYWELL-ACC-PX3AF1BS002BAACX Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
10/16
More results


Mô tả tương tự - PX3AF1BS002BAACX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Extech Instruments Corp...
407495 EXTECH-407495 Datasheet
195Kb / 6P
Heavy Duty Pressure Meter
407910 EXTECH-407910 Datasheet
267Kb / 7P
Heavy Duty Differential Pressure Manometer
HD750 EXTECH-HD750 Datasheet
103Kb / 7P
Heavy Duty Differential Pressure Manometer
HD755 EXTECH-HD755 Datasheet
107Kb / 8P
Heavy Duty Differential Pressure Manometer
logo
Honeywell Accelerometer...
MLH250BSD17D HONEYWELL-ACC-MLH250BSD17D Datasheet
122Kb / 4P
Heavy Duty Pressure Sensors/ Transducers Line Guide
MLH025BSD14E HONEYWELL-ACC-MLH025BSD14E Datasheet
122Kb / 4P
Heavy Duty Pressure Sensors/Transducers Line Guide
logo
Extech Instruments Corp...
407910 EXTECH-407910_15 Datasheet
161Kb / 1P
Heavy Duty Differential Pressure Manometer
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
PRESSURE TRANSDUCERS
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com