công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S3EB-L-48V bảng dữ liệu (PDF) - Panasonic Semiconductor

S3EB-L-48V Datasheet PDF - Panasonic Semiconductor
tên linh kiện S3EB-L-48V
tải về  S3EB-L-48V tải về
kích thước tập tin   121.64 Kbytes
Page   6 Pages
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Giải thích chi tiết về linh kiện 2a2b/3a1b/4a 4A polarized power relays

S3EB-L-48V Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
S3EB-L-48V Datasheet PDF - Panasonic Semiconductor

tên linh kiện S3EB-L-48V
tải về  S3EB-L-48V Click to download

kích thước tập tin   121.64 Kbytes
Page   6 Pages
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Giải thích chi tiết về linh kiện 2a2b/3a1b/4a 4A polarized power relays

S3EB-L-48V bảng dữ liệu (HTML) - Panasonic Semiconductor


S3EB-L-48V Thông tin chi tiết sản phẩm

FEATURES
1. Compact with high sensitivity The high-efficiency polarized electromagnetic circuits of the 4-gap balanced armature and our exclusive spring alignment method achieves, with high-sensitivity in a small package, a relay that can be directly controlled by a driver chip.
2. Strong resistance to vibration and shock Use of 4G-BA technology realizes strong resistance to vibration and shock.
3. High reliability and long life Our application of 4G-BA technology, along with almost perfectly complete twin contact, ensures minimal contact bounce and high reliability.
4. Ability to provide wide-ranging control Use of 4G-BA technology with goldclad silver alloy contacts in a twin contact structure enables control across a broad range from microcurrents of 100 μA 100 mV DC to 4 A 250 V AC.
5. Latching types available With 4G-BA technology, as well as single side stable types, convenient 2 coil latching types for circuit memory applications are also available.
6. Wide variety of contact formations available The compact size of the 4G-BA mechanism enables the provision of many kinds of package, including 2a2b, 3a1b, and 4a. These meet your needs across a broad range of applications.
7. Low thermal electromotive force High sensitivity (low power consumption) is realized by 4G-BA technology. Separation of the coil and spring sections has resulted in a relay with extremely low levels of thermal electromotive force (approx. 3 μV).
8. DIL terminal array Deployed to fit a 2.54 mm .100 inch grid, the terminals are presented in DIL arrays which match the printed circuit board terminal patterns commonly in international use.
9. Relays that push the boundaries of relay efficiency High-density S relays take you close to the limits of relay efficiency.
10. Sockets are available.

TYPICAL APPLICATIONS
Telecommunications equipment, data processing equipment, facsimiles, alarm equipment, measuring equipment.




Số phần tương tự - S3EB-L-48V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nais(Matsushita Electri...
S3EB-L2-12V NAIS-S3EB-L2-12V Datasheet
85Kb / 4P
4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
logo
Panasonic Battery Group
S3EB-L2-12V PANASONICBATTERY-S3EB-L2-12V Datasheet
82Kb / 5P
2a2b/3a1b/4a 4A polarized power relays
logo
Panasonic Semiconductor
S3EB-L2-12V PANASONIC-S3EB-L2-12V Datasheet
555Kb / 12P
2 Form A 2 Form B/3 Form A 1 Form B/4 Form A /4 A Polarized power relays
2022.4
logo
Nais(Matsushita Electri...
S3EB-L2-24V NAIS-S3EB-L2-24V Datasheet
85Kb / 4P
4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
logo
Panasonic Battery Group
S3EB-L2-24V PANASONICBATTERY-S3EB-L2-24V Datasheet
82Kb / 5P
2a2b/3a1b/4a 4A polarized power relays
More results


Mô tả tương tự - S3EB-L-48V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
2N3740 MOSPEC-2N3740 Datasheet
120Kb / 3P
POWER TRANSISTORS(4A,25W)
logo
Rohm
2SB1474 ROHM-2SB1474 Datasheet
53Kb / 1P
Power Transistor (-80V, -4A)
2SD1933 ROHM-2SD1933 Datasheet
39Kb / 1P
Power Transistor (-80V, -4A)
2SB1568 ROHM-2SB1568 Datasheet
78Kb / 4P
Power Transistor (-80V, -4A)
2SA1635 ROHM-2SA1635 Datasheet
61Kb / 2P
Power Transistor (-80V, -4A)
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
4A TRIACS
logo
Panasonic Battery Group
S PANASONICBATTERY-S Datasheet
82Kb / 5P
2a2b/3a1b/4a 4A polarized power relays
logo
Rohm
2SB1644 ROHM-2SB1644 Datasheet
52Kb / 1P
Power Transistor (−80V, −4A)
2SC5574 ROHM-2SC5574 Datasheet
54Kb / 1P
Power Transistor (80V, 4A)
More results




Giới thiệu về Panasonic Semiconductor


Panasonic S bán dẫn là một công ty con của Panasonic Corporation, một công ty điện tử Nhật Bản.
Bán dẫn Panasonic cung cấp một loạt các sản phẩm bao gồm vi điều khiển, cảm biến, IC quản lý năng lượng và các thành phần điện tử khác cho các ứng dụng khác nhau trong thị trường ô tô, công nghiệp và tiêu dùng.
Công ty được biết đến với sự tập trung vào chất lượng và độ tin cậy, và các sản phẩm của nó được sử dụng rộng rãi trong quản lý năng lượng, ánh sáng và các ứng dụng khác.
Chất bán dẫn Panasonic có hoạt động ở một số quốc gia và là một trong những nhà cung cấp hàng đầu các thành phần điện tử ở khu vực châu Á-Thái Bình Dương.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com