công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT18646PM bảng dữ liệu (PDF) - Texas Instruments

SN74ABT18646PM Datasheet PDF - Texas Instruments
tên linh kiện SN74ABT18646PM
tải về  SN74ABT18646PM tải về
kích thước tập tin   437.67 Kbytes
Page   16 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện SCAN TEST DEVICE WITH 18-BIT TRANSCEIVER AND REGISTER

SN74ABT18646PM Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
SN74ABT18646PM Datasheet PDF - Texas Instruments

tên linh kiện SN74ABT18646PM
tải về  SN74ABT18646PM Click to download

kích thước tập tin   437.67 Kbytes
Page   16 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện SCAN TEST DEVICE WITH 18-BIT TRANSCEIVER AND REGISTER

SN74ABT18646PM bảng dữ liệu (HTML) - Texas Instruments


SN74ABT18646PM Thông tin chi tiết sản phẩm

Member of the Texas Instruments
Widebus Family
Compatible With IEEE Std 1149.1-1990
(JTAG) Test Access Port and
Boundary-Scan Architecture
Includes D-Type Flip-Flops and Control
Circuitry to Provide Multiplexed
Transmission of Stored and Real-Time Data
Two Boundary-Scan Cells Per I/O for
Greater Flexibility
SCOPE Instruction Set
– IEEE Std 1149.1-1990 Required
Instructions, Optional INTEST, and
P1149.1A CLAMP and HIGHZ
– Parallel Signature Analysis at Inputs
With Masking Option
– Pseudorandom Pattern Generation From
Outputs
– Sample Inputs/Toggle Outputs
– Binary Count From Outputs
– Device Identification
– Even-Parity Opcodes

description (continued)
In the normal mode, this device is an 18-bit bus transceiver and register that allows for multiplexed transmission
of data directly from the input bus or from the internal registers. It can be used either as two 9-bit transceivers
or one 18-bit transceiver. The test circuitry can be activated by the TAP to take snapshot samples of the data
appearing at the device pins or to perform a self-test on the boundary test cells. Activating the TAP in the normal
mode does not affect the functional operation of the SCOPE bus transceivers and registers.
Transceiver function is controlled by output-enable (OE) and direction (DIR) inputs. When OE is low, the
transceiver is active and operates in the A-to-B direction when DIR is high or in the B-to-A direction when DIR
is low. When OE is high, both the A and B outputs are in the high-impedance state, effectively isolating both
buses.
Data flow is controlled by clock (CLKAB and CLKBA) and select (SAB and SBA) inputs. Data on the A bus is
clocked into the associated registers on the low-to-high transition of CLKAB. When SAB is low, real-time A data
is selected for presentation to the B bus (transparent mode). When SAB is high, stored A data is selected for
presentation to the B bus (registered mode). The function of the CLKBA and SBA inputs mirrors that of CLKAB
and SAB, respectively. Figure 1 illustrates the four fundamental bus-management functions that can be
performed with the SN74ABT18646.
In the test mode, the normal operation of the SCOPE bus transceivers and registers is inhibited, and the test
circuitry is enabled to observe and control the I/O boundary of the device. When enabled, the test circuitry can
perform boundary scan test operations according to the protocol described in IEEE Std 1149.1-1990.
Four dedicated test pins are used to observe and control the operation of the test circuitry: test data input (TDI),
test data output (TDO), test mode select (TMS), and test clock (TCK). Additionally, the test circuitry can perform
other testing functions, such as parallel signature analysis on data inputs and pseudorandom pattern generation
from data outputs. All testing and scan operations are synchronized to the TAP interface.
Additional flexibility is provided in the test mode through the use of two boundary scan cells (BSCs) for each
I/O pin. This allows independent test data to be captured and forced at either bus (A or B). A PSA/COUNT
instruction is also included to ease the testing of memories and other circuits where a binary count addressing
scheme is useful.




Số phần tương tự - SN74ABT18646PM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT18646PM TI-SN74ABT18646PM Datasheet
208Kb / 13P
WITH 18-BIT TRANSCEIVER AND REGISTER
SN74ABT18646PMG4 TI-SN74ABT18646PMG4 Datasheet
208Kb / 13P
WITH 18-BIT TRANSCEIVER AND REGISTER
More results


Mô tả tương tự - SN74ABT18646PM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABT18502 TI-SN54ABT18502 Datasheet
409Kb / 29P
SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN54ABT18646 TI-SN54ABT18646 Datasheet
414Kb / 29P
SCAN TEST DEVICE WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABTH18646A TI-SN54ABTH18646A Datasheet
559Kb / 37P
SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN74ABT18502 TI-SN74ABT18502 Datasheet
384Kb / 28P
SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502 TI-SN74ABT18502_06 Datasheet
433Kb / 30P
SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18646 TI-SN74ABT18646 Datasheet
208Kb / 13P
WITH 18-BIT TRANSCEIVER AND REGISTER
SN54ABT18245 TI1-SN54ABT18245 Datasheet
435Kb / 30P
SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18502 TI1-SN54ABT18502_14 Datasheet
487Kb / 32P
SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN54ABTH18646A TI1-SN54ABTH18646A_14 Datasheet
656Kb / 41P
SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com