công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65LVCP23 bảng dữ liệu (PDF) - Texas Instruments

SN65LVCP23 Datasheet PDF - Texas Instruments
tên linh kiện SN65LVCP23
tải về  SN65LVCP23 tải về
kích thước tập tin   591.84 Kbytes
Page   23 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện 2x2 LVPECL CROSSPOINT SWITCH

SN65LVCP23 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
SN65LVCP23 Datasheet PDF - Texas Instruments

tên linh kiện SN65LVCP23
tải về  SN65LVCP23 Click to download

kích thước tập tin   591.84 Kbytes
Page   23 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện 2x2 LVPECL CROSSPOINT SWITCH

SN65LVCP23 bảng dữ liệu (HTML) - Texas Instruments


SN65LVCP23 Thông tin chi tiết sản phẩm

FEATURES
· High Speed 2x2 LVPECL Crosspoint Switch
· LVDS Crosspoint Switch Available in
SN65LVCP22
· 50 ps (Typ), of Peak-to-Peak Jitter With
PRBS = 223– 1 Pattern
· Output (Channel-to-Channel) Skew Is 10 ps
(Typ), 50 ps (Max)
· Configurable as 2:1 Mux, 1:2 Demux,
Repeater or 1:2 Signal Splitter
· Inputs Accept LVDS, LVPECL, and CML
Signals
· Fast Switch Time of 1.7 ns (Typ)
· Fast Propagation Delay of 0.75 ns (Typ)
· 16 Lead SOIC and TSSOP Packages
· Operating Temperature: –40°C to 85°C

APPLICATIONS
· Gigabit Ethernet Redundant Transmission
Paths
· Gigabit Interface Converters (GBICs)
· Fibre Channel Redundant Transmission
Paths
· HDTV Video Routing
· Base Stations
· Protection Switching for Serial Backplanes
· Network Switches/Routers
· Optical Networking Line Cards/Switches
· Clock Distribution

DESCRIPTION
The SN65LVCP23 is a 2x2 LVPECL crosspoint
switch. The dual channels incorporate wide
common-mode (0 V to 4 V) receivers, allowing for
the receipt of LVDS, LVPECL, and CML signals. The dual outputs are LVPECL drivers to provide
high-speed operation. The SN65LVCP23 provides a
single device supporting 2:2 buffering (repeating),
1:2 splitting, 2:1 multiplexing, 2x2 switching, and
LVDS/CML to LVPECL level translation on each
channel. The flexible operation of the SN65LVCP23
provides a single device to support the redundant
serial bus transmission needs (working and
protection switching cards) of fault-tolerant switch
systems found in optical networking, wireless
infrastructure, and data communications systems. TI
offers an additional gigabit repeater/translator in the
SN65LVDS101.
The SN65LVCP23 uses a fully differential data path
to ensure low-noise generation, fast switching times,
low pulse width distortion, and low jitter. Output
channel-to-channel skew is less than 10 ps (typ) and
50 ps (max) to ensure accurate alignment of outputs
in all applications. Both SOIC and TSSOP package
options are available.




Số phần tương tự - SN65LVCP23

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23 Datasheet
470Kb / 17P
2x2 LVPECL Crosspoint switch
SN65LVCP23 TI-SN65LVCP23 Datasheet
538Kb / 19P
2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI1-SN65LVCP23 Datasheet
783Kb / 22P
2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23D TI-SN65LVCP23D Datasheet
470Kb / 17P
2x2 LVPECL Crosspoint switch
SN65LVCP23D TI-SN65LVCP23D Datasheet
538Kb / 19P
2x2 LVPECL CROSSPOINT SWITCH
More results


Mô tả tương tự - SN65LVCP23

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23 Datasheet
470Kb / 17P
2x2 LVPECL Crosspoint switch
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
2x2 LVDS CROSSPOINT SWITCH
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
2x2 LVPECL CROSSPOINT SWITCH
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
Gigabit 2x2 CROSSPOINT SWITCH
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
Gbps 2X2 LVDS Crosspoint Switch
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
2x2 LVPECL CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com