công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT5753BHGQWA bảng dữ liệu (PDF) - Richtek Technology Corporation

RT5753BHGQWA Datasheet PDF - Richtek Technology Corporation
tên linh kiện RT5753BHGQWA
tải về  RT5753BHGQWA tải về
kích thước tập tin   974.47 Kbytes
Page   30 Pages
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Giải thích chi tiết về linh kiện 3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2

RT5753BHGQWA Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
RT5753BHGQWA Datasheet PDF - Richtek Technology Corporation

tên linh kiện RT5753BHGQWA
tải về  RT5753BHGQWA Click to download

kích thước tập tin   974.47 Kbytes
Page   30 Pages
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Giải thích chi tiết về linh kiện 3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2

RT5753BHGQWA bảng dữ liệu (HTML) - Richtek Technology Corporation


RT5753BHGQWA Thông tin chi tiết sản phẩm

General Description
The RT5753 is a simple, easy-to-use, 3A synchronous
step-down DC-DC converter with an input supply voltage
range from 2.5V to 6V. The device builds in an accurate
0.6V reference voltage and integrates low RDS(ON) power
MOSFETs to achieve high efficiency in WDFN-8L 2x2 and
WDFN-8SL 2x2 packages.
The RT5753 adopts Advanced Constant On-Time (ACOT®)
control architecture to provide an ultrafast transient
response with few external components and to operate in
nearly constant switching frequency over the line, load,
and output voltage range. The RT5753A/C/E/F operates
in automatic PSM that maintains high efficiency during
light load operation. The RT5753B/D operates in Forced
PWM that helps to meet tight voltage regulation accuracy
requirements.
The RT5753 senses both FETs current for a robust
overcurrent protection. The device features cycle-by-cycle
current limit protection which prevents the device from
the catastrophic damage in output short circuit, over current
or inductor saturation. A built-in soft-start function prevents
inrush current during start-up. The device also includes
input undervoltage lockout, output undervoltage protection,
overvoltage protection (RT5753AL/BL/CL/DL/EL/FL) and
over-temperature protection to provide safe and smooth
operation in all operating conditions.

Features
 Input Voltage Range from 2.5V to 6V
 Integrated 100mΩ and 70mΩ FETs
 100% Duty Cycle for Lowest Dropout
 Internal Reference Voltage with 1% Accuracy
 1.2MHz Typical Switching Frequency
 Power Saving Mode for Light Loads (RT5753A/C/E/F)
 Advanced Constant On-Time (ACOT® ) Control
 Internal Soft-Start (1.5ms/750μs)
 Enable Control Input
 Power Good Indicator
 Both FETs Overcurrent Protection
 Negative Overcurrent Protection (RT5753B/D)
 Input Undervoltage Lockout Protection
 Output Undervoltage Protection
 Over-Temperature Protection
 RoHS Compliant and Halogen Free

Applications
 Mobile Phones and Handheld Devices
 STB, Cable Modem, and xDSL Platforms
 WLAN ASIC Power / Storage (SSD and HDD)
 General Purpose for POL LV Buck Converters




Số phần tương tự - RT5753BHGQWA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT5753BHGQWA RICHTEK-RT5753BHGQWA Datasheet
972Kb / 28P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
May 2022
More results


Mô tả tương tự - RT5753BHGQWA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
3A, 17V, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP9115 MPS-MP9115 Datasheet
299Kb / 11P
2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5753A RICHTEK-RT5753A Datasheet
972Kb / 28P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
May 2022
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com