công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ27220 bảng dữ liệu (PDF) - Texas Instruments

BQ27220 Datasheet PDF - Texas Instruments
tên linh kiện BQ27220
tải về  BQ27220 tải về
kích thước tập tin   556.03 Kbytes
Page   24 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện bq27220 Single-Cell CEDV Fuel Gauge

BQ27220 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
BQ27220 Datasheet PDF - Texas Instruments

tên linh kiện BQ27220
tải về  BQ27220 Click to download

kích thước tập tin   556.03 Kbytes
Page   24 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện bq27220 Single-Cell CEDV Fuel Gauge

BQ27220 bảng dữ liệu (HTML) - Texas Instruments


BQ27220 Thông tin chi tiết sản phẩm

1 Features
1• Single-Cell Li-Ion Battery Fuel Gauge
– Resides in Pack or on System Board
– Supports Embedded or Removable Batteries
– Powers Directly from Battery with Integrated
LDO
– Supports a Low-Value (10-mΩ) External Sense
Resistor
• Ultra-Low Power Consumption in NORMAL
(50 μA) and SLEEP (9 μA) Modes
• Battery Fuel Gauging Based on Compensated
End-of-Discharge Voltage (CEDV) Technology
– Reports Remaining Capacity and State-of-
Charge (SOC) with Smoothing Filter
– Adjusts Automatically for Battery Aging, Self-
Discharge, Temperature, and Rate Changes
– Provides Battery State-of-Health (Aging)
Estimation
• Microcontroller Peripheral Supports:
– 400-kHz I2C™ Serial Interface
– Configurable SOC Interrupt OR
Battery Low Digital Output Warning
– Internal Temperature Sensor OR
Host-Reported Temperature OR
External Thermistor

2 Applications
• Smartphones and Feature Phones
• Tablets
• Wearables
• Building Automation
• Portable Medical/Industrial Handsets
• Portable Audio
• Gaming

3 Description
The Texas Instruments bq27220 battery fuel gauge is
a single-cell gauge that requires minimal userconfiguration
and system microcontroller firmware
development, leading to quick system bring-up. The
bq27220 device uses the Compensated End-of-
Discharge Voltage (CEDV) algorithm for fuel gauging,
and provides information such as remaining battery
capacity (mAh), state-of-charge (%), runtime-to-empty
(min), battery voltage (mV), temperature (°C), and
state-of-health (%).
The bq27220 battery fuel gauge has ultra-low power
consumption in NORMAL (50 μA) and SLEEP (9 μA)
modes, leading to longer battery runtime.
Configurable interrupts help save system power and
free up the host from continuous polling. Accurate
temperature sensing is supported via an external
thermistor.
Customers can use preloaded CEDV parameters in
ROM or can generate custom chemistry parameters
using TI's web-based tool, GAUGEPARCAL. Customgenerated
parameters can be either programmed in
the device RAM by the host on power up of the
system or customers can program the parameters to
an onboard One-Time Programmable (OTP) memory.
Battery fuel gauging with the bq27220 device requires
connections only to PACK+ (P+) and PACK– (P–) for
a removable battery pack or embedded battery
circuit. The tiny, 9-ball, 1.62 mm × 1.58 mm, 0.5-mm
pitch NanoFree™ chip scale package (DSBGA) is
ideal for space-constrained applications.




Số phần tương tự - BQ27220

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
Single-Cell CEDV Fuel Gauge
BQ27220YZFR TI1-BQ27220YZFR Datasheet
128Kb / 6P
Single-Cell CEDV Fuel Gauge
BQ27220YZFT TI1-BQ27220YZFT Datasheet
128Kb / 6P
Single-Cell CEDV Fuel Gauge
More results


Mô tả tương tự - BQ27220

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27000EVM TI-BQ27000EVM Datasheet
496Kb / 19P
bq27000 Single Cell Battery Fuel Gauge Evaluation Module
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
Single-Cell CEDV Fuel Gauge
BQ27320 TI1-BQ27320 Datasheet
441Kb / 29P
Single-Cell CEDV Fuel Gauge
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ34210-Q1 TI1-BQ34210-Q1 Datasheet
363Kb / 19P
Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
logo
Maxim Integrated Produc...
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
1-Cell Fuel Gauge with ModelGauge m3
2016
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com