công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TB3R2D.B bảng dữ liệu (PDF) - Texas Instruments

TB3R2D.B Datasheet PDF - Texas Instruments
tên linh kiện TB3R2D.B
tải về  TB3R2D.B tải về
kích thước tập tin   317.46 Kbytes
Page   13 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện QUAD DIFFERENTIAL PECL RECEIVERS

TB3R2D.B Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TB3R2D.B Datasheet PDF - Texas Instruments

tên linh kiện TB3R2D.B
tải về  TB3R2D.B Click to download

kích thước tập tin   317.46 Kbytes
Page   13 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện QUAD DIFFERENTIAL PECL RECEIVERS

TB3R2D.B bảng dữ liệu (HTML) - Texas Instruments


TB3R2D.B Thông tin chi tiết sản phẩm

1FEATURES
• Low-Voltage Functional Replacements for the
Agere BRF1A, BRF2A, BRS2A, and BRS2B
• Pin-Equivalent to General Trade 26LS32
Devices
• High-Input Impedance Approximately 8 kΩ
• 3.5-ns Maximum Propagation Delay
• TB3R1 Provides 50-mV Hysteresis
• TB3R2 With -125-mV Threshold Offset for
Preferred State Output
• -0.5-V to 5.2-V Common Mode Range
• Single 3.3 V ±10% Supply
• Slew Rate Limited (0.5 ns min 80% to 20%)
• TB3R2 Output Defaults to Logic 1 When Inputs
Left Open or Shorted to VCC or GND
• ESD Protection HBM > 3 kV, CDM > 2 kV
• Operating Temperature Range: -40°C to 85°C
• Available SOIC (D) Package

APPLICATIONS
• Digital Data or Clock Transmission Over
Balanced Lines

DESCRIPTION
These quad differential receivers accept digital data
over balanced transmission lines. They translate
differential input logic levels to TTL output logic
levels.
The TB3R1 is a pin- and function-compatible
replacement for the Agere Systems BRF1A and
BRF2A; it includes 3-kV HBM and 2-kV CDM ESD
protection.
The TB3R2 is a pin- and function-compatible
replacement for the Agere Systems BRS2A and
BRS2B and incorporates a -125-mV receiver input
offset, preferred state output, 3-kV HBM and 2-kV
CDM ESD protection. The TB3R2 preferred state
feature places the output in the high state when the
inputs are open, shorted to ground, or shorted to the
power supply.
The power-down loading characteristics of the
receiver input circuit are approximately 8 kΩ relative to the power supplies; hence they do not load the
transmission line when the circuit is powered down.
The package for these differential line receivers is the
16-pin SOIC (D) package.
The enable inputs of this device include internal
pullup resistors of approximately 40 kΩ that are
connected to VCC to ensure a logical high level input
if the inputs are open circuited.




Số phần tương tự - TB3R2D.B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TB3R2D.B TI2-TB3R2D.B Datasheet
318Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
REVISED JANUARY 2008
More results


Mô tả tương tự - TB3R2D.B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
Quad Differential Receivers
logo
Texas Instruments
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
Texas Instruments
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com