công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISO1211SDR bảng dữ liệu (PDF) - Texas Instruments

ISO1211SDR Datasheet PDF - Texas Instruments
tên linh kiện ISO1211SDR
tải về  ISO1211SDR tải về
kích thước tập tin   1273.53 Kbytes
Page   47 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện ISO121x Isolated 24-V to 60-V Digital Input Receivers for Digital Input Modules

ISO1211SDR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ISO1211SDR Datasheet PDF - Texas Instruments

tên linh kiện ISO1211SDR
tải về  ISO1211SDR Click to download

kích thước tập tin   1273.53 Kbytes
Page   47 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện ISO121x Isolated 24-V to 60-V Digital Input Receivers for Digital Input Modules

ISO1211SDR bảng dữ liệu (HTML) - Texas Instruments


ISO1211SDR Thông tin chi tiết sản phẩm

1 Features
1• Compliant to IEC 61131-2; Type 1, 2, 3
characteristics for 24-V isolated digital inputs
• Supports 9-V to 300-V DC and AC digital input
designs using external resistors
• Accurate Current Limit for Low-Power Dissipation:
– 2.2 mA to 2.47 mA for Type 3
– Adjustable up to 6.5 mA
• Eliminates the need for field-side power supply
• High input-voltage range with reverse polarity
protection: ±60 V
• Wire-break detection (refer to TIDA-01509)
• Configurable as sourcing or sinking input
• High data rates: up to 4 Mbps
• Enable pin to multiplex output signals
• High transient immunity: ±70-kV/μs CMTI
• Wide supply range (VCC1): 2.25 V to 5.5 V
• Ambient temperature range: –40°C to +125°C
• Compact package options:
– Single-channel ISO1211, SOIC-8
– Dual-channel ISO1212, SSOP-16
• Safety-Related Certifications:
– Basic insulation per DIN VDE V 0884-11
– UL 1577 recognition, 2500-VRMS insulation
– IEC 60950-1, IEC 62368-1, IEC 61010-1 and
GB 4943.1-2011 certifications

2 Applications
• Programmable Logic Controller (PLC)
– Digital Input Modules
– Mixed I/O Modules
• Motor Drive I/O and Position Feedback
• CNC Control
• Data Acquisition
• Binary Input Modules

3 Description
The ISO1211 and ISO1212 devices are isolated 24-V
to 60-V digital input receivers, compliant to IEC
61131-2 Type 1, 2, and 3 characteristics. These
devices enable 9-V to 300-V DC and AC digital input
modules in programmable logic controllers (PLCs),
motor-control, grid infrastructure, and other industrial
applications. Unlike traditional optocoupler solutions
with discrete, imprecise current limiting circuitry, the
ISO121x devices provide a simple, low-power
solution with an accurate current limit to enable the
design of compact and high-density I/O modules.
These devices do not require field-side power supply
and are configurable as sourcing or sinking inputs.
The ISO121x devices operate over the supply range
of 2.25 V to 5.5 V, supporting 2.5-V, 3.3-V, and 5-V
controllers. A ±60-V input tolerance with reverse
polarity protection helps ensure the input pins are
protected in case of faults with negligible reverse
current. These devices support up to 4-Mbps data
rates passing a minimum pulse width of 150 ns for
high-speed operation. The ISO1211 device is ideal
for designs that require channel-to-channel isolation
and the ISO1212 device is ideal for multichannel
space-constrained designs.
The ISO121x devices reduce component count,
simplify system design, improve performance, and
reduce board temperatures compared to traditional
solutions. For details, refer to the How To Simplify
Isolated 24-V PLC Digital Input Module Designs TI
TechNote, How To Improve Speed and Reliability of
Isolated Digital Inputs in Motor Drives TI TechNote,
and How to Design Isolated Comparators for ±48V,
110V and 240V DC and AC Detection TI TechNote.




Số phần tương tự - ISO1211SDR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ISO1211 TI1-ISO1211 Datasheet
474Kb / 28P
Isolated 24-V Digital Input Receivers for Digital Input Modules
ISO1211D TI1-ISO1211D Datasheet
474Kb / 28P
Isolated 24-V Digital Input Receivers for Digital Input Modules
ISO1211DR TI1-ISO1211DR Datasheet
474Kb / 28P
Isolated 24-V Digital Input Receivers for Digital Input Modules
More results


Mô tả tương tự - ISO1211SDR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN65HVS880 TI-SN65HVS880 Datasheet
853Kb / 24P
24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY Datasheet
598Kb / 2P
32-ch Isolated Digital Input/Output Slave Modules
logo
National Instruments Co...
CFP-DI-300 NI-CFP-DI-300 Datasheet
339Kb / 5P
Digital Input Modules for Compact FieldPoint
NI6528 NI-NI6528 Datasheet
664Kb / 5P
Industrial Digital Input/Output- 60 V, Channel-to-Channel Isolated
logo
Opto Electronics Co,. L...
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
SNAP Digital Input Modules
logo
Texas Instruments
SN65HVS885 TI1-SN65HVS885_15 Datasheet
1Mb / 28P
34-V Digital-Input Serializer
SN65HVS883 TI1-SN65HVS883 Datasheet
596Kb / 28P
24 V, Eight-Channel Digital-Input Serializer
ISO1211 TI1-ISO1211 Datasheet
474Kb / 28P
Isolated 24-V Digital Input Receivers for Digital Input Modules
logo
PHOENIX CONTACT
2700173 PHOENIX-2700173 Datasheet
174Kb / 10P
Inline, digital input terminal, digital inputs: 8, 24 V DC
logo
Contec Co., Ltd
PI-32BH CONTEC-PI-32BH Datasheet
162Kb / 4P
Isolated Digital Input Board for PCI
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com