công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC3664-SP bảng dữ liệu (PDF) - Texas Instruments

ADC3664-SP Datasheet PDF - Texas Instruments
tên linh kiện ADC3664-SP
tải về  ADC3664-SP tải về
kích thước tập tin   3904.62 Kbytes
Page   71 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện ADC3664-SEP ADC3664-EP 14-Bit, 125MSPS, Low Noise, Low Power Dual Channel ADC

ADC3664-SP Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ADC3664-SP Datasheet PDF - Texas Instruments

tên linh kiện ADC3664-SP
tải về  ADC3664-SP Click to download

kích thước tập tin   3904.62 Kbytes
Page   71 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện ADC3664-SEP ADC3664-EP 14-Bit, 125MSPS, Low Noise, Low Power Dual Channel ADC

ADC3664-SP bảng dữ liệu (HTML) - Texas Instruments


ADC3664-SP Thông tin chi tiết sản phẩm

1 Features
• Radiation tolerant (-SEP only):
– Single-event latch-up (SEL) immune up to LET
= 43 MeV-cm2/mg
– Single-event functional interrupt (SEFI)
characterized up to LET = 43 MeV-cm2/mg
– Total ionizing dose (TID): 30krad(Si)
• Enhanced product (-EP and -SEP):
– Meets ASTM E595 outgassing specification
– Vendor item drawing (VID)
– Temperature range: –55°C to 105°C
– One fabrication, assembly, and test site
– Gold bond wire, NiPdAu lead finish
– Wafer lot traceability
– Extended product life cycle
• Dual channel, 125MSPS ADC
• 14-bit resolution (no missing codes)
• Noise floor: –156.9dBFS/Hz
• Low power consumption: 100mW/ch (at
125MSPS)
• Latency: 2 clock cycles
• Voltage reference options:
– External: 1 to 125MSPS
– Internal: 100 to 125MSPS
• Input bandwidth: 200MHz (3dB)
• INL: ±2.6 LSB; DNL: ±0.9 LSB (typical)
• On-chip DSP (optional/bypassable)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• Serial LVDS digital interface (2-, 1- and 1/2-wire)
• Small Footprint: 40 QFN (5 × 5mm) package
• Spectral performance (fIN = 5MHz):
– SNR: 77.5dBFS
– SFDR: 84dBc HD2, HD3
– SFDR: 92dBFS worst spur

2 Applications
• High-speed data acquisition
• Satellite optical communications payloads
• Satellite imaging payloads
• Satellite communication payloads
• Satellite RADAR and LIDAR payloads

3 Description
The ADC3664-xEP device is a low-noise, ultra-low
power, 14-bit, 125MSPS, high-speed dual channel
ADC. Designed for lowest noise performance,
the device delivers a noise spectral density of
-156.9dBFS/Hz combined with linearity and dynamic
range. The ADC3664-xEP offers IF sampling support
which makes the device designed for a wide range
of applications. High-speed control loops benefit from
the short latency as low as one clock cycle. The
ADC consumes only 100mW/ch at 125MSPS, and the
power consumption scales well with lower sampling
rates.
The ADC3664-xEP uses a serial LVDS (SLVDS)
interface to output the data which minimizes the
number of digital interconnects. The device supports
a two-lane, one-lane and half-lane option. The device
supports an extended temperature range from –55°C
to +105°C.




Số phần tương tự - ADC3664-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC3664-SP TI-ADC3664-SP Datasheet
2Mb / 66P
ADC3664-SP Radiation-Hardness-Assured 14-Bit, Dual Channel, 1 to 125MSPS, Low Latency, Low Noise, Ultra-low Power, Analog-to-Digital Converter (ADC)
DECEMBER 2024
ADC3664-SP TI2-ADC3664-SP Datasheet
3Mb / 73P
ADC3664-SEP ADC3664-EP 14-Bit, 125MSPS, Low Noise, Low Power Dual Channel ADC
APRIL 2025
More results


Mô tả tương tự - ADC3664-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2281 LINER-LTC2281 Datasheet
491Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
High Performance Dual 14-Bit, 125MSPS ADC
August 17, 2012
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Texas Instruments
ADS4245-EP TI1-ADS4245-EP Datasheet
1Mb / 63P
ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
ADC3664 TI-ADC3664 Datasheet
4Mb / 71P
ADC3664 14-Bit, 125-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3644 TI-ADC3644 Datasheet
4Mb / 76P
ADC3644 14-bit, 125-MSPS, Low-noise, Low Power Dual Channel ADC
MAY 2022
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com