|
Benefits and features
Allows up to 15 additional devices to be connected to a datalogger
Fully compliant with the RS-232/RS-485/RS-422 standards
Simple connection to Campbell Scientific dataloggers using the SDM port and communications protocol
Can collect large amounts of data without hindering other processes within the datalogger
Supports `talk-through’ mode that facilitates testing and diagnostics
Currently compatible with CR6, CR800/850, CR1000, CR3000, CR5000 and CR9000X dataloggers
Uses simple CRBasic programs
Includes transient and surge protection on the serial port interface, eliminating the need for separate transient protection
Acts as an RS-485 interface for sensors with only a digital output (e.g., sonic and road weather sensor) providing a straight-forward and low power alternative to other RS-485
interfaces
|