|
General descriptions
MT3336 is a high-performance single-chip GPS solution which includes on-chip CMOS RF and digital
baseband. It is able to achieve the industry’s highest level of sensitivity, accuracy and Time-to-FirstFix (TTFF) with the lowest power consumption in a small-footprint lead-free package. Its small
footprint and minimal BOM requirement provide significant reductions in the design, manufacturing
and testing resource required for portable applications.
With built-in LNA to reach total NF to 2.2 dB, you can eliminate antenna requirement and do not need
external LNA. With its on-chip image-rejection mixer, the spec of external SAW filter is alleviated. With
an on-chip automatic center frequency calibration band pass filter, an external filter is not required.
The on-chip power management design allows MT3336 to be easily integrated into your system
without extra voltage regulator. With both linear and a highly efficient switching type regulator
embedded, MT3336 allows direct battery connection and does not need any external LDO, which
gives customers plenty of choices for the application circuit.
Up to 12 multi-tone active interference cancellers (ISSCC2011 award) offer you more flexibility in
system design. The integrated PLL with Voltage Controlled Oscillator (VCO) provides excellent phase
noise performance and fast locking time. A battery backed-up memory and a real-time clock are also
provided to accelerate acquisition at the system restart-up.
MT3336 supports up to 210 PRN channels. With 66 search channels and 22 simultaneous tracking
channels, MT3336 acquires and tracks satellites in the shortest time even at indoor signal levels.
MT3336 supports various location and navigation applications, including autonomous GPS, SBAS
ranging (WAAS, EGNOS, GAGAN, and MSAS), QZSS, DGPS (RTCM) and AGPS.
Through MT3336's excellent low-power consumption characteristic (acquisition 24 mW, track 17 mW),
power sensitive devices, especially portable applications, you will not need to worry about the
operating time anymore and can have more fun. Combined with many advanced features including
AlwaysLocate
TM
, HotStill
TM
, and EPOTM function, MT3336 provides always-on position with minimal
average power consumption. The great features provide you supreme experiences for portable
applications such as DSC, cellular phone, PMP and gaming devices.
Features
Specifications
22 tracking / 66 acquisition-channel
GPS receiver
Supports up to 210 PRN channels
Supports multi-GNSS incl. QZSS, SBAS
ranging
Supports
WAAS/EGNOS/MSAS/GAGAN
12 multi-tone active interference
cancellers (ISSCC2011 award)
RTCM ready
Indoor and outdoor multi-path detection
and compensation
Supports FCC E911 compliance and AGPS
Max. fixed update rate up to 5 Hz
Advanced software features
AlwaysLocate
TM advanced location
awareness technology
EPOTM/HotStillTM orbit prediction
Reference oscillator
TCXO
Frequency: 16.368 MHz, 12.6 ~ 40.0
MHz
Frequency variation: ±2.0 ppm
Crystal
Frequency: 26 MHz, 12.6 ~ 40.0 MHz
Frequency accuracy: ±10 ppm
RF configuration
4-bit IF signal
SoC, integrated in single chip with
CMOS process
Pulse-per-second (PPS) GPS time
reference
Adjustable duty cycle
Typical accuracy: ±10 ns
Power scheme
A 1.8 volts SMPS build-in SOC
Direct lithium battery connection (2.8 ~
4.3 volts)
Self build 1.2 volts RTC LDO, 1.2 volts
core LDO, and 2.8 volts TCXO LDO
Build-in reset controller
Does not need of external reset control
IC
Internal real-time clock (RTC)
32.768 KHz ± 20 ppm crystal
Timer pin for external device on/off
control
1.2 volts RTC clock output
Supports external pin to wake up
MT3336
Serial interface
3 UARTs
SPI
I2C
GPIO interface (up to 16 pins)
Superior sensitivities
Acquisition: -148 dBm (cold) / -163 dBm
(hot)
Tracking: -165 dBm
Ultra-low power consumption
Acquisition: 24 mW
Tracking: 17 mW
AlwaysLocate
TM: 3 mW
Package
QFN: 6mm x 6mm, 48 ball
Slim hardware design
52 mm2
solution footprint with all
software features inside
9 passive external components
|