công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP5892-Q1 bảng dữ liệu (PDF) - Texas Instruments

LP5892-Q1 Datasheet PDF - Texas Instruments
tên linh kiện LP5892-Q1
tải về  LP5892-Q1 tải về
kích thước tập tin   2251.01 Kbytes
Page   66 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LP5892-Q1 Automotive 48 Current Sources, 32 Scans, Common Cathode LED Matrix Driver

LP5892-Q1 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
LP5892-Q1 Datasheet PDF - Texas Instruments

tên linh kiện LP5892-Q1
tải về  LP5892-Q1 Click to download

kích thước tập tin   2251.01 Kbytes
Page   66 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LP5892-Q1 Automotive 48 Current Sources, 32 Scans, Common Cathode LED Matrix Driver

LP5892-Q1 bảng dữ liệu (HTML) - Texas Instruments


LP5892-Q1 Thông tin chi tiết sản phẩm

1 Features
• AEC-Q100-qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Separated VCC and VR/G/B power supply
– VCC voltage range: 2.5V – 5.5V
– VR/G/B voltage range: 2.5V – 5.5V
• 48 current source channels from 0.2mA to 40mA
– Channel-to-channel accuracy: ±0.5% (typ.),
±3% (max.); device-to-device accuracy: ±0.5%
(typ.), ±2.5% (max.)
– Low knee voltage: 0.27V (max.) when IOUT =
5mA
– 3-bits (8 steps) global brightness control
– 8-bits (256 steps) color brightness control
– Maximum 16-bits (65536 steps) PWM
grayscale control
• 16 scan line switches with 190mΩ RDS(ON)
• Ultra-low power consumption
– Independent VCC down to 2.5V
– Lowest ICC down to 3.6mA with 50MHz GCLK
– Intelligent power saving mode with ICC down to
0.9mA
• Built-in SRAM to support 1–64 multiplexing
– Single device to support 48 × 16 LEDs or 16 ×
16 RGB pixels
– Dual devices stackable to support 96 × 32
LEDs or 32 × 32 RGB pixels
• High speed and low EMI Continuous Clock Series
Interface (CCSI)
– Only three wires: SCLK / SIN / SOUT
– External 50MHz (max.) SCLK with rising-edge
transmission mechanism
– Internal frequency multiplier to support high
frequency GCLK
• Optimized performances for LED matrix displays
– Upside and downside ghosting removal
– Low grayscale enhancement
– LED open, weak-short, short detection and
removal

2 Applications
• Automotive interior light
• Automotive rear light
• Automotive front light
• Automotive local dimming backlight

3 Description
The LP5892-Q1 is a highly integrated common
cathode matrix LED display driver with 48 constant
current sources and 16 scanning FETs. One LP5892-
Q1 supports to drive 16 × 16 RGB pixels and two
LP5892-Q1 devices support to drive 32 × 32 RGB
pixels. To achieve low power consumption, the device
supports separated power supplies for the red, green,
and blue LEDs by its common cathode structure.
Furthermore, the operation power of the LP5892-Q1
is significantly reduced by ultra-low operation voltage
range (Vcc down to 2.5V) and ultra-low operation
current (Icc down to 3.6mA).
The LP5892-Q1 implements a high speed rising-edge
transmission interface to support high device count
daisy-chained and high refresh rate while minimizing
electrical-magnetic interference (EMI). The device
supports up to 50MHz SCLK (external) and up to
160 MHz GCLK (internal). Meanwhile, the device
integrates enhanced circuits and intelligent algorithms
to solve the various display challenges in Narrow
Pixel Pitch (NPP) LED display applications and mini
and micro-LED products: dim at the first scan line,
upper and downside ghosting, non-uniformity in low
grayscale, coupling, caterpillar caused by open or
short LEDs, which make the LP5892-Q1 a perfect
choice in such applications.
The LP5892-Q1 also implements LED open/weak
short/short detections and removals during operations
and can also report those information out to the
accompanying digital processor.




Số phần tương tự - LP5892-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LP5890 TI-LP5890 Datasheet
3Mb / 67P
LP5890 16 횞 48 LED Matrix Driver With Ultra-low Power
SLVSGD5 ??JULY 2021
LP5890 TI-LP5890 Datasheet
3Mb / 72P
LP5890 16 횞 48 LED Matrix Driver With Ultra-low Power
JULY 2021
LP5890RRFR TI-LP5890RRFR Datasheet
3Mb / 67P
LP5890 16 횞 48 LED Matrix Driver With Ultra-low Power
SLVSGD5 ??JULY 2021
LP5890RRFR TI-LP5890RRFR Datasheet
3Mb / 72P
LP5890 16 횞 48 LED Matrix Driver With Ultra-low Power
JULY 2021
LP5890ZXLR TI-LP5890ZXLR Datasheet
3Mb / 72P
LP5890 16 횞 48 LED Matrix Driver With Ultra-low Power
JULY 2021
More results


Mô tả tương tự - LP5892-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Marktech Corporate
TB62710FN MARKTECH-TB62710FN Datasheet
323Kb / 17P
8-Bit Constant-Current LED Driver for Cathode Common LED
logo
Toshiba Semiconductor
TB62710P TOSHIBA-TB62710P_06 Datasheet
300Kb / 19P
8-Bit Constant-Current LED Driver for Cathode Common LED
logo
Texas Instruments
TLC6984 TI-TLC6984 Datasheet
2Mb / 67P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
DECEMBER 2021
TLC6984 TI-TLC6984_V01 Datasheet
3Mb / 71P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
MARCH 2022
LP5891 TI-LP5891 Datasheet
2Mb / 71P
LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
MAY 2022
TLC6984 TI-TLC6984_V02 Datasheet
2Mb / 74P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
JULY 2022
LP5891 TI-LP5891_V01 Datasheet
2Mb / 74P
LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
REVISED MAY 2022
TLC6984 TI-TLC6984_V03 Datasheet
2Mb / 76P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
REVISED JULY 2022
LP5891-Q1 TI-LP5891-Q1 Datasheet
2Mb / 66P
LP5891-Q1 Automotive 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
AUGUST 2022
LP5891-Q1 TI-LP5891-Q1_V01 Datasheet
2Mb / 69P
LP5891-Q1 Automotive 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
REVISED DECEMBER 2022
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com