công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK5B33216 bảng dữ liệu (PDF) - Texas Instruments

Click here to check the latest version.
LMK5B33216 Datasheet PDF - Texas Instruments
tên linh kiện LMK5B33216
tải về  LMK5B33216 tải về
kích thước tập tin   5654.94 Kbytes
Page   97 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LMK5B12212 1-DPLL 2-APLL 2-IN 12-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications

LMK5B33216 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
LMK5B33216 Datasheet PDF - Texas Instruments

tên linh kiện LMK5B33216
tải về  LMK5B33216 Click to download

kích thước tập tin   5654.94 Kbytes
Page   97 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LMK5B12212 1-DPLL 2-APLL 2-IN 12-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications

LMK5B33216 bảng dữ liệu (HTML) - Texas Instruments


LMK5B33216 Thông tin chi tiết sản phẩm

1 Features
• Ultra-low jitter BAW VCO based Ethernet clocks
– 13fs typical RMS jitter at 625MHz with 4MHz 1st
order high-pass filter (HPF)
– 24fs typical RMS jitter at 312.5MHz with 4MHz
1st order HPF
– 42fs typical/ 60fs maximum RMS jitter at
312.5MHz
– 47fs typical/ 65fs maximum RMS jitter at
156.25MHz
• 1 high-performance Digital Phase Locked Loop
(DPLL) with 2 Analog Phase Locked Loops
(APLLs)
– Programmable DPLL loop filter bandwidth from
1mHz to 4kHz
– < 1ppt DCO frequency adjustment step size
• 2 differential or single-ended DPLL inputs
– 1Hz (1PPS) to 800MHz input frequency
– Digital Holdover and Hitless Switching
• 12 differential outputs with programmable HSDS,
AC-LVPECL, LVDS and HSCL formats
– Up to 16 total frequency outputs when
configured with 6 LVCMOS frequency outputs
on OUT0_P/N, OUT1_P/N, GPIO1 and GPIO2
and 10 differential outputs on OUT2_P/N to
OUT11_P/N
– 1Hz (1PPS) to 1250MHz output frequency with
programmable swing and common mode
– PCIe Gen 1 to 6 compliant
• I2C or 3-wire/4-wire SPI

2 Applications
• Wired networking
– Inter/Intra DC interconnect
– Timing card, line card, fixed card (pizza box)
• SyncE (G.8262), SONET/SDH (Stratum 3/3E,
G.813, GR-1244, GR-253), IEEE-1588 PTP
secondary clock
• Jitter cleaning, wander attenuation, and reference
clock generation for 112G/224G PAM-4 SerDes
• 100G-800G data center switches, core routers,
edge routers, WLAN
• Data center and enterprise computing
– Smart Network Interface Card (NIC)
• Optical Transport Networks (OTN G.709)
• Broadband fixed line access
• Industrial
– Test and measurement
– Medical imaging

3 Description
The LMK5B12212 is a high-performance network
synchronizer and jitter cleaner designed to meet the
stringent requirements of ethernet-based networking
applications with < 5ns timing accuracy (class D).
The network synchronizer integrates a DPLL to
provide hitless switching and jitter attenuation with
programmable loop bandwidth (LBW) and no external
loop filters, maximizing flexibility and ease of use. The
DPLL phase locks an integrated APLL to the provided
reference input.
APLL1 features an ultra high performance PLL
with TI's proprietary Bulk Acoustic Wave (BAW)
technology (known as the BAW APLL) and can
generate 312.5MHz output clocks with 42fs typical /
60fs maximum RMS jitter irrespective of the DPLL
reference input frequency and jitter characteristics.
APLL2 provides for a second frequency and/or
synchronization domain.
Reference validation circuitry monitors the DPLL
reference clocks and performs a hitless switch
between inputs upon detecting a switchover event.
Zero-Delay Mode (ZDM) and phase cancellation can
be enabled to control the phase relationship from
input to outputs.
The device is fully programmable through I2C or SPI.
The integrated EEPROM can be used to customize
system start-up clocks. The device also features
factory default ROM profiles as fallback options.




Số phần tương tự - LMK5B33216

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMK5B33216 TI-LMK5B33216 Datasheet
4Mb / 90P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
MARCH 2022
LMK5B33216 TI-LMK5B33216 Datasheet
6Mb / 102P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
REVISED JULY 2022
LMK5B33216 TI2-LMK5B33216 Datasheet
4Mb / 107P
LMK5C23208A 2-DPLL 3-APLL 2-IN 8-OUT Network Synchronizer With JED204B/ JED204C and BAW VCO for Wireless Communications
MAY 2025
LMK5B33216 TI2-LMK5B33216 Datasheet
6Mb / 109P
LMK5B33216 3-DPLL 3-APLL 2-IN 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
REVISED FEBRUARY 2025
LMK5B33216RGCR TI-LMK5B33216RGCR Datasheet
6Mb / 102P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
REVISED JULY 2022
More results


Mô tả tương tự - LMK5B33216

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zarlink Semiconductor I...
ZL30108 ZARLINK-ZL30108 Datasheet
531Kb / 28P
Network Interface DPLL
logo
List of Unclassifed Man...
TRAVELERC6 ETC2-TRAVELERC6 Datasheet
503Kb / 4P
2 (C6) 3-prong connectors, in-line surge suppressor with 1 in/1 out tel/modem/ethernet combo
logo
Allied Components Inter...
AT3973I ALLIED-AT3973I Datasheet
921Kb / 1P
Ethernet based LAN, WAN and other networking applications
logo
Schneider Electric
NY321L2RB1 SCHNEIDER-NY321L2RB1 Datasheet
101Kb / 2P
Intrinsically processing module 2 in 1 out for solenoid valve and 2 recopying
NOV 30, 2021
logo
Analog Devices
AD9546 AD-AD9546 Datasheet
2Mb / 205P
Dual DPLL Digitized Clock Synchronizer
10/2020-Revision 0
logo
Texas Instruments
LMK5B33216 TI-LMK5B33216 Datasheet
4Mb / 90P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
MARCH 2022
LMK5B33216 TI-LMK5B33216_V01 Datasheet
6Mb / 102P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
REVISED JULY 2022
LMK5B33414 TI-LMK5B33414 Datasheet
6Mb / 102P
LMK5B33414 3-DPLL, 3-APLL, 4-IN, 14-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
SEPTEMBER 2022
LMK5C33216A TI1-LMK5C33216A Datasheet
4Mb / 99P
LMK5C33216A Network Synchronizer With JED204B/JED204C and BAW VCO for Wireless Communications
DECEMBER 2023
LMK5C33414A TI1-LMK5C33414A Datasheet
4Mb / 99P
LMK5C33414A Network Synchronizer With JED204B/JED204C and BAW VCO for Wireless Communications
DECEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com