công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CARRIER-SW-95 bảng dữ liệu (PDF) - TEWS Technologies GmbH

CARRIER-SW-95 Datasheet PDF - TEWS Technologies GmbH
tên linh kiện CARRIER-SW-95
tải về  CARRIER-SW-95 tải về
kích thước tập tin   309.75 Kbytes
Page   3 Pages
nhà sản xuất  TEWS [TEWS Technologies GmbH]
Trang chủ  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Giải thích chi tiết về linh kiện VME64x Carrier for 4 IndustryPacks

CARRIER-SW-95 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
CARRIER-SW-95 Datasheet PDF - TEWS Technologies GmbH

tên linh kiện CARRIER-SW-95
tải về  CARRIER-SW-95 Click to download

kích thước tập tin   309.75 Kbytes
Page   3 Pages
nhà sản xuất  TEWS [TEWS Technologies GmbH]
Trang chủ  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Giải thích chi tiết về linh kiện VME64x Carrier for 4 IndustryPacks

CARRIER-SW-95 bảng dữ liệu (HTML) - TEWS Technologies GmbH


CARRIER-SW-95 Thông tin chi tiết sản phẩm

Application Information
The TVME220 is a 6U VMEbus carrier for up to 4 singlesize
or two double-size IndustryPack (IP) modules used to
build modular, flexible and cost effective I/O solutions for
applications in process control, medical systems,
telecommunication and traffic control.
The TVME220 uses VME64x-compliant connectors to
increase the quantity of rear I/O connectivity beyond that
of standard VME. All of the 200 I/O lines from the 4 IP
slots are available at the VME64x connectors P0 and P2.
The I/O mapping is compliant to the ANSI/VITA 4.1-1996
standard.
Although the rear connectors are VME64x, the electrical
interface is standard VME, so that nearly all CPU products
still have full access to the IP modules mounted on the
TVME220.
Status indicators for IP access, +5V and +/-12V are provided
in the EMI shielded front panel.
A set of 16-position rotary switches allows easy configuration
of VME Short I/O and memory addresses. Interrupt
routing from the IP slots to the VME IRQ’s can be done in
two ways: programmable by software or selection of
predefined sets by a rotary switch.
The IP power lines are fuse protected by self healing fuses
and RF filtered. The operating temperature ranges
between -40°C and +85°C.
TEWS two Transition Modules, TVME001-TM and
TVME002-TM are available for easy access to all IP I/O
lines.




Số phần tương tự - CARRIER-SW-95

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEWS Technologies GmbH
CARRIER-SW-95 TEWS-CARRIER-SW-95 Datasheet
192Kb / 2P
Carrier for 1 IndustryPack®
2017-09-20
CARRIER-SW-95 TEWS-CARRIER-SW-95 Datasheet
351Kb / 2P
AMC Carrier for 3 IndustryPacks®
2017-08-17
CARRIER-SW-95 TEWS-CARRIER-SW-95 Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
CARRIER-SW-95 TEWS-CARRIER-SW-95 Datasheet
201Kb / 1P
CompactPCI Carrier for 4 IndustryPacks
2017-08-17
CARRIER-SW-95 TEWS-CARRIER-SW-95 Datasheet
222Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
2017-08-17
More results


Mô tả tương tự - CARRIER-SW-95

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CTS Corporation
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
VME64, VME64x Terminator RoHS Compliant Parts Available
logo
List of Unclassifed Man...
CB-96-G1 ETC2-CB-96-G1 Datasheet
752Kb / 5P
Carrier Board for
logo
TriQuint Semiconductor
TQQ2504 TRIQUINT-TQQ2504_15 Datasheet
241Kb / 1P
Band 25/4 Carrier Aggregation Quadplexer
logo
PHOENIX CONTACT
0811970 PHOENIX-0811970 Datasheet
44Kb / 2P
Terminal strip marker carrier - KLM 4
logo
Renesas Technology Corp
F1701 RENESAS-F1701 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
logo
PHOENIX CONTACT
1013148 PHOENIX-1013148 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 4/15
09/11/2020
logo
WAGO Kontakttechnik Gmb...
2002-401 WAGO-2002-401 Datasheet
59Kb / 3P
Disconnect plug for carrier terminal blocks
24.11.2021
870-138 WAGO-870-138 Datasheet
255Kb / 9P
4-conductor/4-pin, double-deck carrier terminal block
29.12.2021
logo
Renesas Technology Corp
IDTF1751NBGI8 RENESAS-IDTF1751NBGI8 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
Rev1 December 2013
IDTF1763NBGI8 RENESAS-IDTF1763NBGI8 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
RevO December 2013
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com