công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCP001-FP bảng dữ liệu (PDF) - TEWS Technologies GmbH

TCP001-FP Datasheet PDF - TEWS Technologies GmbH
tên linh kiện TCP001-FP
tải về  TCP001-FP tải về
kích thước tập tin   104.9 Kbytes
Page   3 Pages
nhà sản xuất  TEWS [TEWS Technologies GmbH]
Trang chủ  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Giải thích chi tiết về linh kiện 4 Channel RS232/RS422/RS485 Programmable Serial Interface

TCP001-FP Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TCP001-FP Datasheet PDF - TEWS Technologies GmbH

tên linh kiện TCP001-FP
tải về  TCP001-FP Click to download

kích thước tập tin   104.9 Kbytes
Page   3 Pages
nhà sản xuất  TEWS [TEWS Technologies GmbH]
Trang chủ  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Giải thích chi tiết về linh kiện 4 Channel RS232/RS422/RS485 Programmable Serial Interface

TCP001-FP bảng dữ liệu (HTML) - TEWS Technologies GmbH


TCP001-FP Thông tin chi tiết sản phẩm

Application Information
The TCP467 is a standard 3U 32 bit CompactPCI module and offers 4 channels of high performance RS232/RS422/RS485 programmable asynchronous serial interface. The module offers front panel I/O with four RJ45 type connectors. The TCP467-10R provides a RJ45 I/O pinout according to EIA-232D. The TCP467-11R provides a non-standard RJ45 I/O pinout (as used on Motorola CPU boards).
The serial channels can be individually programmed to operate as RS232, RS422 or RS485 full duplex/half duplex interface. In addition programmable termination is provided for the RS422/RS485 interfaces. After power-up all serial I/O lines are in a high impedance state.
Each RS232 channel supports RxD, TxD, RTS, CTS and GND. RS422 and RS485 full duplex support a four wire interface (RX+, RX-, TX+, TX-) plus ground (GND). RS485 half duplex supports a two wire interface (DX+, DX-) plus ground (GND).
Each channel has 64 byte transmit and receive FIFOs to significantly reduce the overhead required to provide data to and get data from the transmitters and receivers. The FIFO trigger levels are programmable and the baud rate is individually programmable up to 921.6 kbps for RS232 channels and 5.5296 Mbps for RS422/RS485 channels. The UART offers readable FIFO levels.
All channels generate interrupts on CompactPCI interrupt INTA. For fast interrupt source detection the UART provides a special Global Interrupt Source Register.
All serial channels use ESD protected transceivers up to ±15KV.
The TCP467 can operate with 3.3V and 5.0V PCI I/O signaling voltage.
Software Support (TDRV002-SW-xx) for different operating systems is available.




Số phần tương tự - TCP001-FP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEWS Technologies GmbH
TCP001-FP TEWS-TCP001-FP Datasheet
99Kb / 3P
4 Channel High Speed Synch/Asynch Serial Interface
2018-08-24
TCP001-FP TEWS-TCP001-FP Datasheet
222Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
2017-08-17
TCP001-FP TEWS-TCP001-FP Datasheet
218Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
09/2009
TCP001-FP TEWS-TCP001-FP Datasheet
243Kb / 2P
CompactPCI Carrier for 2 IndustryPacks®
2017-08-17
TCP001-FP TEWS-TCP001-FP Datasheet
254Kb / 2P
PMC Carrier for 3U CompactPCI
2017-08-24
More results


Mô tả tương tự - TCP001-FP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
Multipoint RS485/RS422 Transceivers
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
Linear Technology
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
logo
Dorji Industrial Group ...
DRF1278DL DORJI-DRF1278DL Datasheet
832Kb / 11P
LoRa RS232/RS485 Interface Data Radio Modem
logo
Beckhoff Automation Gmb...
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
Serial Interface RS485/RS422 for CX20xx, CX52xx
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com