công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV9144 bảng dữ liệu (PDF) - Texas Instruments

TLV9144 Datasheet PDF - Texas Instruments
tên linh kiện TLV9144
tải về  TLV9144 tải về
kích thước tập tin   2609.01 Kbytes
Page   48 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier

TLV9144 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TLV9144 Datasheet PDF - Texas Instruments

tên linh kiện TLV9144
tải về  TLV9144 Click to download

kích thước tập tin   2609.01 Kbytes
Page   48 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier

TLV9144 bảng dữ liệu (HTML) - Texas Instruments


TLV9144 Thông tin chi tiết sản phẩm

1 Features
• Wide supply voltage: 2.7V to 18V
• Low quiescent current: 7μA per amplifier
• Rail-to-rail input and output
• Low offset voltage: ±265μV (typical)
• Low offset voltage drift: ±0.2μV/°C (typical)
• High PSRR: 140dB (typical)
• Wide bandwidth: 125kHz GBW, unity-gain stable
• High output current drive: ±40mA
• Low 1/f flicker noise: 3.4μVp-p (f = 0.1Hz to 10Hz)
• High common-mode rejection: 108dB
• Internal RFI and EMI filtered input pins
• Operating temperature range: –40°C to 125°C

2 Applications
• Smoke & heat detector
• Field transmitter & sensor
– Flow transmitter
– Pressure transmitter
– Temperature transmitter
– Level transmitter
• Blood glucose monitor
• Oxygern concentrator
• IP network camera
• Motion detector

3 Description
The TLV914x family (TLV9141, TLV9142, and
TLV9144) is a family of high voltage (18V) rail-to-rail
input and output (RRIO) operational amplifiers. These
devices offer excellent performance for low-power
applications, because of the family's low quiescent
current of 7μA/channel.
The TLV914x family offers excellent DC precision,
including low offset voltage (±265μV, typical), low
offset drift (±0.2μV/°C, typical), short-circuit current
limit of 40mA, high PSRR of 140dB, and high CMRR
of 108dB for high voltage operation within the main
input pair. The devices are also rated to work at
wide range of supply voltages from 2.7V to 18V.
This makes the TLV914x a flexible, robust, and
high-performance op amp for high-voltage industrial
applications.
These devices also have a gain bandwidth product of
125kHz and low 1/f flicker noise of 3.4μVpeak-to-peak
(0.1Hz to 10Hz). The family was designed to be
able to directly drive capacitive loads up to 350nF,
while maintaining a phase margin of 30 degrees or
higher. The TLV914x op amp family is available in
several industry-standard packages and the devices
are specified from –40°C to 125°C.




Số phần tương tự - TLV9144

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLV9144 TI-TLV9144 Datasheet
2Mb / 46P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
TLV9144 TI1-TLV9144 Datasheet
2Mb / 51P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
TLV9144 TI1-TLV9144 Datasheet
3Mb / 54P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
TLV9144IDR TI-TLV9144IDR Datasheet
2Mb / 46P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
TLV9144IDR TI1-TLV9144IDR Datasheet
2Mb / 51P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
More results


Mô tả tương tự - TLV9144

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
National Semiconductor ...
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V01 Datasheet
645Kb / 22P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com