công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RS53319LR bảng dữ liệu (PDF) - Reed Semiconductor Corp.

RS53319LR Datasheet PDF - Reed Semiconductor Corp.
tên linh kiện RS53319LR
tải về  RS53319LR tải về
kích thước tập tin   471.59 Kbytes
Page   8 Pages
nhà sản xuất  REED [Reed Semiconductor Corp.]
Trang chủ  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Giải thích chi tiết về linh kiện 2.85V to 16V Input, 20A Synchronous Step-Down Converter with Programmable Switching Frequency and Over-Current Limit

RS53319LR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
RS53319LR Datasheet PDF - Reed Semiconductor Corp.

tên linh kiện RS53319LR
tải về  RS53319LR Click to download

kích thước tập tin   471.59 Kbytes
Page   8 Pages
nhà sản xuất  REED [Reed Semiconductor Corp.]
Trang chủ  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Giải thích chi tiết về linh kiện 2.85V to 16V Input, 20A Synchronous Step-Down Converter with Programmable Switching Frequency and Over-Current Limit

RS53319LR bảng dữ liệu (HTML) - Reed Semiconductor Corp.


RS53319LR Thông tin chi tiết sản phẩm

Features
• Robust Constant On-Time (RCOTTM) Control
with fast transient response
• Input Voltage Range: 2.85V to 16V with
external bias, or 4V to 16V with internal bias
• Output Voltage Range: 0.6V to 5.5V for
RS53319 and RS53319L, 0.9V to 5.5V for
RS53319H. 90% max duty cycle
• 20A continuous output current
• Excellent load and line regulations with 0.5%
voltage accuracy
• Differential Remote Sensing
• Mode Selection Between Pulse Skip and CCM
at Light Load
• Programmable soft-start time
• 1.0μA Current into VIN Pin during Shutdown
• Programmable Switch Valley Current Limit
• Adjustable Switching Frequency: 600kHz,
800kHz, 1000kHz and 2.1MHz
• Non-latch OCP, UVP, UVLO and OTP. Latchoff
OVP
• 3mm x 4mm 21-Pin QFN Package
• RoHS compliant and Green
Applications
• Telecom/Datacom
• Base Station
• Computing, Servers, Storage, AI
• Point of Load (POL) Module
• Standard 12V Rail Supplies
• Gaming Consoles and Graphic Cards
• TV Power
Description
The RS53319 is a high-power density, fully
integrated synchronous buck converter. It has a
wide input voltage range, and can support up to 20A
continuous output current at defined conditions.
LDO is integrated internally, which is very suitable
for single input supply conditions. External bias is
optional for maximizing efficiency. A differential
sensing scheme and an internal feedback reference
voltage achieve ±1% tolerance over full temperature
range and, in conjunction, they perform an excellent
line and load regulation.
Switching frequency can be easily adjusted from
600kHz, 800kHz, 1000kHz, to 2.1MHz. The
RS53319 uses patented Robust Constant On-Time
(RCOTTM) control scheme with fast transient
response. Pure MLCC output capacitors can be
used to save space and cost.
RS53319 has full protection features including OCP,
NOCP, OVP, UVP and over temperature protection
(OTP).
The RS53319 is available in a 3mm x 4mm 21-Pin
QFN package.




Số phần tương tự - RS53319LR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Reed Semiconductor Corp...
RS53319LR REED-RS53319LR Datasheet
161Kb / 2P
2.85V to 16V Input, 20A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
More results


Mô tả tương tự - RS53319LR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MPQ8633B MPS-MPQ8633B Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2276 MPS-MP2276 Datasheet
1Mb / 23P
8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8634A MPS-MPQ8634A Datasheet
1Mb / 20P
16V, 12A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8634B MPS-MPQ8634B Datasheet
1Mb / 20P
16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8626 MPS-MPQ8626 Datasheet
1Mb / 23P
16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
Rev. 1.1 8/16/2022
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com