công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTRF1108RPVR bảng dữ liệu (PDF) - Texas Instruments

PTRF1108RPVR Datasheet PDF - Texas Instruments
tên linh kiện PTRF1108RPVR
tải về  PTRF1108RPVR tải về
kích thước tập tin   1638.16 Kbytes
Page   32 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier

PTRF1108RPVR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
PTRF1108RPVR Datasheet PDF - Texas Instruments

tên linh kiện PTRF1108RPVR
tải về  PTRF1108RPVR Click to download

kích thước tập tin   1638.16 Kbytes
Page   32 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier

PTRF1108RPVR bảng dữ liệu (HTML) - Texas Instruments


PTRF1108RPVR Thông tin chi tiết sản phẩm

1 Features
• Differential-to-single-ended (D2S) RF amplifier
• Near-DC to 8GHz
• Gain: 15.5dB at 2GHz
• OP1dB:
– 2GHz: 12dBm
– 6GHz: 10dBm
• OIP3:
– 2GHz: 28dBm
– 6GHz: 28.5dBm
• Noise figure (NF) and input noise spectral density:
– 2GHz: 11dB and –163dBm/Hz
– 6GHz: 11.5dB and –162.5dBm/Hz
• HD2 and HD3:
– HD2 (1GHz): –60dBc at 2dBm
– HD3 (1GHz): –58dBc at 2dBm
• Additive (residual) phase noise:
– 1GHz: –154.6dBc/Hz at 10kHz offset
• Gain and phase imbalance: ±0.6dB and ±2º
• Differential input matched to 100Ω
• Single-ended output matched to 50Ω
• Power-down feature
• 5V supply
• Active current: 170mA

2 Applications
• Directly interfaces with RF DACs
• Aerospace and defense
• Phased array radar
• Military radios
• 4G and 5G wireless BTS
• Test and measurement
• Active probe

3 Description
The TRF1108 is a very high-performance, differentialto-
single-ended (D2S) amplifier optimized for radiofrequency
(RF) applications. The device is an
excellent choice for applications that require a D2S
conversion at the output of digital-to-analog converter
(DAC) such as the high-performance DAC39RF10
or AFE7950. The on-chip matching components
simplify printed-circuit-board (PCB) implementation
and provide the highest performance over the usable
bandwidth. The device is fabricated using Texas
Instruments’ advanced complementary BiCMOS
process and is available in a space-saving, WQFNFCRLF
2mm × 2mm package.
The primary use-case of the TRF1108 is in accoupled
applications, where the device operates using
a single, 5V supply with an internally set commonmode
voltage that simplifies biasing. With the help of
an application circuit to set the input common-mode
voltage, and by using dual supplies, the amplifier can
be dc-coupled. A power-down feature is also available
for power savings.




Số phần tương tự - PTRF1108RPVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
PTRF1108RPVR TI1-PTRF1108RPVR Datasheet
1Mb / 18P
TRF1108 DC to 12GHz Bandwidth, Differential to Single-Ended RF Amplifier
JULY 2024
More results


Mô tả tương tự - PTRF1108RPVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RF Micro Devices
NBB-402 RFMD-NBB-402 Datasheet
213Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400 RFMD-NBB-400 Datasheet
186Kb / 10P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_06 Datasheet
188Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_13 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
Texas Instruments
THS3217 TI1-THS3217 Datasheet
2Mb / 73P
THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
logo
Mini-Circuits
K1-GAT MINI-K1-GAT Datasheet
309Kb / 1P
DC to 8GHz
K2-GAT MINI-K2-GAT Datasheet
291Kb / 1P
DC to 8GHz
logo
Texas Instruments
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
logo
Qorvo, Inc
NBB_402 QORVO-NBB_402 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com