công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK1D1204 bảng dữ liệu (PDF) - Texas Instruments

Click here to check the latest version.
LMK1D1204 Datasheet PDF - Texas Instruments
tên linh kiện LMK1D1204
tải về  LMK1D1204 tải về
kích thước tập tin   2477.37 Kbytes
Page   46 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LMK1D210xL Ultra Low Additive Jitter LVDS Buffer

LMK1D1204 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
LMK1D1204 Datasheet PDF - Texas Instruments

tên linh kiện LMK1D1204
tải về  LMK1D1204 Click to download

kích thước tập tin   2477.37 Kbytes
Page   46 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LMK1D210xL Ultra Low Additive Jitter LVDS Buffer

LMK1D1204 bảng dữ liệu (HTML) - Texas Instruments


LMK1D1204 Thông tin chi tiết sản phẩm

1 Features
• High-performance LVDS clock buffer family: up to
2GHz
– Dual 1:2 differential buffer
– Dual 1:4 differential buffer
– Dual 1:6 differential buffer
– Dual 1:8 differential buffer
• Supply voltage: 1.71V to 3.465V
• Dual output common mode voltage operation:
– Output common mode voltage: 0.7V at 1.8V
supply voltage.
– Output common mode voltage: 1.2V at 2.5V/
3.3V supply voltage
• Low additive jitter:
– < 17fs RMS typical in 12kHz to
20MHz at 1250.25MHz
– < 22fs RMS typical in 12kHz to
20MHz at 625MHz
– < 60fs RMS maximum in 12kHz to
20MHz at 156.25MHz
– Very low phase noise floor: -164dBc/Hz (typical
at 156.25MHz)
• Very low propagation delay: < 575ps maximum
• Output skew:
– 15ps maximum (LMK1D2102, LMK1D2104)
– 20ps maximum (LMK1D2106, LMK1D2106)
• Part to Part skew: 150ps
• High-swing LVDS (boosted mode): 500mV VOD
typical when AMP_SELA, AMP_SELB= Floating
• Bank enable/disable using AMP_SELA and
AMP_SELB Section 8.4.1
• Fail-safe input operation
• Universal inputs accept LVDS, LVPECL, LVCMOS,
HCSL and CML signal levels
• LVDS reference voltage, VAC_REF, available for
capacitive-coupled inputs
• Extended industrial temperature range: –40°C to
105°C

2 Applications
• Telecommunications and networking
• Medical imaging
• Test and measurement
• Wireless infrastructure
• Pro audio, video and signage

3 Description
The LMK1D210xL is a low noise dual clock buffer
which distributes one input to a maximum of 2
(LMK1D2102L), 4 (LMK1D2104L), 6 (LMK1D2106L)
or 8 (LMK1D2108L) LVDS outputs. The inputs can
either be LVDS, LVPECL, HCSL, CML, or LVCMOS.
The LMK1D210xL is specifically designed for driving
50Ω transmission lines. When driving inputs in singleended
mode, apply the appropriate bias voltage to the
unused negative input pin (see Figure 8-8).
LMK1D210xL buffer offers two output common mode
operation (0.7V and 1.2V) for different operating
supply. The device provides flexibility in design for
DC-coupled mode applications.
AMP_SELA / AMP_SELB control pin can be used
to select different output amplitude LVDS (350mV)
or boosted LVDS (500mV). In addition to amplitude
selection, outputs can be disabled using the same pin.
The part also supports Fail-Safe Input function for
clock and digital input pins. The device further
incorporates an input hysteresis which prevents
random oscillation of the outputs in the absence of
an input signal.




Số phần tương tự - LMK1D1204

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1204 TI-LMK1D1204 Datasheet
2Mb / 46P
LMK1D210xL Ultra Low Additive Jitter LVDS Buffer
SEPTEMBER 2024
LMK1D1204 TI1-LMK1D1204 Datasheet
2Mb / 46P
LMK1D210xL Ultra Low Additive Jitter LVDS Buffer
NOVEMBER 2024
LMK1D1204 TI2-LMK1D1204 Datasheet
1Mb / 32P
LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
REVISED JUNE 2023
LMK1D1204 TI2-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED JUNE 2023
More results


Mô tả tương tự - LMK1D1204

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
2:16 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com