| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Texas Instruments |
TPS54561
|
2Mb / 53P |
4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
|
 Alpha Wire |
200
|
194Kb / 2P |
M12-A Female 4 Pin Field Attachable
|
|
202
|
195Kb / 2P |
M12-A Female 4 Pin Field Attachable
|
|
203
|
195Kb / 2P |
M12-A Female 5 Pin Field Attachable
|
|
ACR
|
194Kb / 2P |
M12-A Female Rear Mount PG9 Receptacle
|
|
DCR
|
179Kb / 2P |
M12-A Male Rear Mount PG9 Receptacle
|
 Schneider Electric |
XZCC12FDB50R
|
113Kb / 3P |
female, M12, 5-pin, shielded straight connector
Dec 7, 2020 |
|
SSP1A450BD
|
118Kb / 5P |
Harmony, Solid state relay, 50 A, DIN rail mount, zero voltage switching, input 4??2 V DC, output 48??60 V AC
Aug 18, 2021 |
 NorComp |
859-005-203R00Y
|
86Kb / 1P |
M12 FEMALE - PANEL MOUNT (REAR) - SOLDER CUP - 5 POS
REV.03 |
 Belden Inc. |
RKT4-3-224
|
400Kb / 3P |
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
|