công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90342CES bảng dữ liệu (PDF) - fujitsu semiconductor

MB90342CES Datasheet PDF - fujitsu semiconductor
tên linh kiện MB90342CES
tải về  MB90342CES tải về
kích thước tập tin   1095.06 Kbytes
Page   84 Pages
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor
Giải thích chi tiết về linh kiện 16-bit Microcontroller

MB90342CES Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MB90342CES Datasheet PDF - fujitsu semiconductor

tên linh kiện MB90342CES
tải về  MB90342CES Click to download

kích thước tập tin   1095.06 Kbytes
Page   84 Pages
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor
Giải thích chi tiết về linh kiện 16-bit Microcontroller

MB90342CES bảng dữ liệu (HTML) - fujitsu semiconductor


MB90342CES Thông tin chi tiết sản phẩm

■ DESCRIPTION
The MB90340E series with up to 2 FULL-CAN interfaces is especially designed for automotive and other industrial applications. Its main feature are the on-board CAN Interfaces, which conform to V2.0 Part A and Part B, while supporting a very flexible message buffer scheme and so offering more functions than a normal full CAN approach.
The power to the MCU core (3 V) is supplied by a built-in regulator circuit, giving these microcontrollers superior performance in terms of power consumption and tolerance to EMI.

■ FEATURES
• CPU
    • Instruction system best suited to controller
        - Wide choice of data types (bit, byte, word, and long word)
        - Wide choice of addressing modes (23 types)
        - Enhanced functionality with signed multiply and divide instructions and the RETI instruction
        - Enhanced high-precision computing with 32-bit accumulator
     • Instruction system compatible with high-level language (C language) and multitask
        - Employing system stack pointer
        - Various enhanced pointer indirect instructions
        - Barrel shift instructions
    • Increased processing speed
        - 4-byte instruction queue

• Serial interface
    • LIN-UART : 4 channels
        - Equipped with full-duplex double buffer
        - Clock-asynchronous or clock-synchronous serial transmission is available
    • I2C interface : 2 channels (only for devices with a C suffix in the part number)
        - Up to 400 kbps transfer rate

• Interrupt controller
    • Powerful 8-level, 34-condition interrupt feature
    • Up to 16 external interrupts are supported
    • Automatic data transfer function independent of CPU
        - Expanded intelligent I/O service function (EI2OS) : up to 16 channels

• I/O ports
    • General-purpose input/output port (CMOS output)
        - 80 ports (for devices without an S suffix in the part number - i.e. devices that support the sub clock)
        - 82 ports (for devices with an S suffix in the part number - i.e. devices that do not support the sub clock)
   
• 8/10-bit A/D converter
    • 16 channels (only for devices without a C suffix in the part number)
    • 24 channels (only for devices with a C suffix in the part number)
    • Resolution is selectable between 8-bit and 10-bit.
    • Activation by external trigger input is allowed.
    • Conversion time : 3 μs (at 24 MHz machine clock, including sampling time)

• Address match detection (program patch) function
    • Detects address matches against 6 address pointers

• Timer
    • Time-base timer, watch timer, watchdog timer : 1 channel
    • 8/16-bit PPG timer : 8-bit × 16 channels, or 16-bit × 8 channels
    • 16-bit reload timer : 4 channels
    • 16-bit input/output timer
        - 16-bit free-run timer : 2 channels
        (FRT0 : ICU 0/1/2/3, OCU 0/1/2/3, FRT1 : ICU 4/5/6/7, OCU 4/5/6/7)
        - 16-bit input capture: (ICU): 8 channels
        - 16-bit output compare: (OCU): 8 channels
(Continue ...)




Số phần tương tự - MB90342CES

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
fujitsu semiconductor
MB90342CES FUJITSU-MB90342CES Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
MB90342CES FUJITSU-MB90342CES Datasheet
568Kb / 92P
16-bit Microcontroller
MB90342CESPF FUJITSU-MB90342CESPF Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
MB90342CESPFV FUJITSU-MB90342CESPFV Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Mô tả tương tự - MB90342CES

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
16-Bit Microcontroller
logo
InnovASIC, Inc
IA186XL INNOVASIC-IA186XL Datasheet
1Mb / 75P
16-Bit Microcontroller
More results




Giới thiệu về fujitsu semiconductor


Fujitsu Contements Limited là một công ty con của Fujitsu Limited, một công ty công nghệ thông tin đa quốc gia Nhật Bản.
Fujitsu Thành phần Limited tập trung vào thiết kế, phát triển và sản xuất các thành phần và thiết bị điện tử.
Công ty cung cấp một loạt các sản phẩm bao gồm các thiết bị lưu trữ dữ liệu, mô -đun giao tiếp không dây và các thành phần điện tử khác.
Fujitsu Contements Limited có các hoạt động và cơ sở vật chất ở nhiều quốc gia khác nhau trên khắp châu Á, châu Âu và châu Mỹ.
Công ty được biết đến với công nghệ tiên tiến, các sản phẩm chất lượng cao và các giải pháp sáng tạo trong ngành điện tử.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com