công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ABX00049 bảng dữ liệu (PDF) - Arduino

ABX00049 Datasheet PDF - Arduino
tên linh kiện ABX00049
tải về  ABX00049 tải về
kích thước tập tin   2652.32 Kbytes
Page   22 Pages
nhà sản xuất  ARDUINO [Arduino]
Trang chủ  https://www.arduino.cc/
Logo ARDUINO - Arduino
Giải thích chi tiết về linh kiện Arduino® Portenta X8

ABX00049 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ABX00049 Datasheet PDF - Arduino

tên linh kiện ABX00049
tải về  ABX00049 Click to download

kích thước tập tin   2652.32 Kbytes
Page   22 Pages
nhà sản xuất  ARDUINO [Arduino]
Trang chủ  https://www.arduino.cc/
Logo ARDUINO - Arduino
Giải thích chi tiết về linh kiện Arduino® Portenta X8

ABX00049 bảng dữ liệu (HTML) - Arduino


ABX00049 Thông tin chi tiết sản phẩm

Description
The Arduino® Portenta X8 is a high-performance system on module designed to power the upcoming generation of the Industrial Internet of Things. This board combines the NXP® i.MX 8M Mini (4+1-cores) hosting an embedded Linux OS with the STM32H7 (2-cores) for real-time applications in the Arduino environment. Shield and carrier boards are available to extend the functionality of the Portenta X8 or alternatively can be used as reference designs to develop your own custom solutions.

Features
NXP® i.MX 8M Mini
Processor
4x Arm® Cortex®-A53 core
platforms up to 1.8 GHz per core
32KB L1-I Cache
32 kB L1-D Cache
512 kB L2 Cache
Arm® Cortex®-M4 core up to 400
MHz
16 kB L1-I Cache
16 kB L2-D Cache
3D GPU (1x shader, OpenGL® ES
2.0)
2D GPU
1x MIPI DSI (4-lane) with PHY
1080p60 VP9 Profile 0, 2 (10-bit)
decoder, HEVC/H.265 decoder,
AVC/H.264 Baseline, Main, High
decoder, VP8 decoder
1080p60 AVC/H.264 encoder, VP8
encoder
5x SAI (12Tx + 16Rx external I2S
lanes), 8ch PDM input
1x MIPI CSI (4-lane) with PHY
2x USB 2.0 OTG controllers with
integrated PHY
1x PCIe 2.0 (1-lane) with L1 low
power substates
1x Gigabit Ethernet (MAC) with AVB
and IEEE 1588, Energy Efficient
Ethernet (EEE) for low power
4x UART (5mbps)
4x I2C
3x SPI
4x PWM
STM32H747XI
Microcontroller
Arm® Cortex®-M7 core at up to
480 MHz with double-precision FPU
16K data + 16K instruction L1 cache
1x Arm® 32-bit Cortex®-M4 core at
up to 240 MHz with FPU, Adaptive
real-time accelerator (ART
Accelerator™)
Memory
2 MB of Flash Memory with read-while-write
support
1 MB of RAM
Onboard memory
NT6AN512T32AV 2GB Low Power DDR4 DRAM
FEMDRW016G 16GB Foresee® eMMC Flash module
USB-C®
High Speed USB
DisplayPort output
Host and Device operation
Power Delivery support
High Density
connectors
1 lane PCI express
1x 10/100/1000 Ethernet interface
with PHY
2x USB HS
4x UART (2 with flow control)
3x I2C
1x SDCard interface
2x SPI (1 shared with UART)
1x I2S
1x PDM input
4 lane MIPI DSI output
4 lane MIPI CSI input
4x PWM outputs
7x GPIO
8x ADC inputs with separate VREF
Murata® 1DX Wi-
Fi®/Bluetooth®
Module
Wi-Fi® 802.11b/g/n 65 Mbps
Bluetooth® 5.1 BR/EDR/LE
NXP® SE050C2
Crypto
Common Criteria EAL 6+ certified
up to OS level
RSA & ECC functionalities, high key
length and future proof curves,
such as brainpool, Edwards, and
Montgomery
AES & 3DES encryption and
decryption
HMAC, CMAC, SHA-1, SHA-
224/256/384/512 operations
HKDF, MIFARE® KDF, PRF (TLS-PSK)
Support of main TPM
functionalities
Secured flash user memory up to
50kB
I2C slave (High-speed mode, 3.4
Mbit/s), I2C master (Fast-mode, 400
kbit/s)
SCP03 (bus encryption and
encrypted credential injection on
applet and platform level)
ROHM
BD71847AMWV
Programmable PMIC
Dynamic voltage scaling
3.3V/2A voltage output to carrier
board
Temperature range -40°C to +85°C
It is user’s sole responsibility to test board's
operation in full temperature range. To improve the
board performance in critical conditions, it is
possible to attach external heatsinks on the
processor and on the memory chip.
Safety information Class A




Số phần tương tự - ABX00049

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arduino
ABX00042 ARDUINO-ABX00042 Datasheet
4Mb / 24P
Arduino® Portenta H7 Collective Datasheet
15/11/2024
ABX00043 ARDUINO-ABX00043 Datasheet
1Mb / 25P
Arduino® Portenta Max Carrier
15/11/2024
ABX00045 ARDUINO-ABX00045 Datasheet
4Mb / 24P
Arduino® Portenta H7 Collective Datasheet
15/11/2024
ABX00046 ARDUINO-ABX00046 Datasheet
4Mb / 24P
Arduino® Portenta H7 Collective Datasheet
15/11/2024
logo
AG Electronica
ABX00047 AGELECTRONICA-ABX00047 Datasheet
820Kb / 12P
PLACA PORTADORA ARDUINO MKR IOT
24/08/2021
More results


Mô tả tương tự - ABX00049

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
AKX00032 ETC-AKX00032 Datasheet
4Mb / 25P
Arduino® Portenta Machine Control
logo
Arduino
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
Arduino® Nano 33 IoT
03/08/2022
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00080 ARDUINO-ABX00080 Datasheet
2Mb / 17P
Arduino® UNO R4 Minima
25/07/2023
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
ABX00087 ARDUINO-ABX00087 Datasheet
8Mb / 23P
Arduino® UNO R4 WiFi
08/06/2023
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com