công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NMUX1309 bảng dữ liệu (PDF) - Nexperia B.V. All rights reserved

NMUX1309 Datasheet PDF - Nexperia B.V. All rights reserved
tên linh kiện NMUX1309
tải về  NMUX1309 tải về
kích thước tập tin   338.49 Kbytes
Page   23 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện 1.5 V to 5.5 V, dual 4-channel switch analog multiplexer and demultiplexer with injection-current control

NMUX1309 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
NMUX1309 Datasheet PDF - Nexperia B.V. All rights reserved

tên linh kiện NMUX1309
tải về  NMUX1309 Click to download

kích thước tập tin   338.49 Kbytes
Page   23 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện 1.5 V to 5.5 V, dual 4-channel switch analog multiplexer and demultiplexer with injection-current control

NMUX1309 bảng dữ liệu (HTML) - Nexperia B.V. All rights reserved


NMUX1309 Thông tin chi tiết sản phẩm

1. General description
The NMUX1309 is a general purpose, CMOS, bi-directional, dual 4 channel analog switch, with an
operating voltage range of 1.5 V to 5.5 V. The NMUX1309 is dual source compatible with existing
4852 and 4052 devices. The NUMX1309 extends the digital logic thresholds to be compatible with
1.8 V systems without the need for voltage translation.
The analog signal pins are comprised of two common inputs/outputs (nZ) and eight independent
inputs/outputs (nY0 to nY3). All analog signal pins are bi-directional and support a voltage range
from GND to VCC.
All analog signal pins integrate injection current control circuitry. This control circuitry isolates
overvoltage spikes on disconnected analog signal pins from coupling to the connected analog
signal path, thereby preserving measurement accuracy. Additionally, this integration makes the use
of external overvoltage clamp components (e.g. resistive diode network) unnecessary.
There are three control signal pins (S0, S1, and E). S0 and S1 determine the analog channels
to connect between nZ and nYn. E can be used to override S0 and S1, disconnecting all analog
channels. The control signal pins support 1.8 V logic thresholds across all operating voltages.
In addition, these pins are 5.5 V tolerant, enabling up to 5.5 V operation independent of supply
voltage.

2. Features and benefits
• Wide operating range: 1.5 V to 5.5 V
• 2x SP4T-Z functionality
• Rail-to-Rail operation on analog signal pins
• Injection current control
• 1.8 V digital logic thresholds
• Digital pins compatible with 1.8 V logic thresholds across full VCC range
• Removes need for up-translation device for compatibility with low voltage GPIOs
• Ioff circuitry
• Enables wider latitude for power sequencing considerations
• Isolates backflow between supply rail and any biased digital/analog input when VCC = 0 V
• Prevents any biased digital/analog input from backpowering VCC when VCC = 0 V
• Maintains Hi-Z state of analog switch when VCC = 0 V
• 5.5 V overvoltage tolerant digital inputs
• Supports switching of 5.5 V digital signals across full VCC operating range
• Removes need for down-translation when switching thresholds are met
• Pin compatible with industry standard 4052 and 4852 analog switch products
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C2b exceeds 750 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C

3. Applications
• Analog or digital multiplexing/demultiplexing
• System monitoring and diagnostics
• Enterprise computing
• Appliances




Số phần tương tự - NMUX1309

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
NMUX1309-Q100 NEXPERIA-NMUX1309-Q100 Datasheet
339Kb / 23P
1.5 V to 5.5 V, dual 4-channel switch analog multiplexer and demultiplexer with injection-current control
Rev. 1.4 23 August 2024
NMUX1309-Q100 NEXPERIA-NMUX1309-Q100_V01 Datasheet
338Kb / 23P
1.5 V to 5.5 V, dual 4-channel switch analog multiplexer
Rev. 1.2 16 April 2024
NMUX1309BQ NEXPERIA-NMUX1309BQ Datasheet
337Kb / 23P
1.5 V to 5.5 V, dual 4-channel switch analog multiplexer
Rev. 1.2 16 April 2024
NMUX1309BQ-Q100 NEXPERIA-NMUX1309BQ-Q100 Datasheet
339Kb / 23P
1.5 V to 5.5 V, dual 4-channel switch analog multiplexer and demultiplexer with injection-current control
Rev. 1.4 23 August 2024
NMUX1309BQ-Q100 NEXPERIA-NMUX1309BQ-Q100 Datasheet
338Kb / 23P
1.5 V to 5.5 V, dual 4-channel switch analog multiplexer
Rev. 1.2 16 April 2024
More results


Mô tả tương tự - NMUX1309

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852 TI-SN74HC4852_08 Datasheet
531Kb / 20P
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HCT4852 NXP-74HCT4852 Datasheet
114Kb / 20P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852-Q1 TI1-SN74HC4852-Q1 Datasheet
319Kb / 18P
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com