công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP87621XYYRQKRQ1 bảng dữ liệu (PDF) - Texas Instruments

LP87621XYYRQKRQ1 Datasheet PDF - Texas Instruments
tên linh kiện LP87621XYYRQKRQ1
tải về  LP87621XYYRQKRQ1 tải về
kích thước tập tin   1125.81 Kbytes
Page   21 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches

LP87621XYYRQKRQ1 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
LP87621XYYRQKRQ1 Datasheet PDF - Texas Instruments

tên linh kiện LP87621XYYRQKRQ1
tải về  LP87621XYYRQKRQ1 Click to download

kích thước tập tin   1125.81 Kbytes
Page   21 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches

LP87621XYYRQKRQ1 bảng dữ liệu (HTML) - Texas Instruments


LP87621XYYRQKRQ1 Thông tin chi tiết sản phẩm

1 Features
• AEC-Q100 qualified with the following results:
– Input voltage: 2.8V to 5.5V
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM ESD classification Level 2
– Device CDM ESD classification Level C4B
• Functional safety-compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262
system design up to ASIL-D
– Documentation available to aid IEC 61508
system design up to SIL-3
– Systematic capability up to ASIL-D
– Hardware integrity up to ASIL-D
– Windowed voltage and over-current monitors
– Watchdog with selectable trigger / Q&A mode
– Level or PWM error signal monitoring (ESM)
– Thermal monitoring with high temperature
warning and thermal shutdown
– Bit-integrity (CRC) error detection on
configuration registers and non-volatile memory
• Four high-efficiency step-down DC/DC converters:
– Output voltage: 0.3V to 3.34V (0.3V to 1.9V for
multi-phase outputs)
– Maximum output current: 3A per phase, up to
12A with 4-phase configuration
– Programmable output voltage slew-rate:
0.5mV/μs to 33mV/μs
– Switching frequency: 2.2MHz or 4.4MHz
• Ten configurable general purpose I/O (GPIO)
• SPMI interface for multi-PMIC synchronization
• Input overvoltage monitor (OVP) and undervoltage
lockout (UVLO)

2 Applications
• Advanced driver assistance systems (ADAS)
• Front camera
• Surround view system ECU
• Long range radar
• Sensor fusion
• Domain controller

3 Description
The LP8762-Q1 device is designed to meet the power
management requirements of the latest processors
and platforms in various safety-relevant automotive
and industrial applications. The device has four stepdown
DC/DC converter cores, that are configurable
for five different phase configurations from one 4-
phase output to four 1-phase outputs. The device
settings can be changed by I2C-compatible serial
interface or by a SPI serial interface.
The automatic PFM/PWM (AUTO mode) operation
together with the automatic phase adding and phase
shedding maximizes efficiency over a wide outputcurrent
range. The LP8762-Q1 device supports
remote differential voltage sensing for multiphase
outputs to compensate IR drop between the regulator
output and the point-of-load (POL) that improves the
accuracy of the output voltage. The switching clock
can be forced to PWM mode and the phases are
interleaved. The switching can be synchronized to
an external clock and spread-spectrum mode can be
enabled to minimize the disturbances.




Số phần tương tự - LP87621XYYRQKRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LP87621XYYRQKRQ1 TI2-LP87621XYYRQKRQ1 Datasheet
1Mb / 21P
LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches
OCTOBER 2024
More results


Mô tả tương tự - LP87621XYYRQKRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LP87561I-Q1 TI1-LP87561I-Q1 Datasheet
988Kb / 75P
Four-Phase 16-A Buck Converter With Integrated Switches
LP87521-Q1 TI1-LP87521-Q1_V02 Datasheet
3Mb / 94P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
LP8764-Q1 TI-LP8764-Q1 Datasheet
1,011Kb / 38P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
LP87521-Q1 TI-LP87521-Q1_V03 Datasheet
3Mb / 94P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
LP8764-Q1 TI-LP8764-Q1_V01 Datasheet
10Mb / 306P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI-LP87521-Q1_V05 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
LP8764-Q1 TI-LP8764-Q1_V02 Datasheet
10Mb / 307P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI-LP87521-Q1_V06 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
LP8764-Q1 TI-LP8764-Q1_V03 Datasheet
10Mb / 307P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI1-LP87521-Q1_V07 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com