công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS16T3G bảng dữ liệu (PDF) - ON Semiconductor

SS16T3G Datasheet PDF - ON Semiconductor
tên linh kiện SS16T3G_V01
tải về  SS16T3G tải về
kích thước tập tin   151.82 Kbytes
Page   5 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package

SS16T3G Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
SS16T3G Datasheet PDF - ON Semiconductor

tên linh kiện SS16T3G_V01
tải về  SS16T3G Click to download

kích thước tập tin   151.82 Kbytes
Page   5 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package

SS16T3G bảng dữ liệu (HTML) - ON Semiconductor


SS16T3G Thông tin chi tiết sản phẩm

These devices employ the Schottky Barrier principle in a large area
metal−to−silicon power diode. State of the art geometry features
epitaxial construction with oxide passivation and metal overlay
contact. Ideally suited for low voltage, high frequency rectification, or
as free wheeling and polarity diodes in surface mount applications
where compact size and weight are critical to the system.
Features
• Small Compact Surface Mountable Package with J−Bent Leads
• Rectangular Package for Automated Handling
• Highly Stable Oxide Passivated Junction
• Very Low Forward Voltage Drop
• Guardring for Stress Protection
• SBRA8 Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable*
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics
• Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
• Weight: 70 mg (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Shipped in 12 mm tape, 5000 units per 13 inch reel
• Polarity: Cathode Lead Indicated by Polarity Band
• ESD Ratings:
♦ Machine Model = C
♦ Human Body Model = 3B
• Device Meets MSL 1 Requirements




Số phần tương tự - SS16T3G_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SS16T3G ONSEMI-SS16T3G Datasheet
48Kb / 4P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 6
SS16T3G ONSEMI-SS16T3G Datasheet
140Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 7
SS16T3G ONSEMI-SS16T3G Datasheet
280Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 - Rev. 9
More results


Mô tả tương tự - SS16T3G_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MBRA340T3 ONSEMI-MBRA340T3_06 Datasheet
54Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
October, 2006 ??Rev. 4
MBRA1H100T3G ONSEMI-MBRA1H100T3G Datasheet
122Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
January, 2012 ??Rev. 2
MBRS2H100T3G ONSEMI-MBRS2H100T3G_09 Datasheet
141Kb / 8P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
March, 2009 ??Rev. 5
NRVBA2H100T3G ONSEMI-NRVBA2H100T3G Datasheet
120Kb / 7P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
December, 2012 ??Rev. 8
MBRA1H100 ONSEMI-MBRA1H100 Datasheet
251Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 ??Rev. 4
MBRA140 ONSEMI-MBRA140_V01 Datasheet
301Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
February, 2020 - Rev. 12
MBRA340 ONSEMI-MBRA340 Datasheet
204Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
March, 2020 - Rev. 12
SS16T3G ONSEMI-SS16T3G Datasheet
280Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 - Rev. 9
MBRA160 ONSEMI-MBRA160 Datasheet
263Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 - Rev. 14
MBRS2H100T3G ONSEMI-MBRS2H100T3G_V01 Datasheet
245Kb / 8P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
January, 2022 - Rev. 14
More results




Giới thiệu về ON Semiconductor


ON Semiconductor là một công ty giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các sản phẩm bán dẫn cho nhiều ứng dụng bao gồm ô tô, điện toán, hàng tiêu dùng, thị trường công nghiệp và truyền thông.
Công ty được thành lập vào năm 1999 và có trụ sở tại Phoenix, Arizona.
Trên chất bán dẫn cung cấp một danh mục rộng lớn về quản lý năng lượng, chất bán dẫn tương tự và rời rạc bao gồm MOSFET, điốt, bộ chỉnh lưu, bộ điều chỉnh điện áp, trong số những người khác.
Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, đáng tin cậy và hiệu quả về chi phí và được sử dụng trong nhiều ứng dụng bao gồm điện tử di động, hệ thống tự động hóa công nghiệp, hệ thống năng lượng tái tạo và điện tử ô tô.
Về chất bán dẫn cam kết đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của khách hàng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com