công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLM5190QRGYR bảng dữ liệu (PDF) - Texas Instruments

PLM5190QRGYR Datasheet PDF - Texas Instruments
tên linh kiện PLM5190QRGYR
tải về  PLM5190QRGYR tải về
kích thước tập tin   2272.3 Kbytes
Page   46 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện LM5190-Q1 80V, Automotive, Synchronous, Buck Controller With Constant Current and Constant Voltage Regulation

PLM5190QRGYR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
PLM5190QRGYR Datasheet PDF - Texas Instruments

tên linh kiện PLM5190QRGYR
tải về  PLM5190QRGYR Click to download

kích thước tập tin   2272.3 Kbytes
Page   46 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện LM5190-Q1 80V, Automotive, Synchronous, Buck Controller With Constant Current and Constant Voltage Regulation

PLM5190QRGYR bảng dữ liệu (HTML) - Texas Instruments


PLM5190QRGYR Thông tin chi tiết sản phẩm

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
• Wide input voltage operating range: 5V to 80V
• Adjustable output voltage from 0.8V to 80V, or
fixed output of 5V or 12V
• Constant-Current Constant-Voltage (CC-CV)
operation
– Current regulation accuracy: ± 4.5%
– Voltage regulation accuracy: ± 1%
• Current monitoring and constant current features
– Analog voltage proportional to output current
(IMON)
– Programmable average output current limit
(ILIM)
– Dynamic average output current limit (ISET)
• 2.3μA typical shutdown mode IQ and 15μA typical
sleep mode IQ
• Standard-level MOSFET driver
• Power-good output voltage status indicator
(PGOOD)
• Programmable switching frequency from 100kHz
to 2.2MHz
• Optional external clock synchronization
• Selectable dual random spread spectrum (DRSS)
feature for enhanced EMI performance across low
and high-frequency bands
• Internal slope compensation and internal bootstrap
diode
• Dual-input VCC regulator to reduce power
dissipation (BIAS)

2 Applications
• Super capacitor energy backup
• USB power delivery
• E-bikes
• Power tools
• Server battery-backup unit (BBU)
• Energy storage system and solar energy

3 Description
The LM5190-Q1 is an 80V, ultra-low IQ, synchronous
buck DC/DC controller with Constant-Current
Constant-Voltage (CC-CV) regulation. The controller
uses a peak current-mode control architecture for
easy loop compensation, fast transient response, and
excellent load and line regulation. The integrated
CC-CV operation features a high accuracy for the
regulation of both voltage (± 1%) and current (±
4.5%) . The CC-CV operation also provides seamless
transition between constant-current and constantvoltage
mode. The CC-CV operation effectively
reduces the bill of materials (BOM) count and cost
for applications that require average output current
control. The output current limit is programmable and
can be dynamically changed. The LM5190-Q1 has an
output current monitor.
The LM5190-Q1 has a unique EMI reduction
feature known as dual random spread spectrum
(DRSS). Combining low-frequency triangular and
high-frequency random modulations mitigates EMI
disturbances across lower and higher frequency
bands, respectively. This hybrid technique aligns with
the multiple resolution bandwidth (RBW) settings
specified in industry-standard EMC tests.
Additional features of the LM5190-Q1 include
150°C maximum junction temperature operation,
user-selectable diode emulation for lower current
consumption at light-load conditions, open-drain
power-good flag for fault reporting and output
monitoring, precision enable input, monotonic start-up
into prebiased load, integrated dual-input VCC bias
supply regulator, internal 2.75ms soft-start time, and
thermal shutdown protection with automatic recovery.
The LM5190-Q1 controller comes in a 3.5mm ×
4.5mm, thermally enhanced, 19-pin VQFN package
with wettable flank pins to facilitate optical inspection
during manufacturing.




Số phần tương tự - PLM5190QRGYR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
PLM5190QRGYR TI2-PLM5190QRGYR Datasheet
2Mb / 53P
LM5190-Q1 80V, Automotive, Synchronous Buck Controller With Constant-Current and Constant-Voltage Regulation
REVISED NOVEMBER 2025
PLM5190QRGYR.A TI2-PLM5190QRGYR.A Datasheet
2Mb / 53P
LM5190-Q1 80V, Automotive, Synchronous Buck Controller With Constant-Current and Constant-Voltage Regulation
REVISED NOVEMBER 2025
More results


Mô tả tương tự - PLM5190QRGYR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
High Power Constant Current, Constant Voltage Synchronous Buck Controller
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com