công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMCS1133-Q1 bảng dữ liệu (PDF) - Texas Instruments

TMCS1133-Q1 Datasheet PDF - Texas Instruments
tên linh kiện TMCS1133-Q1
tải về  TMCS1133-Q1 tải về
kích thước tập tin   2784.86 Kbytes
Page   40 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TMCS1133-Q1 AEC-Q100, Precision 1MHz Hall-Effect Current Sensor With Reinforced Working Voltage, Overcurrent Detection and Ambient Field Rejection

TMCS1133-Q1 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TMCS1133-Q1 Datasheet PDF - Texas Instruments

tên linh kiện TMCS1133-Q1
tải về  TMCS1133-Q1 Click to download

kích thước tập tin   2784.86 Kbytes
Page   40 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TMCS1133-Q1 AEC-Q100, Precision 1MHz Hall-Effect Current Sensor With Reinforced Working Voltage, Overcurrent Detection and Ambient Field Rejection

TMCS1133-Q1 bảng dữ liệu (HTML) - Texas Instruments


TMCS1133-Q1 Thông tin chi tiết sản phẩm

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to 125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• High continuous current capability: 80ARMS
• Robust reinforced isolation
• High accuracy
– Sensitivity error: ±0.1%
– Sensitivity thermal drift: ±20ppm/°C
– Sensitivity lifetime drift: ±0.2%
– Offset error: ±0.2mV
– Offset thermal drift: ±10μV/°C
– Offset lifetime drift: ±0.2mV
– Non-linearity: ±0.1%
• High immunity to external magnetic fields
• Fast Response
– Signal bandwidth: 1MHz
– Response time: 120ns
– Propagation delay: 50ns
– Overcurrent detection response: 100ns
• Operating supply range: 3V to 5.5V
• Bidirectional and unidirectional current sensing
• Multiple sensitivity options:
– Ranging from 20mV/A to 150mV/A
• Safety related certifications (planned)
– UL 1577 Component Recognition Program
– IEC/CB 62368-1

2 Applications
• Onboard charger
• DC/DC converter
• Rotor excitation
• HVAC compressor
• High-voltage PDU
• EV charging

3 Description
The TMCS1133-Q1 is a galvanically isolated Halleffect
current sensor with industry leading isolation
and accuracy. An output voltage proportional to the
input current is provided with excellent linearity and
low drift at all sensitivity options. Precision signal
conditioning circuitry with built-in drift compensation is
capable of less than 1.4% maximum sensitivity error
over temperature and lifetime with no system level
calibration, or less than 0.9% maximum sensitivity
error including both lifetime and temperature drift with
a one-time calibration at room temperature.
AC or DC input current flows through an internal
conductor generating a magnetic field measured
by integrated, on-chip, Hall-effect sensors. Coreless
construction eliminates the need for magnetic
concentrators. Differential Hall sensors reject
interference from stray external magnetic fields. Low
conductor resistance increases measurable current
ranges up to ±96A while minimizing power loss and
easing thermal dissipation requirements. Insulation
capable of withstanding 5kVRMS, coupled with a
minimum of 8mm creepage and clearance, provides
high levels of reliable lifetime reinforced working
voltage. Integrated shielding enables excellent
common-mode rejection and transient immunity.
Fixed sensitivity allows the device to operate from a
single 3V to 5.5V power supply, eliminating ratiometry
errors and improving supply noise rejection.




Số phần tương tự - TMCS1133-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMCS1133-Q1 TI-TMCS1133-Q1 Datasheet
2Mb / 41P
TMCS1133 Precision 1MHz Hall-Effect Current Sensor With Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
AUGUST 2024
TMCS1133-Q1 TI-TMCS1133-Q1 Datasheet
2Mb / 41P
TMCS1133 Precision 1MHz Hall-Effect Current Sensor With Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
AUGUST 2024
TMCS1133-Q1 TI1-TMCS1133-Q1 Datasheet
3Mb / 44P
TMCS1133-Q1 AEC-Q100, Precision 1MHz Hall-Effect Current Sensor With Reinforced Working Voltage, Overcurrent Detection and Ambient Field Rejection
FEBRUARY 2025
TMCS1133-Q1 TI1-TMCS1133-Q1_V01 Datasheet
3Mb / 44P
TMCS1133-Q1 AEC-Q100, Precision 1MHz Hall-Effect Current Sensor With Reinforced Working Voltage, Overcurrent Detection and Ambient Field Rejection
FEBRUARY 2025
More results


Mô tả tương tự - TMCS1133-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
ACS37612 ALLEGRO-ACS37612 Datasheet
2Mb / 22P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection and High Bandwidth (240 kHz)
logo
Texas Instruments
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101-Q1 TI-TMCS1101-Q1 Datasheet
2Mb / 47P
TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1107-Q1 TI-TMCS1107-Q1 Datasheet
2Mb / 42P
TMCS1107-Q1 AEC-Q100, 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
JULY 2021
TMCS1108-Q1 TI-TMCS1108-Q1 Datasheet
2Mb / 40P
TMCS1108-Q1 AEC-Q100, 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
JULY 2021
logo
Allegro MicroSystems
ACS37610 ALLEGRO-ACS37610 Datasheet
3Mb / 40P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection, Overcurrent and Overtemperature Detection
Rev. 1 January 26, 2023
logo
Texas Instruments
TMCS1123 TI1-TMCS1123 Datasheet
1Mb / 35P
TMCS1123 Precision Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2023
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 36P
TMCS1133 Precision 1 MHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
OCTOBER 2023
TMCS1126 TI1-TMCS1126 Datasheet
2Mb / 39P
TMCS1126 Precision 500kHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
NOVEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com