công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XHP50.2 bảng dữ liệu (PDF) - Cree LED

XHP50.2 Datasheet PDF - Cree LED
tên linh kiện XHP50.2
tải về  XHP50.2 tải về
kích thước tập tin   5170.08 Kbytes
Page   35 Pages
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED
Giải thích chi tiết về linh kiện XLamp® XHP50.2 LEDs

XHP50.2 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
XHP50.2 Datasheet PDF - Cree LED

tên linh kiện XHP50.2
tải về  XHP50.2 Click to download

kích thước tập tin   5170.08 Kbytes
Page   35 Pages
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED
Giải thích chi tiết về linh kiện XLamp® XHP50.2 LEDs

XHP50.2 bảng dữ liệu (HTML) - Cree LED


XHP50.2 Thông tin chi tiết sản phẩm

FEATURES
• Available in white, and in 3‑V version or 6‑V & 12‑V version
(6-V/12‑V is configurable by PCB layout)
• Available in 5-step EasyWhite® bins at 3000 K to 5000 K
CCT, 3-step EasyWhite bins at 2700 K to 5000 K and 2-step
EasyWhite bins at 2700 K to 4000 K CCT
• Available in ANSI white bins at 3000 K to 7000 K CCT
• Available in standard, 70-, 80-, and 90‑minimum CRI options
• Broadcast color option at 5700 K provides maximum
performance for TV events that require extremely high TLCI
• Binned at 85 °C
• Maximum drive current: 6000 mA (3 V), 3000 mA (6 V),
1500 mA (12 V)
• Low thermal resistance: 0.6 °C/W
• Wide viewing angle: 120°
• Unlimited floor life at ≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J‑STD‑020C
• RoHS and REACH compliant
• UL® recognized component (E349212)




Số phần tương tự - XHP50.2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cree, Inc
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
XLamp XHP50.2 LEDs
Rev 0A
More results


Mô tả tương tự - XHP50.2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
XLamp LEDs
Rev 2E
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
XLamp XHP50.2 LEDs
Rev 0A
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
XLamp® XB-D LEDs
REV 15
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results




Giới thiệu về Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com