công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDP2044RNQT bảng dữ liệu (PDF) - Texas Instruments

TDP2044RNQT Datasheet PDF - Texas Instruments
tên linh kiện TDP2044RNQT
tải về  TDP2044RNQT tải về
kích thước tập tin   1675.32 Kbytes
Page   25 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TDP2044 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver with Cross-Point for USB Type-C

TDP2044RNQT Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TDP2044RNQT Datasheet PDF - Texas Instruments

tên linh kiện TDP2044RNQT
tải về  TDP2044RNQT Click to download

kích thước tập tin   1675.32 Kbytes
Page   25 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TDP2044 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver with Cross-Point for USB Type-C

TDP2044RNQT bảng dữ liệu (HTML) - Texas Instruments


TDP2044RNQT Thông tin chi tiết sản phẩm

1 Features
• Supports DisplayPort 2.1 up to 20Gbps (UHBR20)
• Designed for USB-C DP only (no USB 3.x) source
or sink with integrated cross-point mux
• Protocol agnostic linear equalizer supporting most
AC coupled interfaces up to 20Gbps
• Excellent electrical performance at 20Gbps
(10GHz Nyquist):
– 19dB equalization
– 1.8V DC linearity, 1.08V AC linearity
– –15 / –16dB Rx / Tx return loss
– –60dB NEXT, –43dB FEXT cross talk
– 70fs low additive RJ with PRBS data
• Transparent to DisplayPort 1.4 and 2.1 link training
• Single 3.3V supply with 160mW/chan active power
• Internal voltage regulator provides immunity to
supply noise
• High linearity easing DP compliance ratio tests
• High BW resulting excellent linear EQ curves
• Pin-strap, I2C or EEPROM programming
– 18 EQ boost and 5 flat gain settings
• TDP2044: 0°C to 70°C commercial temperature
• TDP2044I: –40°C to 85°C industrial temperature
• 4mm × 6mm, 40 pin WQFN package

2 Applications
• Desktop PC or motherboard
• PC, notebooks, and tablets
• Docking stations
• TV, gaming, home theater, and entertainment
• Pro audio, video, and signage
• Test and measurement
• Medical
• Flat panel monitors

3 Description
The TDP2044 is a four-channel low-power highperformance
linear repeater or redriver with integrated
cross-point to support VESA USB Type-C™ Alt Mode
applications designed to support DisplayPort 2.1 up to
20Gbps.
The TDP2044 receivers deploy continuous time
linear equalizers (CTLE) to provide a programmable
high-frequency boost. The equalizer can open an
input eye that is completely closed due to intersymbol
interference (ISI) induced by an interconnect
medium, such as PCB traces or cables. The linear
data-paths of TDP2044 preserve transmit preset
signal characteristics. High bandwidth, low channelto-
channel cross-talk, low additive jitter and excellent
return loss makes the device almost a passive
element in the link, but with useful equalization. The
DisplayPort link training is effective through the linear
redriver that becomes part of the passive channel in
between source Tx and sink Rx. This transparency in
the link training protocol results in optimum electrical
link and lowest possible latency. The data-path of the
device uses an internally regulated power rail that
provides high immunity to any supply noise on the
board.
The device also has low AC and DC gain variation
providing consistent equalization in high volume
platform deployment.




Số phần tương tự - TDP2044RNQT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
TDP2004 TI2-TDP2004 Datasheet
2Mb / 34P
TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
SEPTEMBER 2025
TDP2004-Q1 TI2-TDP2004-Q1 Datasheet
2Mb / 34P
TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
SEPTEMBER 2025
TDP2004IRNQR TI1-TDP2004IRNQR Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
TDP2004IRNQT TI1-TDP2004IRNQT Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Mô tả tương tự - TDP2044RNQT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Diodes Incorporated
PI3EQX2024 DIODES-PI3EQX2024 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com