công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8421BDFU bảng dữ liệu (PDF) - Texas Instruments

DRV8421BDFU Datasheet PDF - Texas Instruments
tên linh kiện DRV8421BDFU
tải về  DRV8421BDFU tải về
kích thước tập tin   869.4 Kbytes
Page   25 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện DRV8421 18V 2A Dual H-Bridge Stepper Driver

DRV8421BDFU Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
DRV8421BDFU Datasheet PDF - Texas Instruments

tên linh kiện DRV8421BDFU
tải về  DRV8421BDFU Click to download

kích thước tập tin   869.4 Kbytes
Page   25 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện DRV8421 18V 2A Dual H-Bridge Stepper Driver

DRV8421BDFU bảng dữ liệu (HTML) - Texas Instruments


DRV8421BDFU Thông tin chi tiết sản phẩm

1 Features
• Dual H-Bridge Motor Driver
– Single/Dual Brushed DC
– Stepper
– Solenoids
• 4 to 18V Operating Supply Voltage Range
• Low ON-resistance: HS + LS = 900mΩ (Typical,
25°C)
• High Output Current per H-Bridge
– 2A Maximum Driver Current at 12V and TA =
25°C
– Parallel Mode Available Capable of 4A
Maximum Driver Current at 12V and TA = 25°C
• Device versions:
– DRV8421A (4-wire input): Independent Half
Bridge Control
– DRV8421B (2-wire input): Sleep Mode, Fault
detect
• Similar LV Stepper Drivers:
– DRV8410: 1.65 to 11V (800mΩ RDS(ON))
– DRV8411: 1.65 to 11V (400mΩ RDS(ON))
– DRV8411A: 1.65 to 11V (400mΩ RDS(ON))
• PWM Control Interface
• Low-Current 3μA Sleep Mode (2-wire input version
only)
• Thermally-Enhanced Surface Mount Package
• Protection Features
– VM Undervoltage Lockout (UVLO)
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– Fault Condition Indication Pin (nFAULT) (2-wire
input version only)

2 Applications
• Household Appliances
– Printers/Scanners
– Refrigerators
– Vacuum Cleaners
– Clothes Dryer
• General Brushed and Stepper Motors

3 Description
The DRV8421 provides a dual H-bridge motor
driver for home appliances and other mechatronic
applications. The device can be used to drive one
or two DC motors, a bipolar stepper motor, or other
loads. A simple PWM interface allows easy interfacing
to controller circuits.
The output block of each H-bridge driver consists
of N-channel power MOSFETs configured as full Hbridges
to drive the motor windings. The DRV8421
is capable of driving a maximum current of 2A from
each output or 4A in parallel mode (with proper heat
sinking, at 12V and TA = 25°C).
The device contains two versions having a 4-wire
input (DRV8421A) or a 2-wire input (DRV8421B). The
2-wire input version (DRV8421B) contains features
like enable and fault detection, while the 4-wire input
version (DRV8421A) can drive four half bridges based
on signals to four input terminals. A low-power sleep
mode is also provided for the 2-wire input version.
It shuts down internal circuitry to achieve very-low
quiescent current draw. This sleep mode can be set
by pulling the enable pin low.
Internal protection functions are provided for UVLO,
OCP, short-circuit protection, and overtemperature.
Fault conditions are indicated by a nFAULT pin in the
DRV8421B, the 2-wire input device.




Số phần tương tự - DRV8421BDFU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8421BDFU TI1-DRV8421BDFU Datasheet
873Kb / 26P
DRV8421 18V 2A Dual H-Bridge Stepper Driver
JUNE 2024
DRV8421BDFU TI2-DRV8421BDFU Datasheet
1Mb / 36P
DRV8421 18V 2A Dual H-Bridge Stepper Driver
JUNE 2024
DRV8421BDFUR TI2-DRV8421BDFUR Datasheet
1Mb / 36P
DRV8421 18V 2A Dual H-Bridge Stepper Driver
JUNE 2024
More results


Mô tả tương tự - DRV8421BDFU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cherry Semiconductor Co...
CS3717A CHERRY-CS3717A Datasheet
168Kb / 8P
1A H-Bridge Stepper Motor Driver
Rev. 4/29/99
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
2A H-Bridge Driver
Rev. 5/4/99
logo
Asahi Kasei Microsystem...
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
18V Dual H-Bridge Motor Driver IC
AP1013CEN AKM-AP1013CEN Datasheet
539Kb / 15P
18V 1ch H-Bridge Motor Driver IC
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
18V 1ch H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8846 TI-DRV8846_15 Datasheet
1Mb / 35P
DRV8846 Dual H-Bridge Stepper Motor Driver
logo
ON Semiconductor
CS3717A ONSEMI-CS3717A Datasheet
75Kb / 8P
1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Asahi Kasei Microsystem...
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
18V 2ch H-Bridge Motor Driver IC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
18V Dual H-Bridge Motor Driver IC
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com