công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFE3256 bảng dữ liệu (PDF) - Texas Instruments

AFE3256 Datasheet PDF - Texas Instruments
tên linh kiện AFE3256_V01
tải về  AFE3256 tải về
kích thước tập tin   510.66 Kbytes
Page   7 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors

AFE3256 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
AFE3256 Datasheet PDF - Texas Instruments

tên linh kiện AFE3256_V01
tải về  AFE3256 Click to download

kích thước tập tin   510.66 Kbytes
Page   7 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors

AFE3256 bảng dữ liệu (HTML) - Texas Instruments


AFE3256 Thông tin chi tiết sản phẩm

1 Features
• 256 channels
• On-chip, 16-bit ADC
• High performance:
– Noise: 440 electrons RMS
(1.2-pC input charge range)
– Low correlated noise
– Full-channel integral nonlinearity:
±2 LSB at 16 bit
– Scan time: < 16 μs to 204.8 μs
• Integration:
– Programmable full-scale input charge range:
0.3pC to 12.5pC with resolution of 0.3pC
– Internal timing generator (TG)
– Built-in correlated double sampler
– Software programmable electron or hole
integration mode
– Pipelined integrate-and-read for improved
throughput—data-read during integration
– Serial LVDS output
– On-chip temperature sensor
• Simple power supply scheme:
– Single 1.85V power supply operation
• Multiple power modes with power consumption
ranging from 1mW/ch to 2mW/ch
• Power-down modes: sleep and standby
• Binning mode support
• Custom chip-on-film (COF) packages

2 Applications
• Flat-panel, X-ray detectors
• Charge detectors
• Capacitance measurement

3 Description
The AFE3256 is a 256-channel, analog front-end
(AFE) designed to suit the requirements of flat-panel
detector (FPD) based digital X-ray systems. The
device includes 256 integrators, correlated double
samplers (CDSs) with dual banking, and 256:2 analog
multiplexers. The device also features two 16-bit
successive-approximation register (SAR) analog-todigital
converters (ADCs). Serial data from the ADCs
are available in low-voltage differential signaling
(LVDS) format.
The device, also commonly referred to as a readout
integrated circuit (ROIC), optimizes the overall system
performance using features such as multiple power
modes and in-system debug options.
The sleep and standby modes enable substantial
power saving which is critical for battery-powered
systems.




Số phần tương tự - AFE3256_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AFE3256TFU TI-AFE3256TFU Datasheet
506Kb / 6P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
OCTOBER 2023
AFE3256TFU TI2-AFE3256TFU Datasheet
478Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
REVISED APRIL 2024
AFE3256TFU.A TI2-AFE3256TFU.A Datasheet
478Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
REVISED APRIL 2024
AFE3256TFV TI2-AFE3256TFV Datasheet
478Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
REVISED APRIL 2024
AFE3256TFV.A TI2-AFE3256TFV.A Datasheet
478Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
REVISED APRIL 2024
More results


Mô tả tương tự - AFE3256_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
Analog front end for digital video processors
2004 Oct 04
logo
Texas Instruments
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI-AFE0064_13 Datasheet
1Mb / 31P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0256 TI1-AFE0256 Datasheet
2Mb / 5P
256-Channel Analog Front-End for Flat-Panel Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
64 Channel Analog Front End for Digital X-Ray Detector
AFE1256 TI1-AFE1256 Datasheet
398Kb / 10P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256 Datasheet
72Kb / 6P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256_17 Datasheet
126Kb / 7P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2257 TI1-AFE2257 Datasheet
139Kb / 6P
256-Channel, analog front-end for digital X-ray, flat-panel detectors
AFE3256 TI-AFE3256 Datasheet
506Kb / 6P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
OCTOBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com