công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DDS39RF12 bảng dữ liệu (PDF) - Texas Instruments

DDS39RF12 Datasheet PDF - Texas Instruments
tên linh kiện DDS39RF12
tải về  DDS39RF12 tải về
kích thước tập tin   14774.96 Kbytes
Page   226 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface

DDS39RF12 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
DDS39RF12 Datasheet PDF - Texas Instruments

tên linh kiện DDS39RF12
tải về  DDS39RF12 Click to download

kích thước tập tin   14774.96 Kbytes
Page   226 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface

DDS39RF12 bảng dữ liệu (HTML) - Texas Instruments


DDS39RF12 Thông tin chi tiết sản phẩm

1 Features
• 16-bit, 10.24/20.48GSPS, Multi-Nyquist DAC core
• Maximum input data rate:
– 8-bit, Single channel, DES mode: 20.48GSPS
– 12-bit, Single channel, DES mode: 15.5GSPS
– 16-bit, Single channel: 10.24GSPS
– 8-bit, Dual channel, 10.24GSPS
– 12-bit, Dual channel: 7.75GSPS/ch
– 16-bit, Dual channel: 6.2GSPS/ch
• Output bandwidth (-3dB): 12GHz
• Performance at fOUT = 2.997GHz, DES2XL mode,
DEM/Dither off
– Noise floor (small signal): –155dBFS/Hz
– SFDR (-0.1 dBFS) : 60dBc
– IMD3 (-7 dBFS each tone) : –62dBc
– Additive phase noise, 10kHz offset: -138dBc/Hz
• Four integrated digital up-converters (DUC)
– Interpolation: 1x, 2x, 3x, 4x, 6x, 8x ... 256x
– Complex baseband DUC for I/Q output
– Complex to real upconversion for dual channel
direct RF sampling
– 64-bit frequency resolution NCOs
• Fast reconfiguration interface for fast frequency
hopping
– 4-bit data with 200MHz clock
– 60ns reconfiguration (32-bit frequency)
– Any frequency hopping with phase coherence
• JESD204C Interface
– Up to 16 Lanes at up to 12.8Gbps
– Class C-S, Subclass-1 compatible
– Internal AC coupling capacitors
• SYSREF Windowing for automatic SYSREF timing
calibration

2 Applications
• Satellite communications (SATCOM)
• Phased array antenna systems
• Synthetic aperture radar (SAR) exciter
• Wireless communications testers
• Arbitrary waveform generator (AWG)

3 Description
The DAC39RF10 and 'RFS10 are a family of dual and
single channel digital-to-analog converters (DAC) with
16-bit resolution. The devices can be used as noninterpolating
or interpolating DACs for either direct RF
sampling or complex baseband signal generation. The
maximum input data rate is 20.48GSPS for a single
channel or 10.24GSPS for two channels. The devices
can generate signals of up to 10, 7.5, and 5GHz
signal bandwidth (8, 12, and 16-bit input resolution)
at carrier frequencies exceeding 8GHz enabling direct
sampling through C-band and into X-band.
The high sampling rate, output frequency range, 64-
bit NCO frequency resolution and any frequency
hopping with phase coherence also makes the device
capable of arbitrary waveform generation (AWG) and
direct digital synthesis (DDS).
A JESD204B and JESD204C compatible serial
interface has 16 receiver pairs capable of up
to 12.8Gbps. The interface is JESD204B and
JESD204C subclass-1 compliant for deterministic
latency and multi-device synchronization through the
use of SYSREF.




Số phần tương tự - DDS39RF12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DDS39RF12 TI-DDS39RF12 Datasheet
10Mb / 178P
DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
DDS39RF12 TI1-DDS39RF12 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DDS39RF12 TI1-DDS39RF12 Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DDS39RF12 TI1-DDS39RF12 Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DDS39RF12 TI1-DDS39RF12 Datasheet
14Mb / 213P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
MARCH 2024
More results


Mô tả tương tự - DDS39RF12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9207 AD-AD9207 Datasheet
252Kb / 5P
12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
DAC39RF10EF TI1-DAC39RF10EF Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10_V01 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RF12 TI1-DAC39RF12 Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com