công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83TC814X-Q1 bảng dữ liệu (PDF) - Texas Instruments

DP83TC814X-Q1 Datasheet PDF - Texas Instruments
tên linh kiện DP83TC814X-Q1
tải về  DP83TC814X-Q1 tải về
kích thước tập tin   1366.51 Kbytes
Page   13 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện DP83TC817-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with TC10, IEEE802.1AS and IEEE802.1AE MACsec

DP83TC814X-Q1 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
DP83TC814X-Q1 Datasheet PDF - Texas Instruments

tên linh kiện DP83TC814X-Q1
tải về  DP83TC814X-Q1 Click to download

kích thước tập tin   1366.51 Kbytes
Page   13 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện DP83TC817-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with TC10, IEEE802.1AS and IEEE802.1AE MACsec

DP83TC814X-Q1 bảng dữ liệu (HTML) - Texas Instruments


DP83TC814X-Q1 Thông tin chi tiết sản phẩm

1 Features
• IEEE 802.1AE MACsec
– MACsec frame expansion: Inbuilt buffering and
flow control support to handle 12 byte IPG
ethernet frames
– Authentication, encryption at line rate
– Cipher suites: GCM-AES-XPN-128/256, GCMAES-
128/256
– Secure Channel: Total 16 SAK enabling 8
Tx/Rx SC
– Auto rollover support for SAK
– Ingress/Egress classification for Ethertype,
VLAN, DMAC: up to 8 parallel rules
– Window replay protection
• IEEE 802.1AS time synchronization
– Highly accurate 1pps signal < +/-5 ns
– Precise time stamping for MACsec encoded
PTP packets
– Multiple IOs for event capture and trigger
• IEEE 802.3bw & OA 100BASE-T1 compliant
• TC-10 compliant
– < 20μA sleep current
– Fast wake from sleep by retaining PHY
configuration during sleep (optional)
• MAC Interfaces: MII, RMII, RGMII, SGMII
• Pin compatible with TI's 1000BASE-T1 PHY
– Single board design for 100BASE-T1 and
1000BASE-T1 with required BOM change
• Diagnostic tool kit
– Signal Quality Indication (SQI) & Time Domain
Reflectometry (TDR)
– Voltage, Temperature & ESD sensors
• AEC-Q100 qualified for Automotive Applications:
– Temperature grade 1: –40°C to +125 °C

2 Applications
• ADAS
– Radar
• Body Electronics & Lighting
– Body Control Module
– Zone Control Module
• Telematics

3 Description
The DP83TC817-Q1 device is an IEEE 802.3bw
automotive Ethernet physical layer transceiver. The
device provides all physical layer functions needed to
transmit and receive data, and xMII interface flexibility.
DP83TC817-Q1 is compliant to Open Alliance EMC
and interoperable specifications over unshielded
single twisted-pair cable. DP83TC817-Q1 supports
OA TC-10 low power sleep feature with wake
forwarding for reduced system power consumption
when communication is not required.
The DP83TC817-Q1 integrates IEEE 802.1AE
line rate security with authentication and optional
encryption support, to secure communication over
the network. The PHY supports up to 16 secure
association (SA) channels with automatic SAK
rollover and extended packet numbering support.
DP83TC817-Q1 offers ingress classification to filter
the unwanted packets & supports WAN MACsec for
end-to-end security.
DP83TC817-Q1 also integrates 1588v2/802.1AS
to enable highly accurate time synchronization
and hardware timestamping for ADAS applications.
DP83TC817-Q1 also offers precise time stamping and
synchronization with encrypted PTP packets.
DP83TC817-Q1 is footprint compatible to TI's
100BASE-T1 PHYs and 1000BASE-T1 PHYs
enabling design scalability with a single board for
different speeds and features.




Số phần tương tự - DP83TC814X-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DP83TC814X-Q1 TI-DP83TC814X-Q1 Datasheet
5Mb / 177P
DP83TC814x-Q1 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
DP83TC814X-Q1 TI1-DP83TC814X-Q1 Datasheet
1Mb / 14P
DP83TC818S-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with TC10, IEEE802.1AS, IEEE802.1AE MACsec and AVB Clock Generation
MAY 2024
DP83TC814X-Q1 TI-DP83TC814X-Q1 Datasheet
1Mb / 18P
DP83TC817S-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with IEEE802.1AE MACsec, IEEE802.1AS and TC10 Sleep-Wake
OCTOBER 2024
DP83TC814X-Q1 TI2-DP83TC814X-Q1 Datasheet
1Mb / 13P
DP83TC815-Q1 100Base-T1 Automotive Ethernet PHY Transceiver with IEEE802.1AS and TC10 Sleep-Wake
JULY 2025
DP83TC814X-Q1 TI2-DP83TC814X-Q1 Datasheet
3Mb / 177P
DP83TC815-Q1 100Base-T1 Automotive Ethernet PHY Transceiver With IEEE802.1AS and TC10 Sleep-Wake
REVISED NOVEMBER 2025
More results


Mô tả tương tự - DP83TC814X-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TJA1100 NXP-TJA1100 Datasheet
525Kb / 55P
100BASE-T1 PHY for Automotive Ethernet
Rev. 3-23 May 2017
logo
Texas Instruments
DP83TG720S-Q1 TI-DP83TG720S-Q1 Datasheet
2Mb / 199P
DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
DP83TG720R-Q1 TI-DP83TG720R-Q1 Datasheet
2Mb / 129P
DP83TG720R-Q1 1000BASE-T1 Automotive Ethernet PHY
DP83TC812S-Q1 TI-DP83TC812S-Q1 Datasheet
3Mb / 150P
DP83TC812-Q1 TC-10 Compliant 100BASE-T1 Automotive Ethernet PHY
logo
NXP Semiconductors
TJA1101B NXP-TJA1101B Datasheet
1Mb / 58P
100BASE-T1 PHY for automotive Ethernet
Rev. 1-1 March 2021
logo
Texas Instruments
DP83TC814S-Q1 TI-DP83TC814S-Q1 Datasheet
5Mb / 177P
DP83TC814x-Q1 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
DP83TC812S-Q1 TI-DP83TC812S-Q1_V01 Datasheet
5Mb / 196P
DP83TC812x-Q1 TC-10 Compliant 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
DP83TC813S-Q1 TI-DP83TC813S-Q1 Datasheet
5Mb / 195P
DP83TC813x-Q1 TC-10 Compliant Small Form Factor 100BASE-T1 Automotive Ethernet PHY
MAY 2022
logo
NXP Semiconductors
SJA1110 NXP-SJA1110 Datasheet
162Kb / 2P
Multi-Gig Safe and Secure TSN Ethernet Switch with Integrated 100BASE-T1 PHYs
Dec 16, 2022
logo
Texas Instruments
DP83TC811-Q1 TI-DP83TC811-Q1 Datasheet
2Mb / 140P
DP83TC811-Q1 Low Power Automotive 100BASE-T1 Ethernet Physical Layer Transceiver
SEPTEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com