công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV75709PDBVR bảng dữ liệu (PDF) - Texas Instruments

Click here to check the latest version.
TLV75709PDBVR Datasheet PDF - Texas Instruments
tên linh kiện TLV75709PDBVR
tải về  TLV75709PDBVR tải về
kích thước tập tin   2774.28 Kbytes
Page   41 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TLV757P 1A, Low IQ, Small-Size, Low-Dropout Regulator

TLV75709PDBVR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TLV75709PDBVR Datasheet PDF - Texas Instruments

tên linh kiện TLV75709PDBVR
tải về  TLV75709PDBVR Click to download

kích thước tập tin   2774.28 Kbytes
Page   41 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TLV757P 1A, Low IQ, Small-Size, Low-Dropout Regulator

TLV75709PDBVR bảng dữ liệu (HTML) - Texas Instruments


TLV75709PDBVR Thông tin chi tiết sản phẩm

1 Features
• SOT-23 (DYD) package with 60.3°C/W RθJA
available
• Input voltage range: 1.45V to 5.5V
• Available in fixed-output voltages:
– 0.6V to 5V (50mV steps)
• Low IQ: 25μA (typical)
• Low dropout:
– 425mV (maximum) at 1A (3.3VOUT)
• Output accuracy: 1% (maximum)
• Built-in soft-start with monotonic VOUT rise
• Foldback current limit
• Active output discharge
• High PSRR: 45dB at 100kHz
• Stable with a 1μF ceramic output capacitor
• Packages:
– 2.9mm × 2.8mm SOT-23-5 (DBV)
– 2.9mm × 2.8mm SOT-23-5 (DYD) with thermal
pad
– 2mm × 2mm WSON-6 (DRV)

2 Applications
• Set-top boxes, TV, and gaming consoles
• Portable and battery-powered equipment
• Desktops, notebooks, and ultrabooks
• Tablets and remote controls
• White goods and appliances
• Grid infrastructure and protection relays
• Camera modules and image sensors

3 Description
The TLV757P low-dropout regulator (LDO) is an
ultra-small, low quiescent current LDO that sources
1A with good line and load transient performance.
The TLV757P is optimized for a wide variety of
applications by supporting an input voltage range from
1.45V to 5.5V. To minimize cost and solution size,
the device is offered in fixed output voltages ranging
from 0.6V to 5V. This range supports the lower
core voltages of modern microcontrollers (MCUs).
Additionally, the TLV757P has a low IQ with enable
functionality to minimize standby power. This device
features an internal soft-start to lower the inrush
current. This feature provides a controlled voltage to
the load and minimizes the input voltage drop during
start-up. When shutdown, the device actively pulls
down the output to quickly discharge the outputs and
provides a known start-up state.
The TLV757P is stable with small ceramic output
capacitors allowing for a small overall solution size.
A precision band-gap and error amplifier provides
a typical accuracy of 1%. All device versions
have integrated thermal shutdown, current limit, and
undervoltage lockout (UVLO). The TLV757P has
an internal foldback current limit that helps reduce
thermal dissipation during short-circuit events.
The TLV757 is available in the popular SON and
SOT23-5 packages. This device is also available in
a thermally enhanced SOT23-5 package (DYD) with
a thermal pad. This package provides significantly
reduced thermal resistance compared to a standard
SOT23-5 package.




Số phần tương tự - TLV75709PDBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLV75709PDBVR TI1-TLV75709PDBVR Datasheet
2Mb / 38P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV75709PDBVR TI2-TLV75709PDBVR Datasheet
2Mb / 41P
TLV757P 1A, Low IQ, Small-Size, Low-Dropout Regulator
REVISED MARCH 2024
TLV75709PDBVR.A TI2-TLV75709PDBVR.A Datasheet
2Mb / 41P
TLV757P 1A, Low IQ, Small-Size, Low-Dropout Regulator
REVISED MARCH 2024
More results


Mô tả tương tự - TLV75709PDBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
Texas Instruments
TLV757P TI1-TLV757P Datasheet
620Kb / 22P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV757P TI1-TLV757P_18 Datasheet
2Mb / 34P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_18 Datasheet
1Mb / 30P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV757P_018 TI1-TLV757P_018 Datasheet
2Mb / 38P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
500-mA, Low IQ, Small Size, Low Dropout Regulator
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com