|
Features
■Threaded barrel, M12 x 1
■Chrome-plated brass
■For temperatures up to -40 °C
■Rated operating distance 90mm with
DMR31-15-5 magnet
■DC 3‐wire, 10…65 VDC
■NO contact, PNP output
■Male connector, M12 x 1
Functional principle
Magnetic inductive proximity sensors are
actuated by magnetic fields and are thus
capable of detecting permanent magnets
through non‐ferromagnetic materials (e.g. wood,
plastic, non‐ferrous metals, aluminium, stainless
steel).
Thus it is possible to achieve large switching
distances even with smaller housing styles.
In combination with the actuation magnet
DMR31‐15‐5 TURCK sensors feature a
relatively high switching distance. Thus there
are multiple detection possibilities, particularly
if the mounting space is limited or other difficult
sensing conditions prevail.
|