công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MFRC63103HNE bảng dữ liệu (PDF) - NXP Semiconductors

MFRC63103HNE Datasheet PDF - NXP Semiconductors
tên linh kiện MFRC63103HNE
tải về  MFRC63103HNE tải về
kích thước tập tin   1565.86 Kbytes
Page   143 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus

MFRC63103HNE Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MFRC63103HNE Datasheet PDF - NXP Semiconductors

tên linh kiện MFRC63103HNE
tải về  MFRC63103HNE Click to download

kích thước tập tin   1565.86 Kbytes
Page   143 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus

MFRC63103HNE bảng dữ liệu (HTML) - NXP Semiconductors


MFRC63103HNE Thông tin chi tiết sản phẩm

1 General description
MFRC631, the cost efficient NFC frontend for payment.
The MFRC631 multi-protocol NFC frontend IC supports the following operating modes:
• Read/write mode supporting ISO/IEC 14443 type A and MIFARE Classic communication mode
• Read/write mode supporting ISO/IEC 14443B
The MFRC631’s internal transmitter is able to drive a reader/writer antenna designed to communicate with
ISO/IEC 14443A and MIFARE Classic IC-based cards and transponders without additional active circuitry. The
digital module manages the complete ISO/IEC 14443A framing and error detection functionality (parity and
CRC).
The MFRC631 supports MIFARE Classic with 1K memory, MIFARE Classic with 4K memory, MIFARE Ultralight,
MIFARE Ultralight C, MIFARE Plus and MIFARE DESFire products. The MFRC631 supports higher transfer
speeds of the MIFARE product family up to 848 kbit/s in both directions.
The MFRC631 supports layer 2 and 3 of the ISO/IEC 14443B reader/writer communication scheme except
anticollision. The anticollision needs to be implemented in the firmware of the host controller as well as in the
upper layers.
The following host interfaces are supported:
• Serial Peripheral Interface (SPI)
• Serial UART (similar to RS232 with voltage levels dependent on pin voltage supply)
• I2C-bus interface (two versions are implemented: I2C and I2CL)
The MFRC631 supports the connection of a secure access module (SAM). A dedicated separate I2C interface is implemented for a connection of the SAM. The SAM can be used for high secure key storage and acts as a very performant crypto coprocessor. A dedicated SAM is available for connection to the MFRC631. In this document the term „MIFARE Classic card“ refers to a MIFARE Classic IC-based contactless card.
2 Features and benefits
• Includes NXP ISO/IEC14443-A and Innovatron ISO/IEC14443-B intellectual property licensing rights
• High-performance multi-protocol NFC frontend for transfer speed up to 848 kbit/s
• Supports ISO/IEC 14443 type A, MIFARE Classic and ISO/IEC 14443 B modes
• Supports MIFARE Classic product encryption by hardware in read/write mode
Allows reading cards based on MIFARE Ultralight, MIFARE Classic with 1 kB memory, MIFARE Classic with 4
kB memory, MIFARE DESFire EV1, MIFARE DESFire EV2 and MIFARE Plus ICs.
• Low-power card detection
• Compliance to "EMV contactless protocol specification V2.3.1" on RF level can be achieved
• Antenna connection with minimum number of external components
• Supported host interfaces:
– SPI up to 10 Mbit/s
– I2C-bus interfaces up to 400 kBd in Fast mode, up to 1000 kBd in Fast mode plus
– RS232 Serial UART up to 1228.8 kBd, with voltage levels dependent on pin voltage supply
• Separate I2C-bus interface for connection of a secure access module (SAM)
• FIFO buffer with size of 512 byte for highest transaction performance
• Flexible and efficient power saving modes including hard power down, standby and low-power card detection
• Cost saving by integrated PLL to derive system clock from 27.12 MHz RF quartz crystal
• 3 V to 5.5 V power supply (MFRC63102)
2.5 V to 5.5 V power supply (MFRC63103)
• Up to 8 free programmable input/output pins
• Typical operating distance in read/write mode for communication to a ISO/IEC 14443 type A and MIFARE
Classic card up to 12 cm, depending on the antenna size and tuning
The version CLRC63103 offers a more flexible configuration for Low-Power Card detection compared to
the CLRC63102 with the new register LPCD_OPTIONS. In addition, the CLRC63103 offers new additional
settings for the Load Protocol which fit very well to smaller antennas. The CLRC63103 is therefore the
recommended version for new designs.
3 Applications
• Reader for MIFARE product-based cards
• Industrial
• Access control
• Gaming
• Closed loop payment




Số phần tương tự - MFRC63103HNE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MFRC63103HN NXP-MFRC63103HN Datasheet
1Mb / 149P
High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
MFRC63103HNR NXP-MFRC63103HNR Datasheet
1Mb / 149P
High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
MFRC63103HNT NXP-MFRC63103HNT Datasheet
1Mb / 149P
High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
MFRC63103HNTR NXP-MFRC63103HNTR Datasheet
1Mb / 149P
High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
MFRC63103HNTRAYB NXP-MFRC63103HNTRAYB Datasheet
1Mb / 149P
High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
More results


Mô tả tương tự - MFRC63103HNE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ams AG
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
Maxim Integrated Produc...
MAX66000 MAXIM-MAX66000 Datasheet
288Kb / 21P
ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function
Rev 0; 1/11
MAX66020 MAXIM-MAX66020 Datasheet
360Kb / 25P
ISO/IEC 14443 Type B-Compliant 1Kb Memory Fob Read and Write (64-Bit Block)
Rev 0; 12/10
MAX66040 MAXIM-MAX66040 Datasheet
331Kb / 25P
ISO/IEC 14443 Type B-Compliant Secure Memory Supports AFI and CID Function
Rev 0; 1/11
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
NXP Semiconductors
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
MFRC631 NXP-MFRC631 Datasheet
1Mb / 149P
High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
More results




Giới thiệu về NXP Semiconductors


NXP S bán dẫn là một công ty đa quốc gia được giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các chất bán dẫn và mạch tích hợp cho các ứng dụng khác nhau, bao gồm thị trường ô tô, công nghiệp, truyền thông và tiêu dùng.

Công ty được thành lập vào năm 2006 và có trụ sở tại Eindhoven, Hà Lan.

NXP cung cấp một danh mục sản phẩm rộng lớn, bao gồm vi điều khiển, bộ vi xử lý, IC xác thực an toàn, ICS quản lý năng lượng, RF và các thành phần vi sóng và các giải pháp cảm biến, trong số các thành phần khác.

Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, an toàn và đáng tin cậy và được sử dụng trong nhiều ứng dụng khác nhau, bao gồm hệ thống ô tô, tự động hóa và kiểm soát công nghiệp, nhà thông minh và tòa nhà, và các thiết bị được kết nối.

NXP dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của họ.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com